Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VBUS54ED-FBL Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VBUS54ED-FBL
Description  4-Line BUS-Port ESD Protection - Flow Through Design
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VBUS54ED-FBL Datasheet(HTML) 3 Page - Vishay Siliconix

  VBUS54ED-FBL Datasheet HTML 1Page - Vishay Siliconix VBUS54ED-FBL Datasheet HTML 2Page - Vishay Siliconix VBUS54ED-FBL Datasheet HTML 3Page - Vishay Siliconix VBUS54ED-FBL Datasheet HTML 4Page - Vishay Siliconix VBUS54ED-FBL Datasheet HTML 5Page - Vishay Siliconix VBUS54ED-FBL Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VBUS54ED-FBL
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 15-Aug-11
3
Document Number: 82414
For technical questions, contact: ESDprotection@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - ESD Discharge Current Wave Form
acc. IEC 61000-4-2 (330
/150 pF)
Fig. 2 - 8/20 μs Peak Pulse Current Wave Form
acc. IEC 61000-4-5
Fig. 3 - Typical Capacitance CD vs. Reverse Voltage VR
Fig. 4 - Typical Forward Current IF vs. Forward Voltage VF
Fig. 5 - Typical Reverse Voltage VR vs.
Reverse Current IR
Fig. 6 - Typical Peak Clamping Voltage VC vs.
Peak Pulse Current IPP
0 %
20 %
40 %
60 %
80 %
100 %
120 %
- 10 0 10 20 30 40 50 60 70 80 90 100
Time (ns)
Rise time = 0.7 ns to 1 ns
53 %
27 %
20557
0 %
20 %
40 %
60 %
80 %
100 %
010
20
30
40
Time (µs)
20 µs to 50 %
8 µs to 100 %
20548
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0123456
f = 1 MHz
Pin 1, 2, 4 or 5 to Pin 3 and 8
Second pin at 0 V
Second pin at 5 V
Second pin at 3.3 V
22554
VR in (V)
0.001
0.01
0.1
1
10
100
0.5
0.6
0.7
0.8
0.9
1
1.1
22555
V
F (V)
BiAs-mode
0
1
2
3
4
5
6
7
8
0.01
0.1
1
10
100
1000 10 000
Pin 1, 2, 4 or 5 to Pin 3
22556
I
R (µA)
-6
-4
-2
0
2
4
6
8
10
12
14
0123
V
C
Pin 1, 2, 4 or 5 to Pin 3
(reverse)
Pin 3 to Pin 1, 2, 4 or 5
(forward)
Measured acc. IEC 61000-4-5
(8/20 μs - wave form)
IPP (A)


Similar Part No. - VBUS54ED-FBL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBUS54CV-HSF VISHAY-VBUS54CV-HSF Datasheet
173Kb / 7P
   4-Line BUS-Port ESD Protection
Rev. 1.2, 03-May-17
VBUS54CV-HSF VISHAY-VBUS54CV-HSF Datasheet
180Kb / 7P
   4-Line BUS-Port ESD Protection
01-Jan-2022
VBUS54CV-HSF VISHAY-VBUS54CV-HSF_V01 Datasheet
180Kb / 7P
   4-Line BUS-Port ESD Protection
01-Jan-2022
VBUS54DD-HS4 VISHAY-VBUS54DD-HS4 Datasheet
131Kb / 5P
   4-Line BUS-port ESD-protection
Rev. 1.0, 18-Apr-11
VBUS54DD-HS4 VISHAY-VBUS54DD-HS4 Datasheet
152Kb / 6P
   4-Line BUS-Port ESD Protection
Rev. 1.5, 04-Jan-2019
More results

Similar Description - VBUS54ED-FBL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBUS54GD-FBL VISHAY-VBUS54GD-FBL Datasheet
136Kb / 8P
   4-Line BUS-Port ESD Protection - Flow Through Design
Rev. 1.2, 03-May-17
VBUS054CD-FHI VISHAY-VBUS054CD-FHI Datasheet
131Kb / 7P
   4-Line BUS-Port ESD-Protection - Flow Through Design
Rev. 1.4, 31-May-12
VBUS54FD-SD1 VISHAY-VBUS54FD-SD1 Datasheet
113Kb / 6P
   4-Line BUS-Port ESD Protection Array - Flow Through Design
Rev. 1.1, 20-Sep-16
VBUS54FD-SD1 VISHAY-VBUS54FD-SD1_V01 Datasheet
137Kb / 6P
   4-Line BUS-Port ESD Protection Array - Flow Through Design
01-Jan-2022
VBUS052CD-FAH VISHAY-VBUS052CD-FAH Datasheet
646Kb / 6P
   2-Line BUS-Port ESD-Protection - Flow Through Design
Rev. 1.2, 19-May-10
VBUS052C-FAH VISHAY-VBUS052C-FAH Datasheet
136Kb / 7P
   2-Line BUS-Port ESD Protection - Flow Through Design
Rev. 1.7, 14-Oct-2019
VBUS052CD-FAH VISHAY-VBUS052CD-FAH_V01 Datasheet
137Kb / 7P
   2-Line BUS-Port ESD Protection - Flow Through Design
01-Jan-2022
VBUS052CD-FAH-GS08 VISHAY-VBUS052CD-FAH-GS08 Datasheet
139Kb / 7P
   2-Line BUS-Port ESD-Protection - Flow Through Design
Rev. 1.3, 31-May-12
VBUS54CV-HSF VISHAY-VBUS54CV-HSF Datasheet
173Kb / 7P
   4-Line BUS-Port ESD Protection
Rev. 1.2, 03-May-17
VBUS054B-HS3 VISHAY-VBUS054B-HS3 Datasheet
309Kb / 9P
   4-Line BUS-port ESD-protection
Rev. 1.4, 07-Oct-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com