Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCUT0505B-HD1-GS08 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VCUT0505B-HD1-GS08
Description  Bidirectional Symmetrical (BiSy) Single Line ESD-Protection Diode in LLP1006-2L
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCUT0505B-HD1-GS08 Datasheet(HTML) 2 Page - Vishay Siliconix

  VCUT0505B-HD1-GS08 Datasheet HTML 1Page - Vishay Siliconix VCUT0505B-HD1-GS08 Datasheet HTML 2Page - Vishay Siliconix VCUT0505B-HD1-GS08 Datasheet HTML 3Page - Vishay Siliconix VCUT0505B-HD1-GS08 Datasheet HTML 4Page - Vishay Siliconix VCUT0505B-HD1-GS08 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions, contact: ESDprotection@vishay.com
Document Number: 81852
2
Rev. 1.6, 26-Oct-10
VCUT0505B-HD1
Vishay Semiconductors Bidirectional Symmetrical (BiSy) Single Line
ESD-Protection Diode in LLP1006-2L
CUT THE SPIKES WITH VCUT0505B-HD1:
The VCUT0505B-HD1 is a Bidirectional and Symmetrical (BiSy) ESD-protection device which clamps positive and negative
overvoltage transients to ground. Connected between the signal or data line and the ground the VCUT0505B-HD1 offers a high
isolation (low leakage current, low capacitance) within the specified working range. Due to the short leads and small package
size of the tiny LLP1006-2L package the line inductance is very low, so that fast transients like an ESD-strike can be clamped
with minimal over- or undershoots.
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - ESD Discharge Current Wave Form
acc. IEC 61000-4-2 (330
Ω/150 pF)
Fig. 2 - 8/20 µs Peak Pulse Current Wave Form
acc. IEC 61000-4-5
Fig. 3 - Typical Capacitance CD vs. Reverse Voltage VR
Fig. 4 - Typical Reverse Voltage VR vs. Reverse Current IR
0 %
20 %
40 %
60 %
80 %
100 %
120 %
- 10 0 10 20 30 40 50 60 70 80 90 100
Time (ns)
Rise time = 0.7 ns to 1 ns
53 %
27 %
20557
0 %
20 %
40 %
60 %
80 %
100 %
010
20
30
40
Time (µs)
20 µs to 50 %
8 µs to 100 %
20548
0
2
4
6
8
10
12
14
16
18
20
0123456
VR (V)
21122
f = 1 MHz
- 10
- 8
- 6
- 4
- 2
0
2
4
6
8
10
0.01
0.1
1
10
100
1000 10 000
IR (µA)
21123
Pin 1 to 2


Similar Part No. - VCUT0505B-HD1-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCUT0505B-HD1 VISHAY-VCUT0505B-HD1 Datasheet
134Kb / 5P
   Bidirectional Symmetrical (BiSy) Single Line ESD Protection Diode in LLP1006-2L
Rev. 2.3, 03-Jan-2019
VCUT0505B-HD1 VISHAY-VCUT0505B-HD1 Datasheet
135Kb / 5P
   Bidirectional Symmetrical (BiSy) Single Line ESD Protection Diode in LLP1006-2L
01-Jan-2022
VCUT0505B-HD1 VISHAY-VCUT0505B-HD1_V01 Datasheet
135Kb / 5P
   Bidirectional Symmetrical (BiSy) Single Line ESD Protection Diode in LLP1006-2L
01-Jan-2022
More results

Similar Description - VCUT0505B-HD1-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCUT07B1-HD1 VISHAY-VCUT07B1-HD1_V01 Datasheet
333Kb / 5P
   Bidirectional Symmetrical (BiSy) Single Line ESD Protection Diode in LLP1006-2L
01-Jan-2022
VCUT0505B-HD1 VISHAY-VCUT0505B-HD1_V01 Datasheet
135Kb / 5P
   Bidirectional Symmetrical (BiSy) Single Line ESD Protection Diode in LLP1006-2L
01-Jan-2022
VCUT07B1-HD1 VISHAY-VCUT07B1-HD1 Datasheet
320Kb / 5P
   Bidirectional Symmetrical (BiSy) Single Line ESD-Protection Diode in LLP1006-2L
Rev. 1.1, 31-May-12
VCUT0505-HD1 VISHAY-VCUT0505-HD1 Datasheet
134Kb / 5P
   Bidirectional Symmetrical (BiSy) Single Line ESD Protection Diode in LLP1006-2L
Rev. 2.3, 03-Jan-2019
VCUT05B1-DD1 VISHAY-VCUT05B1-DD1 Datasheet
97Kb / 5P
   Bidirectional Symmetrical (BiSy) Single Line ESD-Protection Diode in LLP1006-2M
Rev. 1.1, 24-Feb-11
VCUT03B1-DD1 VISHAY-VCUT03B1-DD1 Datasheet
464Kb / 5P
   Bidirectional Symmetrical (BiSy) Single Line ESD-Protection Diode in LLP1006-2M
Rev. 1.3, 13-Jul-10
VCUT03B1-DD1 VISHAY-VCUT03B1-DD1_V01 Datasheet
110Kb / 5P
   Bidirectional Symmetrical (BiSy) Single Line ESD-Protection Diode in LLP1006-2M
01-Jan-2022
VCUT05B1-DD1 VISHAY-VCUT05B1-DD1_V01 Datasheet
121Kb / 5P
   Bidirectional Symmetrical (BiSy) Single Line ESD Protection Diode in LLP1006-2M
01-Jan-2022
VCUT05B1-DD1-G-08 VISHAY-VCUT05B1-DD1-G-08 Datasheet
112Kb / 5P
   Bidirectional Symmetrical (BiSy) Single Line ESD-Protection Diode in LLP1006-2M
Rev. 1.2, 21-Jun-12
VCUT05B1DD1 VISHAY-VCUT05B1DD1 Datasheet
124Kb / 5P
   Bidirectional Symmetrical (BiSy) Single Line ESD Protection Diode in LLP1006-2M
Rev. 1.9, 20-Sep-2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com