Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC817-16 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BC817-16
Description  NPN Silicon AF Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC817-16 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BC817-16 Datasheet HTML 1Page - Siemens Semiconductor Group BC817-16 Datasheet HTML 2Page - Siemens Semiconductor Group BC817-16 Datasheet HTML 3Page - Siemens Semiconductor Group BC817-16 Datasheet HTML 4Page - Siemens Semiconductor Group BC817-16 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Semiconductor Group
3
BC 817
BC 818
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
DC current gain1)
IC = 100 mA; VCE = 1 V
BC 817-16, BC 818-16
BC 817-25, BC 818-25
BC 817-40, BC 818-40
IC = 300 mA; VCE = 1 V
BC 817-16, BC 818-16
BC 817-25, BC 818-25
BC 817-40, BC 818-40
hFE
100
160
250
60
100
170
160
250
350
250
400
630
V
Collector-emitter breakdown voltage
IC = 10 mA
BC 817
BC 818
V(BR)CE0
45
25
nA
µA
Collector cutoff current
VCB = 25 V
VCB = 25 V, TA = 150 ˚C
ICB0
100
50
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
Collector-base breakdown voltage
IC = 100
µA
BC 817
BC 818
V(BR)CB0
50
30
Emitter-base breakdown voltage, IE = 10
µA
V(BR)EB0
5––
V
Collector-emitter saturation voltage1)
IC = 500 mA; IB = 50 mA
VCEsat
0.7
Base-emitter saturation voltage1)
IC = 500 mA; IB = 50 mA
VBEsat
––2
nA
Emitter cutoff current, VEB = 4 V
IEB0
100
MHz
Transition frequency
IC = 50 mA, VCE = 5 V, f = 20 MHz
fT
170
AC characteristics
pF
Output capacitance
VCB = 10 V, f = 1 MHz
Cobo
–6–
Input capacitance
VEB = 0.5 V, f = 1 MHz
Cibo
–60
1)
Pulse test: t
300 µs, D 2%.


Similar Part No. - BC817-16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC817-16 PHILIPS-BC817-16 Datasheet
47Kb / 8P
   NPN general purpose transistor
1999 Jun 01
logo
Yea Shin Technology Co....
BC817-16 YEASHIN-BC817-16 Datasheet
629Kb / 3P
   General Purpose Transistors
logo
Goodwork Semiconductor ...
BC817-16 GWSEMI-BC817-16 Datasheet
276Kb / 3P
   NPN Silicon Epitaxial Planar Transistors
logo
Galaxy Semi-Conductor H...
BC817-16 BILIN-BC817-16 Datasheet
171Kb / 4P
   NPN General Purpose Amplifier
logo
SHENZHEN YONGERJIA INDU...
BC817-16 WINNERJOIN-BC817-16 Datasheet
225Kb / 2P
   NPN EPTTAXIAL SILICON TRANSISTOR
More results

Similar Description - BC817-16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
   NPN Silicon AF Transistors
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
   NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
   NPN Silicon AF Transistors
2011-09-09
BCP54E-6327 INFINEON-BCP54E-6327 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BC846 INFINEON-BC846 Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com