Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VEMT2500X01 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VEMT2500X01
Description  Silicon NPN Phototransistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VEMT2500X01 Datasheet(HTML) 3 Page - Vishay Siliconix

  VEMT2500X01 Datasheet HTML 1Page - Vishay Siliconix VEMT2500X01 Datasheet HTML 2Page - Vishay Siliconix VEMT2500X01 Datasheet HTML 3Page - Vishay Siliconix VEMT2500X01 Datasheet HTML 4Page - Vishay Siliconix VEMT2500X01 Datasheet HTML 5Page - Vishay Siliconix VEMT2500X01 Datasheet HTML 6Page - Vishay Siliconix VEMT2500X01 Datasheet HTML 7Page - Vishay Siliconix VEMT2500X01 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 81134
For technical questions, contact: detectortechsupport@vishay.com
www.vishay.com
Rev. 1.1, 21-Feb-11
3
VEMT2500X01, VEMT2520X01
Silicon NPN Phototransistor
Vishay Semiconductors
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 2 - Collector Dark Current vs. Ambient Temperature
Fig. 3 - Collector Light Current vs. Irradiance
Fig. 4 - Rise/Fall Time vs. Collector Current
Fig. 5 - Relative Spectral Sensitivity vs. Wavelength
Fig. 6 - Relative Radiant Sensitivity vs. Angular Displacement
Fig. 7 - Relative Collector Current vs. Ambient Temperature
1
10
100
1000
10 000
0
1020
3040
5060
7080
90 100
T
amb - Ambient Temperature (°C)
I
F = 0
V
CE = 70 V
V
CE = 25 V
V
CE =
5 V
20594
E
e - Irradiance (mW/cm²)
21573
0.01
0.1
1
10
100
0.01
0.1
1
10
V
CE = 5 V,
λ = 950 nm
0
10
20
30
40
50
60
70
80
90
100
0
250
500
750 1000 1250 1500 1750 2000
I
C - Collector Current (µA)
t
f
t
r
20599
R
L = 100 Ω
0
0.2
0.4
0.6
0.8
1.0
1.2
400
500
600
700
800
900
1000 1100
21555
λ - Wavelength (nm)
94 8248
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
0
0.2
0.4
0
0.6
0.8
1.0
1.2
1.4
2.0
20
40
60
80
100
1.6
1.8
λ
94 8239
Tamb - Ambient Temperature (°C)
V
CE = 5 V
E
e = 1 mW/cm
2
= 950 nm


Similar Part No. - VEMT2500X01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VEMT2500X01 VISHAY-VEMT2500X01 Datasheet
132Kb / 8P
   Silicon NPN Phototransistor Package form: GW, RGW
Rev. 1.0, 29-Apr-09
VEMT2500X01 VISHAY-VEMT2500X01 Datasheet
149Kb / 8P
   Silicon NPN Phototransistor
Rev. 1.2, 24-Aug-11
VEMT2500X01 VISHAY-VEMT2500X01 Datasheet
146Kb / 8P
   Silicon NPN Phototransistor
01-Jan-2022
VEMT2500X01 VISHAY-VEMT2500X01 Datasheet
146Kb / 8P
   Silicon NPN Phototransistor
01-Jan-2022
VEMT2500X01 VISHAY-VEMT2500X01 Datasheet
146Kb / 8P
   Silicon NPN Phototransistor
01-Jan-2023
More results

Similar Description - VEMT2500X01

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PN108CL PANASONIC-PN108CL Datasheet
63Kb / 3P
   Silicon NPN Phototransistor
PNZ163NC PANASONIC-PNZ163NC Datasheet
323Kb / 3P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
TEKT5400S VISHAY-TEKT5400S Datasheet
166Kb / 7P
   Silicon NPN Phototransistor
Rev. 1, 24-May-02
logo
Panasonic Semiconductor
PNZ1270 PANASONIC-PNZ1270 Datasheet
45Kb / 2P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
S350P VISHAY-S350P Datasheet
75Kb / 5P
   Silicon NPN Phototransistor
Rev. 2, 20-May-99
TEMT1000 VISHAY-TEMT1000 Datasheet
79Kb / 5P
   Silicon NPN Phototransistor
Rev. 4, 17-Feb-00
logo
Panasonic Semiconductor
PNZ121S PANASONIC-PNZ121S Datasheet
44Kb / 2P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
BPW85 VISHAY-BPW85_14 Datasheet
105Kb / 6P
   Silicon NPN Phototransistor
Rev. 2.1, 04-Aug-14
T1070P VISHAY-T1070P_14 Datasheet
90Kb / 4P
   Silicon NPN Phototransistor
Rev. 1.7, 29-Sep-14
T1090P6 VISHAY-T1090P6 Datasheet
135Kb / 5P
   Silicon NPN Phototransistor
Rev. 1.0, 26-Sep-14
BPW17N VISHAY-BPW17N_08 Datasheet
91Kb / 5P
   Silicon NPN Phototransistor,
Rev. 1.7, 08-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com