Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VEMT4700F Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VEMT4700F
Description  Silicon NPN Phototransistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VEMT4700F Datasheet(HTML) 4 Page - Vishay Siliconix

  VEMT4700F Datasheet HTML 1Page - Vishay Siliconix VEMT4700F Datasheet HTML 2Page - Vishay Siliconix VEMT4700F Datasheet HTML 3Page - Vishay Siliconix VEMT4700F Datasheet HTML 4Page - Vishay Siliconix VEMT4700F Datasheet HTML 5Page - Vishay Siliconix VEMT4700F Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
For technical questions, contact: detectortechsupport@vishay.com
Document Number: 81120
4
Rev. 1.1, 14-Jul-10
VEMT4700F
Vishay Semiconductors
Silicon NPN Phototransistor
Fig. 8 - Relative Spectral Sensitivity vs. Wavelength
Fig. 9 - Relative Radiant Sensitivity vs. Angular Displacement
PACKAGE DIMENSIONS in millimeters
SOLDER PROFILE
Fig. 10 - Lead (Pb)-free Reflow Solder Profile acc. J-STD-020
DRYPACK
Devices are packed in moisture barrier bags (MBB) to
prevent the products from moisture absorption during
transportation and storage. Each bag contains a desiccant.
FLOOR LIFE
Floor life (time between soldering and removing from MBB)
must not exceed the time indicated on MBB label:
Floor life: 168 h
Conditions: Tamb < 30 °C, RH < 60 %
Moisture sensitivity level 3, acc. to J-STD-020.
DRYING
In case of moisture absorption devices should be baked
before soldering. Conditions see J-STD-020 or label.
Devices taped on reel dry using recommended conditions
192 h at 40 °C (+ 5 °C), RH < 5 %.
750
850
950
1050
0
0.2
0.4
0.6
0.8
1.2
λ - Wavelength (nm)
1150
94 8408
1.0
0.4
0.2
0
94 8318
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
Mounting Pad Layout
1.2
1.6 (1.9)
area covered with
solder resist
Dimensions: IR and vaporphase
(wave soldering)
4
21439
0
50
100
150
200
250
300
0
50
100
150
200
250
300
240 °C
245 °C
max. 260 °C
max. 120 s
max. 100 s
217 °C
max. 30 s
max. ramp up 3 °C/s max. ramp down 6 °C/s
255 °C


Similar Part No. - VEMT4700F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VEMT4700F VISHAY-VEMT4700F Datasheet
129Kb / 6P
   Silicon NPN Phototransistor
01-Jan-2022
VEMT4700F-GS08 VISHAY-VEMT4700F-GS08 Datasheet
129Kb / 6P
   Silicon NPN Phototransistor
01-Jan-2022
VEMT4700F-GS18 VISHAY-VEMT4700F-GS18 Datasheet
129Kb / 6P
   Silicon NPN Phototransistor
01-Jan-2022
VEMT4700F VISHAY-VEMT4700F_V01 Datasheet
129Kb / 6P
   Silicon NPN Phototransistor
01-Jan-2022
More results

Similar Description - VEMT4700F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PN108CL PANASONIC-PN108CL Datasheet
63Kb / 3P
   Silicon NPN Phototransistor
PNZ163NC PANASONIC-PNZ163NC Datasheet
323Kb / 3P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
TEKT5400S VISHAY-TEKT5400S Datasheet
166Kb / 7P
   Silicon NPN Phototransistor
Rev. 1, 24-May-02
logo
Panasonic Semiconductor
PNZ1270 PANASONIC-PNZ1270 Datasheet
45Kb / 2P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
S350P VISHAY-S350P Datasheet
75Kb / 5P
   Silicon NPN Phototransistor
Rev. 2, 20-May-99
TEMT1000 VISHAY-TEMT1000 Datasheet
79Kb / 5P
   Silicon NPN Phototransistor
Rev. 4, 17-Feb-00
logo
Panasonic Semiconductor
PNZ121S PANASONIC-PNZ121S Datasheet
44Kb / 2P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
BPW85 VISHAY-BPW85_14 Datasheet
105Kb / 6P
   Silicon NPN Phototransistor
Rev. 2.1, 04-Aug-14
T1070P VISHAY-T1070P_14 Datasheet
90Kb / 4P
   Silicon NPN Phototransistor
Rev. 1.7, 29-Sep-14
T1090P6 VISHAY-T1090P6 Datasheet
135Kb / 5P
   Silicon NPN Phototransistor
Rev. 1.0, 26-Sep-14
BPW17N VISHAY-BPW17N_08 Datasheet
91Kb / 5P
   Silicon NPN Phototransistor,
Rev. 1.7, 08-Sep-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com