Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VESD05A8B-HNH Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VESD05A8B-HNH
Description  8-Line ESD-Protection Diode Array in LLP1713-9L
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VESD05A8B-HNH Datasheet(HTML) 3 Page - Vishay Siliconix

  VESD05A8B-HNH Datasheet HTML 1Page - Vishay Siliconix VESD05A8B-HNH Datasheet HTML 2Page - Vishay Siliconix VESD05A8B-HNH Datasheet HTML 3Page - Vishay Siliconix VESD05A8B-HNH Datasheet HTML 4Page - Vishay Siliconix VESD05A8B-HNH Datasheet HTML 5Page - Vishay Siliconix VESD05A8B-HNH Datasheet HTML 6Page - Vishay Siliconix VESD05A8B-HNH Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VESD05A8B-HNH
Document Number 81741
Rev. 1.2, 11-Jun-10
Vishay Semiconductors
www.vishay.com
3
For technical support, please contact: ESDProtection@vishay.com
Electrical Characteristics
Ratings at 25 °C, ambient temperature unless otherwise specified
VESD05A8B-HNH
BiAs mode: each input (pin 1 - pin 8) to ground (pin 9)
If a higher surge current or Peak Pulse current (IPP) is needed, some protection diodes in the
VESD05A8B-HNH can also be used in parallel in order to "multiply" the performance.
If two diodes are switched in parallel you get
double surge power = double peak pulse current (2 x IPPM)
half of the line inductance = reduced clamping voltage
half of the line resistance = reduced clamping voltage
double line Capacitance (2 x CD)
double Reverse leakage current (2 x IR)
Parameter
Test conditions/remarks
Symbol
Min.
Typ.
Max.
Unit
Protection paths
Number of line which can be protected
N lines
8
lines
Reverse current
at IR = 0.5 µA
VRWM
5V
Max. reverse current
at VR = VRWM = 5 V
IR
0.5
µA
Min. reverse breakdown
voltage
at IR = 1 mA
VBR
68
V
Max. clamping voltage
at IPP = 4 A acc. IEC 61000-4-5
VC
13
V
Max. forward clamping
voltage
at IF = 4 A acc. IEC 61000-4-5
VF
4.5
V
Line capacitance
at VR = 0 V; f = 1 MHz
CD
20
23
pF
at VR = 2.5 V; f = 1 MHz
CD
12
14
pF
L1
L4
L2
L3
20525
1
2
3
4
8
7
6
5
9


Similar Part No. - VESD05A8B-HNH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VESD05A8B-HNH VISHAY-VESD05A8B-HNH Datasheet
132Kb / 7P
   8-Line ESD Protection Diode Array in LLP1713-9LS
01-Jan-2022
VESD05A8B-HNH-GS08 VISHAY-VESD05A8B-HNH-GS08 Datasheet
132Kb / 7P
   8-Line ESD Protection Diode Array in LLP1713-9LS
01-Jan-2022
VESD05A8B-HNH VISHAY-VESD05A8B-HNH_V01 Datasheet
132Kb / 7P
   8-Line ESD Protection Diode Array in LLP1713-9LS
01-Jan-2022
More results

Similar Description - VESD05A8B-HNH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VESD05A8C-HNH VISHAY-VESD05A8C-HNH Datasheet
118Kb / 6P
   8-Line ESD Protection Diode Array in LLP1713-9L
01-Jan-2022
VESD05A8A-HNH VISHAY-VESD05A8A-HNH_V01 Datasheet
147Kb / 8P
   8-Line ESD Protection Diode Array in LLP1713-9L
01-Jan-2022
VESD05A8A-HNH VISHAY-VESD05A8A-HNH Datasheet
144Kb / 7P
   8-Line ESD-Protection Diode Array in LLP1713-9L
Rev. 1.5, 26-Jun-12
VESD05A8B-HNH VISHAY-VESD05A8B-HNH_V01 Datasheet
132Kb / 7P
   8-Line ESD Protection Diode Array in LLP1713-9LS
01-Jan-2022
VESD05A5A-HS3 VISHAY-VESD05A5A-HS3_08 Datasheet
290Kb / 7P
   Line ESD-Protection Diode Array in LLP75
Rev. 1.3, 22-Sep-08
VESD05A6A-HAF VISHAY-VESD05A6A-HAF Datasheet
615Kb / 6P
   6-Line ESD-Protection Diode Array in LLP75
Rev. 1.2, 11-Jun-10
VESD05A6A-HAF VISHAY-VESD05A6A-HAF_V01 Datasheet
150Kb / 6P
   6-Line ESD Protection Diode Array in LLP75
01-Jan-2022
VESD05A6-HA3 VISHAY-VESD05A6-HA3 Datasheet
253Kb / 7P
   6-Line ESD-Protection Diode Array in LLP75
Rev. 1.3, 19-Sep-08
VESD05A5A-HSF VISHAY-VESD05A5A-HSF Datasheet
140Kb / 6P
   5-Line ESD-Protection Diode Array in LLP75
Rev. 1.3, 21-Oct-10
VESD05A5A-HS3 VISHAY-VESD05A5A-HS3 Datasheet
356Kb / 7P
   5-line ESD Protection Diode Array in LLP75
Rev. 1.0, 16-Mar-06
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com