Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-C2532 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # Q62702-C2532
Description  PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-C2532 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  Q62702-C2532 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-C2532 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-C2532 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-C2532 Datasheet HTML 4Page - Siemens Semiconductor Group Q62702-C2532 Datasheet HTML 5Page - Siemens Semiconductor Group Q62702-C2532 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BC 856S
Semiconductor Group
Ma -12-1998
3
Electrical Characteristics at
TA=25°C, unless otherwise specified
Parameter
Symbol
Unit
Values
min.
typ.
max.
AC Characteristics per Transistor
Transition frequency
IC = 20 mA, VCE = 5 V, f = 100 MHz
250
MHz
-
-
fT
Ccb
-
-
3
Collector-base capacitance
VCB = 10 V, f = 1 MHz
pF
8
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
-
-
Ceb
Short-circuit input impedance
IC = 2 mA, VCE = 5 V, f = 1 kHz
h11e
-
4.5
-
k
Open-circuit reverse voltage transfer ratio
IC = 2 mA, VCE = 5 V, f = 1 kHz
h12e
-
2
10-4
-
Short-circuit forward current transfer ratio
IC = 2 mA, VCE = 5 V, f = 1 kHz
-
-
330
h21e
-
µS
Open-circuit output admittance
IC = 2 mA, VCE = 5 V, f = 1 kHz
h22e
-
30
-
Semiconductor Group
3
1998-11-01


Similar Part No. - Q62702-C2532

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-C2537 SIEMENS-Q62702-C2537 Datasheet
68Kb / 6P
   NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
More results

Similar Description - Q62702-C2532

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC857S SIEMENS-BC857S Datasheet
159Kb / 6P
   PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC847PN SIEMENS-BC847PN Datasheet
229Kb / 6P
   NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC856W-BC860W SIEMENS-BC856W-BC860W Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC856-BC860 SIEMENS-BC856-BC860 Datasheet
271Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC846W-BC850W SIEMENS-BC846W-BC850W Datasheet
272Kb / 8P
   NPN Silicon AF Transistor (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC846PN SIEMENS-BC846PN Datasheet
68Kb / 6P
   NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC846S SIEMENS-BC846S Datasheet
40Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC847S SIEMENS-BC847S Datasheet
156Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BCW61 SIEMENS-BCW61 Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
BC369 SIEMENS-BC369 Datasheet
126Kb / 4P
   PNP Silicon AF Transistor (High current gain High collector current Low collector-emitter saturation voltage)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com