Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V-430P255X9200 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # V-430P255X9200
Description  Metallized Polyester Film Capacitors, Wrap-and-Fill
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V-430P255X9200 Datasheet(HTML) 3 Page - Vishay Siliconix

  V-430P255X9200 Datasheet HTML 1Page - Vishay Siliconix V-430P255X9200 Datasheet HTML 2Page - Vishay Siliconix V-430P255X9200 Datasheet HTML 3Page - Vishay Siliconix V-430P255X9200 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 42091
For technical questions, contact: spresale@vishay.com
www.vishay.com
Revision: 12-Mar-09
27
V-430 P
Metallized Polyester Film Capacitors, Wrap-and-Fill
Vishay Sprague
Note
• Other capacitance values and voltage ratings are available upon request
STANDARD RATINGS in inches [millimeters]
CAPACITANCE
(µF)
PART NUMBER
CASE SIZE
LEAD
AWG NO.
± 10 % TOLERANCE
± 5 % TOLERANCE
D
L
400 WVDC
0.015
V-430P153X9400
V-430P153X5400
0.186 [4.72]
0.625 [15.88]
22
0.018
V-430P183X9400
V-430P183X5400
0.197 [5.00]
0.625 [15.88]
22
0.022
V-430P223X9400
V-430P223X5400
0.210 [5.33]
0.625 [15.88]
22
0.027
V-430P273X9400
V-430P273X5400
0.224 [5.69]
0.625 [15.88]
22
0.033
V-430P333X9400
V-430P333X5400
0.241 [6.12]
0.625 [15.88]
22
0.039
V-430P393X9400
V-430P393X5400
0.256 [6.50]
0.625 [15.88]
22
0.047
V-430P473X9400
V-430P473X5400
0.275 [6.99]
0.625 [15.88]
20
0.056
V-430P563X9400
V-430P563X5400
0.248 [6.30]
0.750 [19.05]
22
0.068
V-430P683X9400
V-430P683X5400
0.266 [6.76]
0.750 [19.05]
22
0.082
V-430P823X9400
V-430P823X5400
0.286 [7.26]
0.750 [19.05]
20
0.10
V-430P104X9400
V-430P104X5400
0.310 [7.87]
0.750 [19.05]
20
0.12
V-430P124X9400
V-430P124X5400
0.268 [6.81]
1.000 [25.40]
22
0.15
V-430P154X9400
V-430P154X5400
0.293 [7.44]
1.000 [25.40]
20
0.18
V-430P184X9400
V-430P184X5400
0.315 [8.00]
1.000 [25.40]
20
0.22
V-430P224X9400
V-430P224X5400
0.342 [8.69]
1.000 [25.40]
20
0.27
V-430P274X9400
V-430P274X5400
0.322 [8.18]
1.250 [31.75]
20
0.33
V-430P334X9400
V-430P334X5400
0.350 [8.89]
1.250 [31.75]
20
0.39
V-430P394X9400
V-430P394X5400
0.337 [8.56]
1.500 [38.10]
20
0.47
V-430P474X9400
V-430P474X5400
0.364 [9.25]
1.500 [38.10]
20
0.56
V-430P564X9400
V-430P564X5400
0.393 [9.98]
1.500 [38.10]
20
0.68
V-430P684X9400
V-430P684X5400
0.402 [10.21]
1.750 [44.45]
20
0.82
V-430P824X9400
V-430P824X5400
0.434 [11.02]
1.750 [44.45]
20
1.0
V-430P105X9400
V-430P105X5400
0.472 [11.99]
1.750 [44.45]
20
1.5
V-430P155X9400
V-430P155X5400
0.563 [14.30]
1.750 [44.45]
20
2.0
V-430P205X9400
V-430P205X5400
0.640 [16.26]
1.750 [44.45]
20
600 WVDC
0.0047
V-430P472X9600
V-430P472X5600
0.187 [4.75]
0.625 [15.88]
22
0.0056
V-430P562X9600
V-430P562X5600
0.197 [5.00]
0.625 [15.88]
22
0.0068
V-430P682X9600
V-430P682X5600
0.209 [5.31]
0.625 [15.88]
22
0.0082
V-430P822X9600
V-430P822X5600
0.223 [5.66]
0.625 [15.88]
22
0.01
V-430P103X9600
V-430P103X5600
0.239 [6.07]
0.625 [15.88]
22
0.012
V-430P123X9600
V-430P123X5600
0.255 [6.48]
0.625 [15.88]
22
0.015
V-430P153X9600
V-430P153X5600
0.224 [5.69]
0.750 [19.05]
22
0.018
V-430P183X9600
V-430P183X5600
0.239 [6.07]
0.750 [19.05]
22
0.022
V-430P223X9600
V-430P223X5600
0.257 [6.53]
0.750 [19.05]
22
0.027
V-430P273X9600
V-430P273X5600
0.278 [7.06]
0.750 [19.05]
20
0.033
V-430P333X9600
V-430P333X5600
0.300 [7.62]
0.750 [19.05]
20
0.039
V-430P393X9600
V-430P393X5600
0.251 [6.38]
1.000 [25.40]
22
0.047
V-430P473X9600
V-430P473X5600
0.269 [6.83]
1.000 [25.40]
22
0.056
V-430P563X9600
V-430P563X5600
0.288 [7.32]
1.000 [25.40]
20
0.068
V-430P683X9600
V-430P683X5600
0.311 [7.90]
1.000 [25.40]
20
0.082
V-430P823X9600
V-430P823X5600
0.336 [8.53]
1.000 [25.40]
20
0.10
V-430P104X9600
V-430P104X5600
0.365 [9.27]
1.000 [25.40]
20
0.12
V-430P124X9600
V-430P124X5600
0.335 [8.51]
1.250 [31.75]
20
0.15
V-430P154X9600
V-430P154X5600
0.368 [9.35]
1.250 [31.75]
20
0.18
V-430P184X9600
V-430P184X5600
0.354 [8.99]
1.500 [38.10]
20
0.22
V-430P224X9600
V-430P224X5600
0.385 [9.78]
1.500 [38.10]
20
0.27
V-430P274X9600
V-430P274X5600
0.421 [10.69]
1.500 [38.10]
20
0.33
V-430P334X9600
V-430P334X5600
0.428 [10.87]
1.750 [44.45]
20
0.39
V-430P394X9600
V-430P394X5600
0.459 [11.66]
1.750 [44.45]
20
0.47
V-430P474X9600
V-430P474X5600
0.497 [12.62]
1.750 [44.45]
20
0.56
V-430P564X9600
V-430P564X5600
0.537 [13.64]
1.750 [44.45]
20
0.68
V-430P684X9600
V-430P684X5600
0.585 [14.86]
1.750 [44.45]
20
ORDERING INFORMATION
V-430P
124
X9
050
TYPE
CAPACITANCE
CAPACITANCE TOLERANCE
DC VOLTAGE RATING
This is expressed in picofarads. The first two digits
are the significant figures. The third is the number of
zeros to follow. Values must conform to the decade
rating for the tolerance specified.
X0 = ± 20 %
X9 = ± 10 %
X5 = ± 5 %
This is expressed in volts. To complete
the three-digit block, zeros precede the
voltage rating.


Similar Part No. - V-430P255X9200

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
V-431BUZ-2 OKAYA-V-431BUZ-2 Datasheet
213Kb / 1P
   SURGE PROTECTOR
More results

Similar Description - V-430P255X9200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
430P VISHAY-430P Datasheet
47Kb / 3P
   Metalized Polyester Film Capacitors Wrap-and-Fill
Revision 13-Nov-03
730P224X9100 VISHAY-730P224X9100 Datasheet
81Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 07-Feb-07
V-730P VISHAY-V-730P Datasheet
173Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 16-Nov-07
logo
Surge Components
SAM SURGE-SAM Datasheet
134Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM
logo
Vishay Siliconix
V-735P VISHAY-V-735P Datasheet
77Kb / 3P
   Film Capacitors, High Current, Wrap-and-Fill, Metallized Polypropylene
Revision: 12-Mar-09
logo
Surge Components
SAMR SURGE-SAMR Datasheet
142Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, AXIAL LEAD
SAPR SURGE-SAPR Datasheet
131Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, AXIAL LEAD
SMPT SURGE-SMPT Datasheet
165Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED POLYPROPYLENE FILM CAPACITORS, AXIAL LEAD
logo
Vishay Siliconix
632P VISHAY-632P Datasheet
50Kb / 5P
   Film Capacitors Metalized Polycarbonate, Wrap-and-Fill
Revision 04-Dec-03
732P VISHAY-732P Datasheet
40Kb / 1P
   Film Capacitors Metalized Polypropylene, Wrap-and-Fill
Revision 17-Nov-03
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com