Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

200AWMSP2T2A1M2QE Datasheet(PDF) 2 Page - E-SWITCH

Part # 200AWMSP2T2A1M2QE
Description  TOGGLE SWITCHES - SUB-MINIATURE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

200AWMSP2T2A1M2QE Datasheet(HTML) 2 Page - E-SWITCH

  200AWMSP2T2A1M2QE Datasheet HTML 1Page - E-SWITCH 200AWMSP2T2A1M2QE Datasheet HTML 2Page - E-SWITCH 200AWMSP2T2A1M2QE Datasheet HTML 3Page - E-SWITCH 200AWMSP2T2A1M2QE Datasheet HTML 4Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.e-switch.com
info@e-switch.com
133
POS 1
POS 2
POS 3
25˚
DPDT
( ) = Momentary
POS 1
POS 2
POS 3
Model No.
WMDP-1
ON
NONE
ON
WMDP-2
ON
NONE
(ON)
WMDP-3
ON
OFF
ON
Term. Comm.
2-3,5-6
OPEN
2-1,5-4
SCHEMATIC
ACTUATOR OPTIONS
BUSHING OPTIONS
TERMINATION OPTIONS
T2
A1
T1
M2
P.C. MOUNTING


Similar Part No. - 200AWMSP2T2A1M2QE

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
200A ACT-200A Datasheet
189Kb / 2P
   8.0 x 3.8mm Watch crystal
01/02/2017
logo
AVX Corporation
200A0R1BCA150XT AVX-200A0R1BCA150XT Datasheet
1Mb / 633P
   Change Notification Product Part Series Name Change
September 16, 2020
200A0R2BCA150XT AVX-200A0R2BCA150XT Datasheet
1Mb / 633P
   Change Notification Product Part Series Name Change
September 16, 2020
200A0R3BCA150XT AVX-200A0R3BCA150XT Datasheet
1Mb / 633P
   Change Notification Product Part Series Name Change
September 16, 2020
200A0R3CCA150XT AVX-200A0R3CCA150XT Datasheet
1Mb / 633P
   Change Notification Product Part Series Name Change
September 16, 2020
More results

Similar Description - 200AWMSP2T2A1M2QE

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
34CWSP12B4M2RT GRAYHILL-34CWSP12B4M2RT Datasheet
201Kb / 4P
   Sub-Miniature Toggle Switches
logo
E-SWITCH
200 E-SWITCH-200 Datasheet
718Kb / 5P
   TOGGLE SWITCHES - SUB MINIATURE
logo
List of Unclassifed Man...
2MS1T1B2M2RE ETC2-2MS1T1B2M2RE Datasheet
315Kb / 5P
   Toggle Switches Sub-Miniature
logo
Grayhill, Inc
34DWMSP12B4M2RT GRAYHILL-34DWMSP12B4M2RT Datasheet
134Kb / 3P
   Sealed Sub-Miniature Toggle Switches
logo
DB Lectro Inc
ES40-T DBLECTRO-ES40-T Datasheet
466Kb / 5P
   Sealed Sub-Miniature Toggle Switches
logo
GREATECS
TK31 GREATECS-TK31 Datasheet
536Kb / 3P
   Sub-Miniature SPDT Toggle Switches
logo
DB Lectro Inc
ES30-T DBLECTRO-ES30-T Datasheet
180Kb / 3P
   Sub-Miniature Toggle Switches (washable)
logo
E-SWITCH
200B E-SWITCH-200B_1 Datasheet
155Kb / 1P
   TOGGLE SWITCHES - SMT SUB-MINIATURE
logo
C&K Components
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
   Miniature Toggle Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com