Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLMV3100 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VLMV3100
Description  Bicolor SMD LED PLCC-3
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMV3100 Datasheet(HTML) 1 Page - Vishay Siliconix

  VLMV3100 Datasheet HTML 1Page - Vishay Siliconix VLMV3100 Datasheet HTML 2Page - Vishay Siliconix VLMV3100 Datasheet HTML 3Page - Vishay Siliconix VLMV3100 Datasheet HTML 4Page - Vishay Siliconix VLMV3100 Datasheet HTML 5Page - Vishay Siliconix VLMV3100 Datasheet HTML 6Page - Vishay Siliconix VLMV3100 Datasheet HTML 7Page - Vishay Siliconix VLMV3100 Datasheet HTML 8Page - Vishay Siliconix VLMV3100 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Vishay Semiconductors
VLMV3100
Document Number 81347
Rev. 1.2, 23-Feb-11
www.vishay.com
1
For technical support, please contact: LED@vishay.com
Bicolor SMD LED PLCC-3
FEATURES
• SMD LED with exceptional brightness
• Multicolored
• Luminous intensity categorized
• Compatible with automatic placement
equipment
• EIA and ICE standard package
• Compatible with IR reflow, vapor phase
and wave soldering processes according
to CECC 00802 and J-STD-020
• Available in 8 mm tape
• Low profile package
• Non-diffused lens: excellent for coupling to light
pipes and backlighting
• Low power consumption
• Luminous intensity ratio in one packaging unit
IVmax./IVmin.  1.6
• Compliant to RoHS Directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
• Preconditioning: acc. to JEDEC level 2a
• ESD-withstand voltage: up to 2 kV according to
JESD22-A114-B
• AEC-Q101 qualified
19140_1
DESCRIPTION
These devices have been designed to meet the
increasing demand for surface mounting technology.
The package of the VLMV3100 is the PLCC-3.
It consists of a lead frame which is embedded in a
white thermoplast. The reflector inside this package is
filled up with clear epoxy.
This SMD device consists of a red and green chip. So
it is possible to choose the color in one device.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: SMD PLCC-3
• Product series: bicolor
• Angle of half intensity: ± 60°
APPLICATIONS
• Automotive:
backlighting
in
dashboards
and
switches
• Telecommunication: indicator and backlighting in
telephone and fax
• Indicator and backlight for audio and video
equipment
• Indicator and backlight in office equipment
• Flat backlight for LCDs, switches and symbols
• General use
** Please see document “Vishay Material Category Policy”: www.vishay.com/doc?99902
PARTS TABLE
PART
COLOR, LUMINOUS INTENSITY
TECHNOLOGY
VLMV3100-GS08
Green/red, IV > 2.8 mcd
GaP on GaP/GaAsP on GaP
VLMV3100-GS18
Green/red, IV > 2.8 mcd
GaP on GaP/GaAsP on GaP


Similar Part No. - VLMV3100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMV3100 VISHAY-VLMV3100 Datasheet
201Kb / 10P
   Bicolor SMD LED PLCC-3
Rev. 1.1, 13-Sep-07
logo
HK TO-GRACE TECHNOLOGY ...
VLMV3100 TO-GRACE-VLMV3100 Datasheet
741Kb / 9P
   Bicolor SMD LED PLCC-3
logo
Vishay Siliconix
VLMV3100 VISHAY-VLMV3100 Datasheet
203Kb / 9P
   Bicolor SMD LED PLCC-3
01-Jan-2022
VLMV3100-GS08 VISHAY-VLMV3100-GS08 Datasheet
201Kb / 10P
   Bicolor SMD LED PLCC-3
Rev. 1.1, 13-Sep-07
logo
HK TO-GRACE TECHNOLOGY ...
VLMV3100-GS08 TO-GRACE-VLMV3100-GS08 Datasheet
741Kb / 9P
   Bicolor SMD LED PLCC-3
More results

Similar Description - VLMV3100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMEK3100 VISHAY-TLMEK3100_07 Datasheet
114Kb / 7P
   Bicolor SMD LED PLCC-3
Rev. 1.8, 24-Sep-07
VLMV3100 VISHAY-VLMV3100_V02 Datasheet
263Kb / 9P
   Bicolor SMD LED PLCC-3
01-Jan-2023
VLMV3100 VISHAY-VLMV3100 Datasheet
201Kb / 10P
   Bicolor SMD LED PLCC-3
Rev. 1.1, 13-Sep-07
logo
HK TO-GRACE TECHNOLOGY ...
VLMV3100 TO-GRACE-VLMV3100 Datasheet
741Kb / 9P
   Bicolor SMD LED PLCC-3
logo
Vishay Siliconix
VLMV3100 VISHAY-VLMV3100_V01 Datasheet
203Kb / 9P
   Bicolor SMD LED PLCC-3
01-Jan-2022
VLMSY3420 VISHAY-VLMSY3420 Datasheet
181Kb / 10P
   Bicolor SMD LED PLCC-4
Rev. 1.3, 10-Jul-08
VLMRY3420 VISHAY-VLMRY3420 Datasheet
178Kb / 10P
   Bicolor SMD LED PLCC-4
Rev. 1.2, 06-Sep-07
VLMSY3420 VISHAY-VLMSY3420_V01 Datasheet
173Kb / 8P
   Bicolor SMD LED PLCC-4
02-Oct-12
logo
HK TO-GRACE TECHNOLOGY ...
VLMSY3420 TO-GRACE-VLMSY3420 Datasheet
684Kb / 8P
   Bicolor SMD LED PLCC-4
logo
Vishay Siliconix
VLMKE3401 VISHAY-VLMKE3401_V02 Datasheet
177Kb / 9P
   Bicolor SMD LED PLCC-4
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com