Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VO14642AABTR Datasheet(PDF) 7 Page - Vishay Siliconix

Part # VO14642AABTR
Description  1 Form A Solid State Relay
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO14642AABTR Datasheet(HTML) 7 Page - Vishay Siliconix

  VO14642AABTR Datasheet HTML 1Page - Vishay Siliconix VO14642AABTR Datasheet HTML 2Page - Vishay Siliconix VO14642AABTR Datasheet HTML 3Page - Vishay Siliconix VO14642AABTR Datasheet HTML 4Page - Vishay Siliconix VO14642AABTR Datasheet HTML 5Page - Vishay Siliconix VO14642AABTR Datasheet HTML 6Page - Vishay Siliconix VO14642AABTR Datasheet HTML 7Page - Vishay Siliconix VO14642AABTR Datasheet HTML 8Page - Vishay Siliconix VO14642AABTR Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 81646
For technical questions, contact: optocoupleranswers@vishay.com
www.vishay.com
Rev. 1.5, 26-Apr-11
7
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VO14642AT, VO14642AABTR
1 Form A Solid State Relay
Vishay Semiconductors
Fig. 10 - Turn-off Time vs. LED
Fig. 11 - Turn-on Time vs. Temperature
Fig. 12 - Turn-on Time vs. LED
Fig. 13 - Load Current vs. Load Voltage
Fig. 14 - Switch Capacitance vs. Applied Voltage
22367
1
16
31
46
61
76
510
15
20
LED (mA)
I
L = 1 A, PW = 2.5 ms
- 55 °C
25 °C
85 °C
22368
450
500
550
600
650
700
750
- 55
- 35
- 15
5
25
45
65
85
Temperature (°C)
I
F = 10 mA, IL = 1 A, PW = 2.5 ms
22369
200
400
600
800
1000
1200
1400
1600
1800
510
15
20
LED (mA)
I
L = 1 A, PW = 2.5 ms
- 55 °C
25 °C
85 °C
22370
- 1200
- 800
- 400
0
400
800
1200
- 0.25
- 0.15
- 0.05
0.05
0.15
0.25
Load Voltage (V)
I
F = 10 mA
- 55 °C
- 10 °C
25 °C
85 °C
0
50
100
150
200
250
300
350
0
20
40
60
Applied Voltage (V)
20765


Similar Part No. - VO14642AABTR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO14642AABTR VISHAY-VO14642AABTR Datasheet
188Kb / 10P
   1 Form A Solid-State Relay
Rev. 1.6, 12-Jun-17
VO14642AABTR VISHAY-VO14642AABTR Datasheet
185Kb / 10P
   1 Form A Solid-State Relay
VO14642AABTR VISHAY-VO14642AABTR Datasheet
185Kb / 10P
   1 Form A Solid-State Relay
01-Jan-2022
VO14642AABTR VISHAY-VO14642AABTR Datasheet
185Kb / 10P
   1 Form A Solid-State Relay
01-Jan-2023
More results

Similar Description - VO14642AABTR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
logo
Vishay Siliconix
LH1540AAB VISHAY-LH1540AAB_11 Datasheet
158Kb / 8P
   1 Form A Solid-State Relay
Rev. 1.9, 25-Jul-11
VO14642AT VISHAY-VO14642AT_V02 Datasheet
185Kb / 10P
   1 Form A Solid-State Relay
01-Jan-2023
VOR1142B4 VISHAY-VOR1142B4_V01 Datasheet
120Kb / 8P
   1 Form A Solid-State Relay
01-Jan-2022
LH1500AAB VISHAY-LH1500AAB Datasheet
179Kb / 9P
   1 Form A Solid State Relay
Rev. 1.5, 26-Oct-04
logo
Solid State Optronic
S742-X SSOUSA-S742-X Datasheet
167Kb / 4P
   1 Form A Solid State Relay
AD8C111-L SSOUSA-AD8C111-L Datasheet
165Kb / 4P
   1 Form A Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com