Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSB2200S Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VSB2200S
Description  High-Voltage Trench MOS Barrier Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSB2200S Datasheet(HTML) 1 Page - Vishay Siliconix

  VSB2200S Datasheet HTML 1Page - Vishay Siliconix VSB2200S Datasheet HTML 2Page - Vishay Siliconix VSB2200S Datasheet HTML 3Page - Vishay Siliconix VSB2200S Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VSB2200S
Vishay General Semiconductor
Document Number: 89142
Revision: 29-Sep-10
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
www.vishay.com
1
New Product
High-Voltage Trench MOS Barrier Schottky Rectifier
TYPICAL APPLICATIONS
For use in high frequency rectifier of switching
mode power supplies, freewheeling diodes, DC/DC
converters or polarity protection application.
FEATURES
• Trench MOS Schottky technology
• Low forward voltage drop, low power
losses
• High efficiency operation
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
• Halogen-free
according
to
IEC
61249-2-21
definition
MECHANICAL DATA
Case: DO-204AL (DO-41)
Molding compound meets UL 94 V-0 flammability
rating
Base P/N-M3 - halogen-free, RoHS compliant, and
commercial grade
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test
Polarity: Color band denotes the cathode end
Note
(1) Units mounted on PCB with 2 mm x 2 mm copper pad areas 0.375" (9.5 mm) lead length, free air
PRIMARY CHARACTERISTICS
IF(AV)
2.0 A
VRRM
200 V
IFSM
40 A
VF at IF = 2.0 A
0.65 V
TJ max.
150 °C
DO-204AL (DO-41)
TMBS
®
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VSB2200S
UNIT
Maximum repetitive peak reverse voltage
VRRM
200
V
Maximum average forward rectified current (fig. 1) (1)
IF(AV)
2.0
A
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
IFSM
40
A
Voltage rate of change (rated VR)
dV/dt
10 000
V/µs
Operating junction and storage temperature range
TJ, TSTG
- 40 to + 150
°C


Similar Part No. - VSB2200S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSB2200S VISHAY-VSB2200S Datasheet
89Kb / 4P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 29-Sep-10
VSB2200S VISHAY-VSB2200S Datasheet
74Kb / 4P
   High Voltage Trench MOS Barrier Schottky Rectifier
08-Feb-17
VSB2200S-M3-54 VISHAY-VSB2200S-M3-54 Datasheet
89Kb / 4P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 29-Sep-10
VSB2200S-M3-73 VISHAY-VSB2200S-M3-73 Datasheet
89Kb / 4P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 29-Sep-10
VSB2200S VISHAY-VSB2200S_12 Datasheet
89Kb / 4P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 29-Sep-10
More results

Similar Description - VSB2200S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M2035S VISHAY-M2035S Datasheet
123Kb / 4P
   High-Voltage Trench MOS Barrier Schottky Rectifier
24-Jul-06
V20150S VISHAY-V20150S_15 Datasheet
152Kb / 6P
   High Voltage Trench MOS Barrier Schottky Rectifier
Revision: 13-Aug-13
V30100S-E3 VISHAY-V30100S-E3 Datasheet
156Kb / 6P
   High Voltage Trench MOS Barrier Schottky Rectifier
Revision: 14-Dec-16
V10150S VISHAY-V10150S_12 Datasheet
168Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V20100S VISHAY-V20100S_12 Datasheet
163Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V20150SG VISHAY-V20150SG_12 Datasheet
163Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V30100S VISHAY-V30100S_13 Datasheet
149Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Oct-09
V30120S VISHAY-V30120S_11 Datasheet
130Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
V20120SG VISHAY-V20120SG_09 Datasheet
160Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V20150S VISHAY-V20150S_11 Datasheet
131Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
VF10150S VISHAY-VF10150S_10 Datasheet
79Kb / 4P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 10-Nov-10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com