Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSIB480 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VSIB480
Description  Single-Phase Single In-Line Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSIB480 Datasheet(HTML) 2 Page - Vishay Siliconix

  VSIB480 Datasheet HTML 1Page - Vishay Siliconix VSIB480 Datasheet HTML 2Page - Vishay Siliconix VSIB480 Datasheet HTML 3Page - Vishay Siliconix VSIB480 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
New Product
VSIB420 thru VSIB480
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 89119
Revision: 14-Jul-09
2
Notes
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
Notes
(1) Unit case mounted on aluminum plate heatsink
(2) Units mounted on P.C.B. with 0.5" x 0.5" (12 mm x 12 mm) copper pads and 0.375" (9.5 mm) lead length
(3) Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat transfer with #6 screw
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
VSIB420
VSIB440
VSIB460
VSIB480
UNIT
Maximum instantaneous
forward drop per diode (1)
IF = 2.0 A
TA = 25 °C
VF
0.95
V
Maximum reverse current
per diode (2)
Rated VR
TA = 25 °C
TA = 125 °C
IR
10
250
µA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VSIB420
VSIB440
VSIB460
VSIB480
UNIT
Maximum thermal resistance
RθJA
RθJC
26 (2)
5 (1)
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
VSIB460-E3/45
4.0
45
20
Tube
Figure 1. Derating Curve Output Rectified Current
Case Temperature (°C)
4
0
0
75
150
2
25
100
50
125
1
3
Heatsink Mounting, T
C
P.C.B. Mounting, T
A
Figure 2. Maximum Non-Repetitive Peak Forward Surge
Current Per Diode
Number of Cycles at 60 Hz
150
0
1
100
50
10
25
75
100
125
1.0 Cycle


Similar Part No. - VSIB480

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSIB4A20 VISHAY-VSIB4A20 Datasheet
101Kb / 4P
   Single-Phase Single In-Line Bridge Rectifier
Revision: 14-Jul-09
VSIB4A40 VISHAY-VSIB4A40 Datasheet
101Kb / 4P
   Single-Phase Single In-Line Bridge Rectifier
Revision: 14-Jul-09
VSIB4A60 VISHAY-VSIB4A60 Datasheet
101Kb / 4P
   Single-Phase Single In-Line Bridge Rectifier
Revision: 14-Jul-09
VSIB4A60-E3-45 VISHAY-VSIB4A60-E3-45 Datasheet
101Kb / 4P
   Single-Phase Single In-Line Bridge Rectifier
Revision: 14-Jul-09
VSIB4A80 VISHAY-VSIB4A80 Datasheet
101Kb / 4P
   Single-Phase Single In-Line Bridge Rectifier
Revision: 14-Jul-09
More results

Similar Description - VSIB480

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSIB420 VISHAY-GSIB420_08 Datasheet
123Kb / 4P
   Single-Phase Single In-Line Bridge Rectifier
Revision: 31-Jan-08
GBUE2560 VISHAY-GBUE2560 Datasheet
100Kb / 5P
   Single-Phase Single In-Line Bridge Rectifier
Revision: 18-Oct-17
GSIB420 VISHAY-GSIB420 Datasheet
55Kb / 2P
   Single-Phase Single In-Line Bridge Rectifier
26-Nov-03
VSIB4A20 VISHAY-VSIB4A20 Datasheet
101Kb / 4P
   Single-Phase Single In-Line Bridge Rectifier
Revision: 14-Jul-09
logo
TAITRON Components Inco...
KBPC50-005S TAITRON-KBPC50-005S Datasheet
150Kb / 4P
   50A Single-Phase in-line Bridge Rectifier
KBPC40-005S TAITRON-KBPC40-005S Datasheet
152Kb / 4P
   40A Single-Phase in-line Bridge Rectifier
logo
Vishay Siliconix
GBUE2560 VISHAY-GBUE2560_V01 Datasheet
143Kb / 5P
   Low VF Single-Phase Single In-Line Bridge Rectifier
01-Jan-2022
VSIB620 VISHAY-VSIB620 Datasheet
202Kb / 4P
   Single-Phase Single In-Line Bridge Rectifiers
20-Jul-05
VSIB10A20 VISHAY-VSIB10A20 Datasheet
95Kb / 4P
   Single-Phase Single In-Line Bridge Rectifiers
Revision: 15-Dec-08
VSIB2020 VISHAY-VSIB2020 Datasheet
94Kb / 4P
   Single-Phase Single In-Line Bridge Rectifiers
Revision: 15-Dec-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com