Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC858CW Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # BC858CW
Description  PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC858CW Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  BC858CW Datasheet HTML 1Page - Siemens Semiconductor Group BC858CW Datasheet HTML 2Page - Siemens Semiconductor Group BC858CW Datasheet HTML 3Page - Siemens Semiconductor Group BC858CW Datasheet HTML 4Page - Siemens Semiconductor Group BC858CW Datasheet HTML 5Page - Siemens Semiconductor Group BC858CW Datasheet HTML 6Page - Siemens Semiconductor Group BC858CW Datasheet HTML 7Page - Siemens Semiconductor Group BC858CW Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BC 856W ... BC 860W
Semiconductor Group
5
Total power dissipation Ptot = f (TA*; TS)
* Package mounted on epoxy
Permissible pulse load Ptot max/Ptot DC = f (
tp)
Collector-base capacitance CCB0 = f (VCB0)
Emitter-base capacitance CEB0 = f (VEB0)
Transition frequency fT = f (IC)
VCE = 5 V


Similar Part No. - BC858CW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC858CW DIODES-BC858CW Datasheet
47Kb / 2P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30251 Rev. A-2
logo
SHIKUES Electronics
BC858CW SKTECHNOLGY-BC858CW Datasheet
614Kb / 4P
   Plastic-Encapsulate Transistors
logo
Infineon Technologies A...
BC858CW INFINEON-BC858CW Datasheet
229Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
logo
Shenzhen Luguang Electr...
BC858CW LUGUANG-BC858CW Datasheet
1Mb / 5P
   PNP Silicon Epitaxial Planar Transistor
Revision:20170701-P1
logo
Diotec Semiconductor
BC858CW DIOTEC-BC858CW Datasheet
184Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BC858CW

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC856-BC860 SIEMENS-BC856-BC860 Datasheet
271Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC856S SIEMENS-BC856S Datasheet
42Kb / 6P
   PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC857S SIEMENS-BC857S Datasheet
159Kb / 6P
   PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC846W-BC850W SIEMENS-BC846W-BC850W Datasheet
272Kb / 8P
   NPN Silicon AF Transistor (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC847PN SIEMENS-BC847PN Datasheet
229Kb / 6P
   NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BCW61 SIEMENS-BCW61 Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
BCX78 SIEMENS-BCX78 Datasheet
143Kb / 7P
   PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BC327 SIEMENS-BC327 Datasheet
143Kb / 6P
   PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BC846-BC850 SIEMENS-BC846-BC850 Datasheet
273Kb / 8P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BCW60 SIEMENS-BCW60 Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com