Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

200MDP1T3B3M1QEH Datasheet(PDF) 5 Page - E-SWITCH

Part # 200MDP1T3B3M1QEH
Description  TOGGLE SWITCHES - SUB MINIATURE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

200MDP1T3B3M1QEH Datasheet(HTML) 5 Page - E-SWITCH

  200MDP1T3B3M1QEH Datasheet HTML 1Page - E-SWITCH 200MDP1T3B3M1QEH Datasheet HTML 2Page - E-SWITCH 200MDP1T3B3M1QEH Datasheet HTML 3Page - E-SWITCH 200MDP1T3B3M1QEH Datasheet HTML 4Page - E-SWITCH 200MDP1T3B3M1QEH Datasheet HTML 5Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.e-switch.com
info@e-switch.com
131
VS2
VS2
SPDT
DPDT
P.C. MOUNTING
P.C. MOUNTING
CONTACT MATERIAL OPTIONS
Q
R
Fixed Terminal:
Silver plated copper alloy
Moving Contact:
Silver plated copper alloy
Rating:
3 Amps @ 120 VAC or 28 VDC; 1 Amp @ 250 VAC
Fixed Terminal:
Copper alloy with gold plate over nickel plate
Moving Contact:
Copper alloy with gold plate over nickel plate
Rating:
0.4 VA max. @ 20 VAC or DC max.
LOCK WASHER
HDW22
NUT
HDW21
HARDWARE
8.08
7.00
10-48 UNS
1.32


Similar Part No. - 200MDP1T3B3M1QEH

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
200M09-660 COOPER-200M09-660 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
200M13 COOPER-200M13 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
200M14-660 COOPER-200M14-660 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
200M23 COOPER-200M23 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
200MJ25-6 COOPER-200MJ25-6 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
More results

Similar Description - 200MDP1T3B3M1QEH

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
200A E-SWITCH-200A Datasheet
414Kb / 4P
   TOGGLE SWITCHES - SUB-MINIATURE
logo
Grayhill, Inc
34CWSP12B4M2RT GRAYHILL-34CWSP12B4M2RT Datasheet
201Kb / 4P
   Sub-Miniature Toggle Switches
logo
List of Unclassifed Man...
2MS1T1B2M2RE ETC2-2MS1T1B2M2RE Datasheet
315Kb / 5P
   Toggle Switches Sub-Miniature
logo
Grayhill, Inc
34DWMSP12B4M2RT GRAYHILL-34DWMSP12B4M2RT Datasheet
134Kb / 3P
   Sealed Sub-Miniature Toggle Switches
logo
DB Lectro Inc
ES40-T DBLECTRO-ES40-T Datasheet
466Kb / 5P
   Sealed Sub-Miniature Toggle Switches
logo
GREATECS
TK31 GREATECS-TK31 Datasheet
536Kb / 3P
   Sub-Miniature SPDT Toggle Switches
logo
DB Lectro Inc
ES30-T DBLECTRO-ES30-T Datasheet
180Kb / 3P
   Sub-Miniature Toggle Switches (washable)
logo
E-SWITCH
200B E-SWITCH-200B_1 Datasheet
155Kb / 1P
   TOGGLE SWITCHES - SMT SUB-MINIATURE
logo
C&K Components
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
   Miniature Toggle Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com