Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

200MDP3T3B3M1QEH Datasheet(PDF) 1 Page - E-SWITCH

Part # 200MDP3T3B3M1QEH
Description  TOGGLE SWITCHES - SUB MINIATURE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

200MDP3T3B3M1QEH Datasheet(HTML) 1 Page - E-SWITCH

  200MDP3T3B3M1QEH Datasheet HTML 1Page - E-SWITCH 200MDP3T3B3M1QEH Datasheet HTML 2Page - E-SWITCH 200MDP3T3B3M1QEH Datasheet HTML 3Page - E-SWITCH 200MDP3T3B3M1QEH Datasheet HTML 4Page - E-SWITCH 200MDP3T3B3M1QEH Datasheet HTML 5Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.e-switch.com
info@e-switch.com
127
SERIES 200 SWITCHES
Specifications subject to change without notice.
Example Ordering Number
200_ MSP1_ T4_ B5_ M1_R_ E_ H
TOGGLE SWITCHES - SUB MINIATURE
SPECIFICATIONS
Contact Rating:
Dependent upon contact material
Life Expectancy:
30,000 make-and-break cycles at full load
Contact Resistance:
20 mΩ max. typical initial @ 2-4 VDC
100 mA for both silver and gold plated contacts
Insulation Resistance:
1,000 MΩ min.
Dielectric Strength:
1,000 V RMS @ sea level
Operating Temperature: -30° C to 85° C
MATERIALS
Case:
Diallyl Phthalate (DAP) or glass filled nylon (UL94-V0)
Toggle Handle:
Brass, chrome plated
Bushing:
Brass, nickel plated
Housing:
Stainless steel
Switch Support:
Brass, tin plated
Contacts / Terminals: Silver or gold plated copper alloy
HOW TO ORDER
FEATURES & BENEFITS
Variety of switching functions
Sub-miniature
Multiple actuator & bushing options
APPLICATIONS/MARKETS
Telecommunications
Instrumentation
Networking
Medical equipment
*MSP6 - not available with M1, M6 & M7
termination
SERIES
200
T1
T2
T3
T4
T5
ACTUATOR
M1
M2
M6
M7
VS2
TERMINATION
Q = Silver
R = Gold
CONTACT
MATERIAL
H = Hardware
HARDWARE
SEAL
E
E = Epoxy
Sealed at
Base of
Terminal
B1
B2
B3
B4
B5
B6
B7
B8
BUSHING
MSP1
MSP2
MSP3
MSP4
MSP5
MSP6*
MDP1
MDP2
MDP3
MODEL NO.
POS 1
POS 2
POS 3
Epoxy Seal
SPDT
( ) = Momentary
POS 1
POS 2
POS 3
Model No.
MSP-1
ON
NONE
ON
MSP-2
ON
NONE
(ON)
MSP-3
ON
OFF
ON
MSP-4
(ON)
OFF
(ON)
MSP-5
ON
OFF
(ON)
Term. Comm.
2 - 3
OPEN
2 - 1
MSP-6
OFF
NONE
ON
Term. Comm.
OPEN
NONE
3 -1
SCHEMATIC


Similar Part No. - 200MDP3T3B3M1QEH

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
200M09-660 COOPER-200M09-660 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
200M13 COOPER-200M13 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
200M14-660 COOPER-200M14-660 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
200M23 COOPER-200M23 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
200MJ25-6 COOPER-200MJ25-6 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
More results

Similar Description - 200MDP3T3B3M1QEH

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
200A E-SWITCH-200A Datasheet
414Kb / 4P
   TOGGLE SWITCHES - SUB-MINIATURE
logo
Grayhill, Inc
34CWSP12B4M2RT GRAYHILL-34CWSP12B4M2RT Datasheet
201Kb / 4P
   Sub-Miniature Toggle Switches
logo
List of Unclassifed Man...
2MS1T1B2M2RE ETC2-2MS1T1B2M2RE Datasheet
315Kb / 5P
   Toggle Switches Sub-Miniature
logo
Grayhill, Inc
34DWMSP12B4M2RT GRAYHILL-34DWMSP12B4M2RT Datasheet
134Kb / 3P
   Sealed Sub-Miniature Toggle Switches
logo
DB Lectro Inc
ES40-T DBLECTRO-ES40-T Datasheet
466Kb / 5P
   Sealed Sub-Miniature Toggle Switches
logo
GREATECS
TK31 GREATECS-TK31 Datasheet
536Kb / 3P
   Sub-Miniature SPDT Toggle Switches
logo
DB Lectro Inc
ES30-T DBLECTRO-ES30-T Datasheet
180Kb / 3P
   Sub-Miniature Toggle Switches (washable)
logo
E-SWITCH
200B E-SWITCH-200B_1 Datasheet
155Kb / 1P
   TOGGLE SWITCHES - SMT SUB-MINIATURE
logo
C&K Components
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
   Miniature Toggle Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com