Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSIB2560 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VSIB2560
Description  Single-Phase Single In-Line Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSIB2560 Datasheet(HTML) 2 Page - Vishay Siliconix

  VSIB2560 Datasheet HTML 1Page - Vishay Siliconix VSIB2560 Datasheet HTML 2Page - Vishay Siliconix VSIB2560 Datasheet HTML 3Page - Vishay Siliconix VSIB2560 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
New Product
VSIB2520 thru VSIB2580
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 84655
Revision: 15-Dec-08
2
Notes:
(1) Unit case mounted on aluminum plate heatsink
(2) Units mounted on P.C.B. without heatsink
(3) Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat transfer with #6 screw
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
VSIB2520
VSIB2540
VSIB2560
VSIB2580
UNIT
Maximum instantaneous
forward voltage drop per diode
12.5 A
VF
1.00
V
Maximum DC reverse current at
rated DC blocking voltage per diode
TA = 25 °C
TA = 125 °C
IR
10
350
µA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VSIB2520
VSIB2540
VSIB2560
VSIB2580
UNIT
Typical thermal resistance
RθJA
RθJC
22 (2)
1.0 (1)
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
VSIB2560-E3/45
7.0
45
20
Tube
Figure 1. Derating Curve Output Rectified Current
0
15
20
75
50
25
0
100
125
150
10
5
25
30
Heatsink Mounting, T
C
P.C.B. Mounting, T
A
Temperature (°C)
Figure 2. Maximum Non-Repetitive Peak Forward Surge
Current Per Diode
0
50
100
150
200
300
350
400
1
100
10
Number of Cycles at 60 Hz
1.0 Cycle


Similar Part No. - VSIB2560

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSIB2520 VISHAY-VSIB2520 Datasheet
96Kb / 4P
   Single-Phase Single In-Line Bridge Rectifiers
12-Mar-12
VSIB2520 VISHAY-VSIB2520_V01 Datasheet
96Kb / 4P
   Single-Phase Single In-Line Bridge Rectifiers
12-Mar-12
VSIB2580 VISHAY-VSIB2580 Datasheet
96Kb / 4P
   Single-Phase Single In-Line Bridge Rectifiers
12-Mar-12
More results

Similar Description - VSIB2560

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSIB2520 VISHAY-GSIB2520 Datasheet
55Kb / 2P
   Single-Phase Single In-Line Bridge Rectifiers
1-Dec-03
GSIB1520N VISHAY-GSIB1520N Datasheet
90Kb / 4P
   Single-Phase Single In-Line Bridge Rectifiers
Revision: 15-Aug-11
VSIB1520 VISHAY-VSIB1520 Datasheet
95Kb / 4P
   Single-Phase Single In-Line Bridge Rectifiers
Revision: 15-Dec-08
GSIB620 VISHAY-GSIB620_08 Datasheet
104Kb / 4P
   Single-Phase Single In-Line Bridge Rectifiers
Revision: 31-Jan-08
GSIB25XX VISHAY-GSIB25XX Datasheet
83Kb / 4P
   Single-Phase Single In-Line Bridge Rectifiers
Revision: 16-Aug-13
LVB1560 VISHAY-LVB1560_13 Datasheet
69Kb / 3P
   Single-Phase Single In-Line Bridge Rectifiers
Revision: 26-Jun-13
GSIB2020 VISHAY-GSIB2020_V01 Datasheet
93Kb / 4P
   Single-Phase Single In-Line Bridge Rectifiers
01-Jan-2022
GSIB2520N VISHAY-GSIB2520N_V01 Datasheet
92Kb / 4P
   Single-Phase Single In-Line Bridge Rectifiers
01-Jan-2022
GSIB620N VISHAY-GSIB620N_V01 Datasheet
93Kb / 4P
   Single-Phase Single In-Line Bridge Rectifiers
01-Jan-2022
VSIB6A20 VISHAY-VSIB6A20 Datasheet
95Kb / 4P
   Single-Phase Single In-Line Bridge Rectifiers
Revision: 15-Dec-08
GSIB6A20 VISHAY-GSIB6A20_08 Datasheet
104Kb / 4P
   Single-Phase Single In-Line Bridge Rectifiers
Revision: 31-Jan-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com