Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

300SP1R1WHTM1RERED Datasheet(PDF) 1 Page - E-SWITCH

Part # 300SP1R1WHTM1RERED
Description  ROCKER AND PADDLE SWITCHES - MINIATURE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

300SP1R1WHTM1RERED Datasheet(HTML) 1 Page - E-SWITCH

  300SP1R1WHTM1RERED Datasheet HTML 1Page - E-SWITCH 300SP1R1WHTM1RERED Datasheet HTML 2Page - E-SWITCH 300SP1R1WHTM1RERED Datasheet HTML 3Page - E-SWITCH 300SP1R1WHTM1RERED Datasheet HTML 4Page - E-SWITCH 300SP1R1WHTM1RERED Datasheet HTML 5Page - E-SWITCH 300SP1R1WHTM1RERED Datasheet HTML 6Page - E-SWITCH 300SP1R1WHTM1RERED Datasheet HTML 7Page - E-SWITCH 300SP1R1WHTM1RERED Datasheet HTML 8Page - E-SWITCH 300SP1R1WHTM1RERED Datasheet HTML 9Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.e-switch.com
info@e-switch.com
137
SERIES 300 SWITCHES
Specifications subject to change without notice.
CONTACT
MATERIAL
Q = Silver
R = Gold
Example Ordering Number
300_ SP1_ R6_ RED_ M1_R_ E_ RED
ROCKER AND PADDLE SWITCHES - MINIATURE
SPECIFICATIONS
Contact Rating:
Dependent upon contact material
Life Expectancy:
50,000 make-and-break cycles at full load
Contact Resistance:
10 mΩ max. initial @ 2-4 VDC
100 mA for both silver and gold plated contacts
Insulation Resistance:
1,000 MΩ min.
Dielectric Strength:
1,000 V RMS @ sea level
Operating Temperature: -30° C to 85° C
MATERIALS
Case:
Diallyl Phthalate (DAP)
Rockers:
Nylon
Bushing:
Brass, nickel plated
Housing:
Stainless steel
Terminal/Switch Support: Brass, steel, electrotin plated
Contacts/Terminals:
Silver or gold plated copper alloy
HOW TO ORDER
FEATURES & BENEFITS
Multiple rocker & paddle options
Up to 4 poles
Multiple termination options
Snap-in panel mount option
available
APPLICATIONS/MARKETS
Telecommunications
Instrumentation
Test equipment
Networking
Computer peripherals
SERIES
SP1
SP2
SP3
SP4
SP5
DP1
DP2
DP3
DP4
DP5
DP6
DP7
DP8
3P1
3P2
3P3
3P4
3P5
4P1
4P2
4P3
4P4
4P5
4P6
MODEL NO.
300
(R6, R7 Only)
BLK= Black
WHT=White
RED= Red
YEL = Yellow
GRY= Gray
PUR= Purple
FRAME
**
COLOR
M1
M3
M5
TERMINATION
SEAL
E
E = Epoxy
Sealed at
Base of
Terminal
Panel Mount:
R1
R2
R3
R4
R6*
R7*
R8*
R9*
R11
R16
*Snap in panel
mount
ACTUATOR
NONE = Black
WHT= White
RED = Red
YEL = Yellow
GRY = Gray
PUR = Purple
ACTUATOR
**
COLOR
**Contact
E-Switch for
additional
colors
Q = Silver
R = Gold
(See Above
Model No.
Options)
M2
M6
M7
VS2
VS3
VS4
VS5
M61
VS21
E = Epoxy
Sealed at
Base of
Terminal
P.C. Mount:
J1
J2
J3
J4
J5
J6
BLK =Black
WHT=White
RED =Red
YEL =Yellow
GRY =Gray
PUR =Purple
**Contact
E-Switch for
additional
colors


Similar Part No. - 300SP1R1WHTM1RERED

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
300S-7W VISHAY-300S-7W Datasheet
237Kb / 4P
   Printed Circuit Dip Solder Connector
Revision: 27-Mar-07
logo
List of Unclassifed Man...
300S14-U ETC2-300S14-U Datasheet
99Kb / 5P
   4 Matched NPN Transistors
300S14-U ETC2-300S14-U Datasheet
99Kb / 5P
   4 Matched NPN Transistors
300SCFM ETC1-300SCFM Datasheet
138Kb / 6P
   20SCFM
logo
Vishay Siliconix
300SE-7W VISHAY-300SE-7W Datasheet
237Kb / 4P
   Printed Circuit Dip Solder Connector
Revision: 27-Mar-07
More results

Similar Description - 300SP1R1WHTM1RERED

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
47ASP1J2M6RT GRAYHILL-47ASP1J2M6RT Datasheet
237Kb / 6P
   Miniature Rocker and Paddle Switches
logo
E-SWITCH
300A E-SWITCH-300A Datasheet
745Kb / 6P
   ROCKER AND PADDLE SWITCHES - MINIATURE
logo
GREATECS
RK13 GREATECS-RK13 Datasheet
888Kb / 5P
   Miniature Rocker & Paddle Switches
logo
Grayhill, Inc
47BWSP1J2M6RT GRAYHILL-47BWSP1J2M6RT Datasheet
204Kb / 6P
   Sealed Miniature Rocker and Paddle Switches
logo
GREATECS
RK14 GREATECS-RK14 Datasheet
526Kb / 4P
   Sealed Miniature Rocker & Paddle Switches
logo
Carling Technologies
RA901 CARLINGTECH-RA901 Datasheet
2Mb / 2P
   Single Pole Rocker & Paddle Switches
RG-SERIES CARLINGTECH-RG-SERIES Datasheet
421Kb / 3P
   Single/Double Pole Lighted Rocker & Paddle Switches
logo
Tyco Electronics
A103J1ZQ0 MACOM-A103J1ZQ0 Datasheet
579Kb / 14P
   Rocker/Paddle Switches, A Series, Part Number Matrix
logo
Copal Electronics
ELE COPAL-ELE Datasheet
837Kb / 6P
   Miniature Rocker Switches
HLA COPAL-HLA Datasheet
557Kb / 6P
   Miniature Rocker Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com