Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

400MSP3R6WHTM2QE Datasheet(PDF) 5 Page - E-SWITCH

Part # 400MSP3R6WHTM2QE
Description  ROCKER SWITCHES - SUB-MINIATURE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

400MSP3R6WHTM2QE Datasheet(HTML) 5 Page - E-SWITCH

  400MSP3R6WHTM2QE Datasheet HTML 1Page - E-SWITCH 400MSP3R6WHTM2QE Datasheet HTML 2Page - E-SWITCH 400MSP3R6WHTM2QE Datasheet HTML 3Page - E-SWITCH 400MSP3R6WHTM2QE Datasheet HTML 4Page - E-SWITCH 400MSP3R6WHTM2QE Datasheet HTML 5Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Epoxy
Seal
Epoxy
Seal
1 POLE
VS2
P.C. MOUNTING
SPDT
VS2
P.C. MOUNTING
DPDT
VS21
P.C. MOUNTING
SPDT
CONTACT MATERIAL OPTIONS
Q
R
Fixed Terminal:
Silver plated copper alloy
Moving Contact:
Silver plated copper alloy
Rating:
3 AMPS @ 120 VAC or 28 VDC;
1 AMP @ 250VAC
Fixed Terminal:
Copper alloy with gold plate over nickel plate
Moving Contact:
Copper alloy with gold plate over nickel plate
Rating:
0.4 VA max. @ 20 VAC or DC max.
Phone: 800-867-2717
Fax: 763-531-8235
156
SERIES 400 SWITCHES
ROCKER SWITCHES - SUB-MINIATURE


Similar Part No. - 400MSP3R6WHTM2QE

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
400MS12ACMA1STD KEMET-400MS12ACMA1STD Datasheet
66Kb / 1P
   Aluminum Electrolytic, Motor Start, MS/A902, 400 uF, -0/25%, 120 V, -20/60C
logo
Hittite Microwave Corpo...
400MS8E HITTITE-400MS8E Datasheet
233Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
400MS8E HITTITE-400MS8E Datasheet
332Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
More results

Similar Description - 400MSP3R6WHTM2QE

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
47CMSP1R2M6RT GRAYHILL-47CMSP1R2M6RT Datasheet
142Kb / 3P
   Sub-Miniature Rocker Switches
logo
GREATECS
RK15 GREATECS-RK15 Datasheet
349Kb / 2P
   Sub-Miniature Rocker Switches
logo
E-SWITCH
400A E-SWITCH-400A Datasheet
485Kb / 5P
   ROCKER SWITCHES - SUB-MINIATURE
logo
DB Lectro Inc
ES40-R DBLECTRO-ES40-R Datasheet
271Kb / 3P
   Sealed Sub-Miniature Rocker Switches
logo
Grayhill, Inc
47DWMSP1R2M6RT GRAYHILL-47DWMSP1R2M6RT Datasheet
146Kb / 3P
   Sealed Sub-Miniature Rocker Switches
logo
GREATECS
RK16 GREATECS-RK16 Datasheet
328Kb / 2P
   Sealed Sub-Miniature Rocker Switches
logo
Copal Electronics
ELE COPAL-ELE Datasheet
837Kb / 6P
   Miniature Rocker Switches
HLA COPAL-HLA Datasheet
557Kb / 6P
   Miniature Rocker Switches
logo
GREATECS
RK17 GREATECS-RK17 Datasheet
990Kb / 2P
   Sealed Sub-Miniature SMT Rocker Switches SPDT
RK13 GREATECS-RK13 Datasheet
888Kb / 5P
   Miniature Rocker & Paddle Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com