Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

500ASSP1M2RE Datasheet(PDF) 1 Page - E-SWITCH

Part # 500ASSP1M2RE
Description  SLIDE SWITCHES - SUB-MINIATURE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

500ASSP1M2RE Datasheet(HTML) 1 Page - E-SWITCH

  500ASSP1M2RE Datasheet HTML 1Page - E-SWITCH 500ASSP1M2RE Datasheet HTML 2Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Phone: 800-867-2717
Fax: 763-531-8235
182
SERIES 500 A SWITCHES
Specifications subject to change without notice.
SERIES
SSP1
SSP3
MODEL NO.
500A
SLIDE SWITCHES - SUB-MINIATURE
SPECIFICATIONS
Contact Rating:
3 A @ 120 VAC
1 A @ 250 VAC
Life Expectancy:
30,000 make-and-break cycles at full load
Contact Resistance:
10 mΩ max. typical @ 2-4 VDC
100mA for both silver and gold plated contacts
Insulation Resistance:
1,000MΩ min.
Dielectric Strength:
1,000 V rms at sea level
Operating Temperature: -30°C to 85°C
MATERIALS
Case:
Diallyl phthalate (DAP)
Housing:
Stainless steel
Slide Handle:
Nylon
Contact & Terminals:
Gold or Silver plated copper alloy
HOW TO ORDER
FEATURES & BENEFITS
Panel, SMT & PC board mountable
Sub-miniature
APPLICATIONS/MARKETS
Computer servers/peripherals
Consumer electronics
Instrumentation
Test & measurement
CONTACT
MATERIAL
Q = Silver
R = Gold
M2
M6
SM6
TERMINATION
SEAL
E
E = Epoxy
Sealed at
Base of
Terminal
Example Ordering Number
500A_ SSP1_ M2_ R_E
( ) = Momentary
POS 1
POS 2
POS 3
Model No.
SSP-1
ON
NONE
ON
SSP-3
ON
OFF
ON
Term. Comm.
2-1
OPEN
2-3
SPDT
SCHEMATIC


Similar Part No. - 500ASSP1M2RE

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
500ASSP1M2R E-SWITCH-500ASSP1M2R Datasheet
156Kb / 2P
   SUB-MINIATURE SLIDE SWITCHES
More results

Similar Description - 500ASSP1M2RE

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
MCS COPAL-MCS Datasheet
666Kb / 9P
   Sub-miniature Slide Switches
logo
C&K Components
JS CK-COMPONENTS-JS Datasheet
1Mb / 15P
   Sub-Miniature Slide Switches
22 Sep 22
logo
GREATECS
SB6 GREATECS-SB6 Datasheet
2Mb / 2P
   Sub-Miniature Slide Switches
logo
E-SWITCH
500A E-SWITCH-500A Datasheet
156Kb / 2P
   SUB-MINIATURE SLIDE SWITCHES
logo
C&K Components
JSM CK-COMPONENTS-JSM Datasheet
295Kb / 5P
   Sub-Miniature Slide Switches
logo
Grayhill, Inc
48BFSP1M6RT GRAYHILL-48BFSP1M6RT Datasheet
91Kb / 1P
   Sub-Miniature Slide Switches
logo
C&K Components
JSM CK-COMPONENTS-JSM_V01 Datasheet
277Kb / 2P
   Sub-Miniature Slide Switches
20 Jul 21
JS-SERIES CK-COMPONENTS-JS-SERIES Datasheet
2Mb / 15P
   Sub-Miniature Slide Switches
22 Sep 22
JS202011AQN CK-COMPONENTS-JS202011AQN Datasheet
302Kb / 6P
   Sub-Miniature Slide Switches
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
   Miniature Slide Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com