Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ0402Y102KFJAO34 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # VJ0402Y102KFJAO34
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ0402Y102KFJAO34 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button VJ0402Y102KFJAO34 Datasheet HTML 3Page - Vishay Siliconix VJ0402Y102KFJAO34 Datasheet HTML 4Page - Vishay Siliconix VJ0402Y102KFJAO34 Datasheet HTML 5Page - Vishay Siliconix VJ0402Y102KFJAO34 Datasheet HTML 6Page - Vishay Siliconix VJ0402Y102KFJAO34 Datasheet HTML 7Page - Vishay Siliconix VJ0402Y102KFJAO34 Datasheet HTML 8Page - Vishay Siliconix VJ0402Y102KFJAO34 Datasheet HTML 9Page - Vishay Siliconix VJ0402Y102KFJAO34 Datasheet HTML 10Page - Vishay Siliconix VJ0402Y102KFJAO34 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
VJ....31/VJ....34 Automotive MLCC
www.vishay.com
Vishay Vitramon
Revision: 05-Aug-11
7
Document Number: 45040
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
•• Paper tape, • Plastic tape, ++ Paper tape, + Plastic tape, see table “Product drawings (in use)”
(1) See soldering recommendations within this data book, or visit www.vishay.com/doc?45034
(2) X5R (- 55 °C to + 85 °C TCC: ± 15 %) for all 0805/10 V ratings
SELECTION CHART
DIELECTRIC
X7R
STYLE
VJ0402
VJ0603
VJ0805 (2)
EIA CODE
0402
0603
0805
VOLTAGE (VDC)
16
25
50
100
16
25
50
100
200
10
16
25
50
100
200
250
500
VOLTAGE CODE
J
X
A
B
J
X
A
B
C
Q
J
X
A
B
C
P
E
CAP. CODE
CAP.
121
120 pF
••
••
••
••
151
150 pF
••
••
••
••
181
180 pF
••
••
••
••
221
220 pF
••
••
••
••
271
270 pF
••
••
••
••
331
330 pF
••
••
••
••
••
••
••
••
••
••
••
••
391
390 pF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
471
470 pF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
561
560 pF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
681
680 pF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
821
820 pF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
102
1.0 nF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
122
1.2 nF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
152
1.5 nF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
182
1.8 nF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
222
2.2 nF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
272
2.7 nF
••
••
••
++
••
••
••
••
••
••
••
••
••
••
332
3.3 nF
••
••
••
++
••
••
••
••
••
••
••
••
••
••
392
3.9 nF
••
••
••
++
••
••
••
••
••
••
••
••
••
••
472
4.7 nF
••
••
••
++
••
••
••
••
••
••
••
••
••
••
562
5.6 nF
••
••
++
••
••
••
••
••
••
••
••
••
682
6.8 nF
••
••
++
••
••
••
••
••
••
••
••
••
822
8.2 nF
••
••
++
••
••
••
••
••
••
••
••
••
103
10 nF
++
++
++
••
••
••
••
••
••
••
••
••
••
123
12 nF
++
++
••
••
••
++
••
••
••
••
153
15 nF
++
++
••
••
••
++
••
••
••
••
183
18 nF
++
++
••
••
••
++
••
••
••
••
223
22 nF
++
••
••
••
++
••
••
••
••
273
27 nF
++
••
••
••
++
••
••
••
••
333
33 nF
++
••
••
++
++
••
••
••
393
39 nF
++
••
••
++
++
••
••
••
473
47 nF
++
••
••
++
••
••
••
563
56 nF
••
++
++
••
••
••
+
683
68 nF
••
++
++
+
+
+
+
823
82 nF
••
++
++
+
+
+
+
104
100 nF
++
++
++
+
+
+
+
124
120 nF
++
+
+
+
154
150 nF
++
+
+
+
184
180 nF
+
+
224
220 nF
+
+
274
270 nF
+
+
334
330 nF
+
+
394
390 nF
+
474
470 nF
+
564
560 nF
+ X5R
684
680 nF
+ X5R
824
820 nF
+ X5R
105
1.0 μF
+ X5R
125
1.2 μF
155
1.5 μF
185
1.8 μF
225
2.2 μF
275
2.7 μF
335
3.3 μF
395
3.9 μF
475
4.7 μF
565
5.6 μF
685
6.8 μF


Similar Part No. - VJ0402Y102KFJAO34

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0402Y102KFAAC VISHAY-VJ0402Y102KFAAC Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0402Y102KFAAT VISHAY-VJ0402Y102KFAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0402Y102KFQAC VISHAY-VJ0402Y102KFQAC Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0402Y102KFQAT VISHAY-VJ0402Y102KFQAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
More results

Similar Description - VJ0402Y102KFJAO34

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GA31G VISHAY-GA31G Datasheet
176Kb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
01-Jan-2023
GA34GMLCC VISHAY-GA34GMLCC Datasheet
160Kb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
01-Jan-2023
VJ0603Y222KXCAC31 VISHAY-VJ0603Y222KXCAC31 Datasheet
200Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 12-Feb-14
VJ0805Y104KXABE31 VISHAY-VJ0805Y104KXABE31 Datasheet
201Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 13-Jun-13
GA31M VISHAY-GA31M Datasheet
205Kb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive High Frequency Applications
01-Jan-2023
VJ0402 VISHAY-VJ0402_11 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ1206A471KXEAT VISHAY-VJ1206A471KXEAT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y104KXBAT VISHAY-VJ1206Y104KXBAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
VJ1210A103JXAAT VISHAY-VJ1210A103JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 23-Sep-09
VJ0402A1R0BXAAC VISHAY-VJ0402A1R0BXAAC Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com