Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSKD196-12PBF Datasheet(PDF) 10 Page - Vishay Siliconix

Part # VSKD196-12PBF
Description  Standard Recovery Diodes, 165 A to 230 A (INT-A-PAK Power Modules)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKD196-12PBF Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button VSKD196-12PBF Datasheet HTML 5Page - Vishay Siliconix VSKD196-12PBF Datasheet HTML 6Page - Vishay Siliconix VSKD196-12PBF Datasheet HTML 7Page - Vishay Siliconix VSKD196-12PBF Datasheet HTML 8Page - Vishay Siliconix VSKD196-12PBF Datasheet HTML 9Page - Vishay Siliconix VSKD196-12PBF Datasheet HTML 10Page - Vishay Siliconix VSKD196-12PBF Datasheet HTML 11Page - Vishay Siliconix VSKD196-12PBF Datasheet HTML 12Page - Vishay Siliconix VSKD196-12PBF Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 94357
10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 20-May-10
VSK.166..PbF, VSK.196..PbF, VSK.236..PbF Series
Vishay Semiconductors Standard Recovery Diodes, 165 A to 230 A
(INT-A-PAK Power Modules)
Fig. 32 - Thermal Impedance ZthJC Characteristics
Fig. 33 - Thermal Impedance ZthJC Characteristics
ORDERING INFORMATION TABLE
Note
• To order the optional hardware go to www.vishay.com/doc?95172
0.01
0.1
1
Square Wave Pulse Duration (s)
0.1
1.0
10
0.01
Steady state value
(DC operation)
VSK.196.. Series
0.01
0.1
1
Square Wave Pulse Duration (s)
0.1
1.0
10
0.01
Steady state value
(DC operation)
VSK.236.. Series
Device code
13
1
-
Module type
2
-
Circuit configuration (see Circuit Configuration table)
3
-
Current rating: IF(AV)
4
-
Voltage code x 100 = VRRM
5
-
PbF = Lead (Pb)-free
VSK
D
236
/
16 PbF
5
24


Similar Part No. - VSKD196-12PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKD19616PBF VISHAY-VSKD19616PBF Datasheet
224Kb / 11P
   Standard Recovery Diodes, 165 A to 230 A (New INT-A-PAK Power Modules)
Revision: 22-Apr-08
More results

Similar Description - VSKD196-12PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSK.166..PBF VISHAY-VS-VSK.166..PBF Datasheet
280Kb / 13P
   Standard Recovery Diodes, 165 A to 230 A (INT-A-PAK Power Modules)
01-Jan-2022
VS-VSK166PBF VISHAY-VS-VSK166PBF Datasheet
281Kb / 13P
   Standard Recovery Diodes, 165 A to 230 A (INT-A-PAK Power Modules)
01-Jan-2022
VSKC166-16PBF VISHAY-VSKC166-16PBF Datasheet
237Kb / 13P
   Standard Recovery Diodes, 165 A to 230 A (INT-A-PAK Power Modules)
Revision: 30-Apr-13
VS-VSKD166 VISHAY-VS-VSKD166_V01 Datasheet
281Kb / 13P
   Standard Recovery Diodes, 165 A to 230 A (INT-A-PAK Power Modules)
01-Jan-2022
VS-VSK.166PBF VISHAY-VS-VSK.166PBF Datasheet
282Kb / 13P
   Standard Recovery Diodes, 165 A to 230 A (INT-A-PAK Power Modules)
Revision: 29-Sep-15
VSKD236 VISHAY-VSKD236 Datasheet
224Kb / 11P
   Standard Recovery Diodes, 165 A to 230 A (New INT-A-PAK Power Modules)
Revision: 22-Apr-08
logo
Nell Semiconductor Co.,...
NKD160 NELLSEMI-NKD160 Datasheet
1Mb / 3P
   Standard Recovery Diodes, 160 A (INT-A-PAK Power Modules)
NKD160S NELLSEMI-NKD160S Datasheet
2Mb / 3P
   Standard Recovery Diodes, 160 A(INT-A-PAK Power Modules)
NKD240 NELLSEMI-NKD240 Datasheet
1Mb / 3P
   Standard Recovery Diodes, 240 A(INT-A-PAK Power Modules)
NKD200 NELLSEMI-NKD200 Datasheet
1Mb / 3P
   Standard Recovery Diodes, 200 A(INT-A-PAK Power Modules)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com