Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ0402Y102DFJAO34 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VJ0402Y102DFJAO34
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ0402Y102DFJAO34 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button VJ0402Y102DFJAO34 Datasheet HTML 2Page - Vishay Siliconix VJ0402Y102DFJAO34 Datasheet HTML 3Page - Vishay Siliconix VJ0402Y102DFJAO34 Datasheet HTML 4Page - Vishay Siliconix VJ0402Y102DFJAO34 Datasheet HTML 5Page - Vishay Siliconix VJ0402Y102DFJAO34 Datasheet HTML 6Page - Vishay Siliconix VJ0402Y102DFJAO34 Datasheet HTML 7Page - Vishay Siliconix VJ0402Y102DFJAO34 Datasheet HTML 8Page - Vishay Siliconix VJ0402Y102DFJAO34 Datasheet HTML 9Page - Vishay Siliconix VJ0402Y102DFJAO34 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
VJ....31/VJ....34 Automotive MLCC
www.vishay.com
Vishay Vitramon
Revision: 05-Aug-11
6
Document Number: 45040
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
•• Paper tape, • Plastic tape, ++ Paper tape, + Plastic tape, see table “Product drawings (in use)”
(1) See soldering recommendations within this data book, or visit www.vishay.com/doc?45034
SELECTION CHART
DIELECTRIC
C0G (NP0)
STYLE
VJ1206 (1)
VJ1210 (1)
VJ1812 (1)
EIA CODE
1206 (1)
1210 (1)
1812 (1)
VOLTAGE (VDC)
50
100
200
250
500/630
50
100
200
500/630
50
100
200
500/630
1000
3000
VOLTAGE CODE
A
B
C
P
E/L
A
B
C
E/L
A
B
C
E/L
G
H
CAP. CODE
CAP.
1R0
1.0 pF
••
••
••
••
1R2
1.2 pF
••
••
••
••
1R5
1.5 pF
••
••
••
••
1R8
1.8 pF
••
••
••
••
2R2
2.2 pF
••
••
••
••
2R7
2.7 pF
••
••
••
••
3R3
3.3 pF
••
••
••
••
3R9
3.9 pF
••
••
••
••
4R7
4.7 pF
••
••
••
••
5R6
5.6 pF
••
••
••
••
6R8
6.8 pF
••
••
••
••
8R2
8.2 pF
••
••
••
••
100
10 pF
••
••
••
••
120
12 pF
••
••
••
••
150
15 pF
••
••
••
••
180
18 pF
••
••
••
••
220
22 pF
••
••
••
••
270
27 pF
••
••
••
••
330
33 pF
••
••
••
••
390
39 pF
••
••
••
••
470
47 pF
••
••
••
••
560
56 pF
••
••
••
••
680
68 pF
••
••
••
••
820
82 pF
••
••
••
••
101
100 pF
+
+
+
+
+
+
+
+
121
120 pF
+
+
+
+
+
+
+
+
151
150 pF
+
+
+
+
+
+
+
+
181
180 pF
+
+
+
+
+
+
+
+
221
220 pF
+
+
+
+
+
+
+
+
271
270 pF
+
+
+
+
+
+
+
+
331
330 pF
+
+
+
+
+
+
+
+
391
390 pF
+
+
+
+
+
+
+
+
471
470 pF
+
+
+
+
+
+
+
+
561
560 pF
+
+
+
+
+
+
+
+
681
680 pF
+
+
+
+
+
+
+
+
821
820 pF
+
+
+
+
+
+
+
+
102
1.0 nF
+
+
+
+
+
+
+
+
122
1.2 nF
+
+
+
+
+
+
+
152
1.5 nF
+
+
+
+
+
+
+
182
1.8 nF
+
+
+
+
+
+
+
222
2.2 nF
+
+
+
+
+
+
+
242
2.4 nF
+
272
2.7 nF
+
+
+
+
+
+
332
3.3 nF
+
+
+
+
+
+
392
3.9 nF
+
+
+
+
+
472
4.7 nF
+
+
+
+
+
562
5.6 nF
+
+
+
+
+
682
6.8 nF
+
+
+
+
+
822
8.2 nF
+
+
+
+
+
103
10 nF
+
+
+
+
123
12 nF
+
+
153
15 nF
+
+
183
18 nF
+
+
223
22 nF
+
273
27 nF
333
33 nF
393
39 nF
473
47 nF
563
56 nF


Similar Part No. - VJ0402Y102DFJAO34

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0402Y102DFQAC VISHAY-VJ0402Y102DFQAC Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
More results

Similar Description - VJ0402Y102DFJAO34

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GA31G VISHAY-GA31G Datasheet
176Kb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
01-Jan-2023
GA34GMLCC VISHAY-GA34GMLCC Datasheet
160Kb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
01-Jan-2023
VJ0603Y222KXCAC31 VISHAY-VJ0603Y222KXCAC31 Datasheet
200Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 12-Feb-14
VJ0805Y104KXABE31 VISHAY-VJ0805Y104KXABE31 Datasheet
201Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 13-Jun-13
GA31M VISHAY-GA31M Datasheet
205Kb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive High Frequency Applications
01-Jan-2023
VJ0402 VISHAY-VJ0402_11 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ1206A471KXEAT VISHAY-VJ1206A471KXEAT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y104KXBAT VISHAY-VJ1206Y104KXBAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
VJ1210A103JXAAT VISHAY-VJ1210A103JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 23-Sep-09
VJ0402A1R0BXAAC VISHAY-VJ0402A1R0BXAAC Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com