Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSKC56-08 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VSKC56-08
Description  ADD-A-PAK Generation VII Power Modules Standard Diodes, 60 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKC56-08 Datasheet(HTML) 6 Page - Vishay Siliconix

  VSKC56-08 Datasheet HTML 1Page - Vishay Siliconix VSKC56-08 Datasheet HTML 2Page - Vishay Siliconix VSKC56-08 Datasheet HTML 3Page - Vishay Siliconix VSKC56-08 Datasheet HTML 4Page - Vishay Siliconix VSKC56-08 Datasheet HTML 5Page - Vishay Siliconix VSKC56-08 Datasheet HTML 6Page - Vishay Siliconix VSKC56-08 Datasheet HTML 7Page - Vishay Siliconix VSKC56-08 Datasheet HTML 8Page - Vishay Siliconix VSKC56-08 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
For technical questions, contact: indmodules@vishay.com
Document Number: 94625
6
Revision: 09-Mar-11
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VSKD56.., VSKE56.., VSKJ56.., VSKC56.. Series
Vishay Semiconductors
ADD-A-PAK Generation VII
Power Modules Standard Diodes, 60 A
Fig. 10 - Forward Voltage Characteristics
Fig. 11 - Thermal Impedance ZthJC Characteristics
ORDERING INFORMATION TABLE
Note
• To order the optional hardware go to www.vishay.com/doc?95172
Instantaneous forward voltage (V)
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5
1
10
100
1000
Tj = 25°C
Tj = 150°C
Per leg
Square wave pulse duration (s)
0.001
0.01
0.1
1
10
0.01
0.1
1
Steady state value
RthJC = 0.33 °C/W
(DC operation)
Per leg
1
-
Module type
2
-
Circuit configuration (see Circuit Configuration table)
3
-
Current code (60 A)
4
-
Voltage code (see Voltage Ratings table)
Device code
4
13
2
VSK
D
56
/
16


Similar Part No. - VSKC56-08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKC166-16PBF VISHAY-VSKC166-16PBF Datasheet
237Kb / 13P
   Standard Recovery Diodes, 165 A to 230 A (INT-A-PAK Power Modules)
Revision: 30-Apr-13
logo
Inchange Semiconductor ...
VSKC236-04 ISC-VSKC236-04 Datasheet
421Kb / 3P
   Standard Recovery Diodes
VSKC91-04 ISC-VSKC91-04 Datasheet
262Kb / 2P
   Power Module
logo
Vishay Siliconix
VSKC91-04P VISHAY-VSKC91-04P Datasheet
272Kb / 9P
   AAP Gen 7 (TO-240AA) Power Modules Standard Diodes, 100 A
01-Jan-2022
VSKC91-06P VISHAY-VSKC91-06P Datasheet
272Kb / 9P
   AAP Gen 7 (TO-240AA) Power Modules Standard Diodes, 100 A
01-Jan-2022
More results

Similar Description - VSKC56-08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKD9104 VISHAY-VSKD9104 Datasheet
276Kb / 10P
   ADD-A-PAK Generation VII Power Modules Standard Diodes
Revision: 06-Jun-12
VSKD5608P VISHAY-VSKD5608P Datasheet
1Mb / 10P
   ADD-A-PAK Generation VII Power Modules Standard Diodes
Revision: 21-Mar-14
VS-VSKD7108P VISHAY-VS-VSKD7108P Datasheet
1Mb / 10P
   ADD-A-PAK Generation VII Power Modules Standard Diodes
Revision: 21-Mar-14
VSKH42 VISHAY-VSKH42 Datasheet
522Kb / 12P
   ADD-A-PAK Generation VII Power Modules
Revision: 14-Jan-14
VSKT7104 VISHAY-VSKT7104 Datasheet
330Kb / 10P
   ADD-A-PAK Generation VII Power Modules
Revision: 14-Jan-14
VSKU4104 VISHAY-VSKU4104 Datasheet
415Kb / 12P
   ADD-A-PAK Generation VII Power Modules Thyristor
Revision: 14-Jan-14
VSKT56 VISHAY-VSKT56_10 Datasheet
1Mb / 11P
   Standard Diodes, 60 A/80 A (ADD-A-PAK Generation 5 Power Modules)
Revision: 20-May-10
VSKT10504 VISHAY-VSKT10504 Datasheet
324Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode
Revision: 14-Jan-14
VSKU7104 VISHAY-VSKU7104 Datasheet
272Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor
Revision: 14-Jan-14
VSKU9116 VISHAY-VSKU9116 Datasheet
280Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 95 A
Revision: 14-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com