Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSKD56-10 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # VSKD56-10
Description  ADD-A-PAK Generation VII Power Modules Standard Diodes, 60 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKD56-10 Datasheet(HTML) 8 Page - Vishay Siliconix

  VSKD56-10 Datasheet HTML 1Page - Vishay Siliconix VSKD56-10 Datasheet HTML 2Page - Vishay Siliconix VSKD56-10 Datasheet HTML 3Page - Vishay Siliconix VSKD56-10 Datasheet HTML 4Page - Vishay Siliconix VSKD56-10 Datasheet HTML 5Page - Vishay Siliconix VSKD56-10 Datasheet HTML 6Page - Vishay Siliconix VSKD56-10 Datasheet HTML 7Page - Vishay Siliconix VSKD56-10 Datasheet HTML 8Page - Vishay Siliconix VSKD56-10 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Document Number: 95369
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 11-Nov-08
1
ADD-A-PAK Generation VII - Diode
Outline Dimensions
Vishay Semiconductors
DIMENSIONS in millimeters (inches)
Viti M5 x 0.8
Screws M5 x 0.8
18 (0.7) REF.
80 ± 0.3 (3.15 ± 0.012)
92 ± 0.75 (3.6 ± 0.030)
20 ± 0.5 (0.79 ± 0.020)
20 ± 0.5 (0.79 ± 0.020)
15 ± 0.5 (0.59 ± 0.020)


Similar Part No. - VSKD56-10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKD56-10P VISHAY-VSKD56-10P Datasheet
1Mb / 11P
   Standard Diodes, 60 A/80 A (ADD-A-PAK Generation 5 Power Modules)
Revision: 20-May-10
More results

Similar Description - VSKD56-10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKD9104 VISHAY-VSKD9104 Datasheet
276Kb / 10P
   ADD-A-PAK Generation VII Power Modules Standard Diodes
Revision: 06-Jun-12
VSKD5608P VISHAY-VSKD5608P Datasheet
1Mb / 10P
   ADD-A-PAK Generation VII Power Modules Standard Diodes
Revision: 21-Mar-14
VS-VSKD7108P VISHAY-VS-VSKD7108P Datasheet
1Mb / 10P
   ADD-A-PAK Generation VII Power Modules Standard Diodes
Revision: 21-Mar-14
VSKH42 VISHAY-VSKH42 Datasheet
522Kb / 12P
   ADD-A-PAK Generation VII Power Modules
Revision: 14-Jan-14
VSKT7104 VISHAY-VSKT7104 Datasheet
330Kb / 10P
   ADD-A-PAK Generation VII Power Modules
Revision: 14-Jan-14
VSKU4104 VISHAY-VSKU4104 Datasheet
415Kb / 12P
   ADD-A-PAK Generation VII Power Modules Thyristor
Revision: 14-Jan-14
VSKT56 VISHAY-VSKT56_10 Datasheet
1Mb / 11P
   Standard Diodes, 60 A/80 A (ADD-A-PAK Generation 5 Power Modules)
Revision: 20-May-10
VSKT10504 VISHAY-VSKT10504 Datasheet
324Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode
Revision: 14-Jan-14
VSKU7104 VISHAY-VSKU7104 Datasheet
272Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor
Revision: 14-Jan-14
VSKU9116 VISHAY-VSKU9116 Datasheet
280Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 95 A
Revision: 14-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com