Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSKDU162 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VSKDU162
Description  HEXFRED Ultrafast Diodes, 100 A (New INT-A-PAK Power Modules)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKDU162 Datasheet(HTML) 5 Page - Vishay Siliconix

  VSKDU162 Datasheet HTML 1Page - Vishay Siliconix VSKDU162 Datasheet HTML 2Page - Vishay Siliconix VSKDU162 Datasheet HTML 3Page - Vishay Siliconix VSKDU162 Datasheet HTML 4Page - Vishay Siliconix VSKDU162 Datasheet HTML 5Page - Vishay Siliconix VSKDU162 Datasheet HTML 6Page - Vishay Siliconix VSKDU162 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 94512
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 04-May-10
5
VSKDU162/12PbF
HEXFRED® Ultrafast Diodes, 100 A
(New INT-A-PAK Power Modules)
Vishay High Power Products
ORDERING INFORMATION TABLE
CIRCUIT CONFIGURATION
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95254
1
-
Vishay HPP
2
-
K = New INT-A-PAK module
3
-
DU = HEXFRED® ultrafast diode
4
-
Current rating
5
-
Voltage rating (12 = 1200 V)
6
-
PbF = Lead (Pb)-free
Device code
5
13
24
6
VS
K
DU
162
/
12
PbF
-
+
(1)
(2)
(3)
~


Similar Part No. - VSKDU162

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKDU162 VISHAY-VSKDU162 Datasheet
593Kb / 6P
   HEXFRED® Ultrafast Diodes, 100 A (New INT-A-PAKTM Power Modules)
Revision: 01-Sep-08
VSKDU162/12PBF VISHAY-VSKDU162/12PBF Datasheet
593Kb / 6P
   HEXFRED® Ultrafast Diodes, 100 A (New INT-A-PAKTM Power Modules)
Revision: 01-Sep-08
More results

Similar Description - VSKDU162

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSKDU162 VISHAY-VS-VSKDU162 Datasheet
176Kb / 6P
   HEXFRED® Ultrafast Diodes, 100 A (New INT-A-PAK Power Modules)
Revision: 11-Apr-14
VS-VSKDU162 VISHAY-VS-VSKDU162_V02 Datasheet
171Kb / 6P
   HEXFRED® Ultrafast Diodes, 100 A (INT-A-PAK Power Modules)
01-Jan-2023
VSKDU162 VISHAY-VSKDU162 Datasheet
593Kb / 6P
   HEXFRED® Ultrafast Diodes, 100 A (New INT-A-PAKTM Power Modules)
Revision: 01-Sep-08
VS-VSKCU300 VISHAY-VS-VSKCU300_V02 Datasheet
175Kb / 6P
   HEXFRED® Ultrafast Diodes, 300 A (INT-A-PAK Power Modules)
01-Jan-2023
VS-VSKEU300 VISHAY-VS-VSKEU300_V02 Datasheet
157Kb / 7P
   HEXFRED® Ultrafast Diodes, 300 A (INT-A-PAK Power Modules)
01-Jan-2023
VS-VSKDU300 VISHAY-VS-VSKDU300 Datasheet
180Kb / 6P
   HEXFRED® Ultrafast Diodes, 300 A (INT-A-PAK Power Modules)
Revision: 14-Mar-16
VS-VSKEU300 VISHAY-VS-VSKEU300 Datasheet
141Kb / 6P
   HEXFRED® Ultrafast Diodes, 300 A (INT-A-PAK Power Modules)
Revision: 02-Dec-15
VS-VSKCU300 VISHAY-VS-VSKCU300 Datasheet
177Kb / 6P
   HEXFRED® Ultrafast Diodes, 300 A (INT-A-PAK Power Modules)
Revision: 11-Apr-14
VS-VSKDU300 VISHAY-VS-VSKDU300_V02 Datasheet
176Kb / 6P
   HEXFRED® Ultrafast Diodes, 300 A (INT-A-PAK Power Modules)
01-Jan-2023
VS-VSKDU162 VISHAY-VS-VSKDU162_V01 Datasheet
171Kb / 6P
   HEXFRED짰 Ultrafast Diodes, 100 A (INT-A-PAK Power Modules)
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com