Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSKL300-08PBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VSKL300-08PBF
Description  INT-A-PAK Power Module Thyristor/Diode, 300 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKL300-08PBF Datasheet(HTML) 3 Page - Vishay Siliconix

  VSKL300-08PBF_10 Datasheet HTML 1Page - Vishay Siliconix VSKL300-08PBF_10 Datasheet HTML 2Page - Vishay Siliconix VSKL300-08PBF_10 Datasheet HTML 3Page - Vishay Siliconix VSKL300-08PBF_10 Datasheet HTML 4Page - Vishay Siliconix VSKL300-08PBF_10 Datasheet HTML 5Page - Vishay Siliconix VSKL300-08PBF_10 Datasheet HTML 6Page - Vishay Siliconix VSKL300-08PBF_10 Datasheet HTML 7Page - Vishay Siliconix VSKL300-08PBF_10 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 94557
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 04-May-10
3
VSKL300-08PbF
INT-A-PAK Power Module
Thyristor/Diode, 300 A
Vishay High Power Products
Note
• Table shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
TRIGGERING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum peak gate power
PGM
TJ = TJ maximum, tp
≤ 5 ms
10.0
W
Maximum average gate power
PG(AV)
TJ = TJ maximum, f = 50 Hz, d% = 50
2.0
Maximum peak positive gate current
IGM
TJ = TJ maximum, tp
≤ 5 ms
3.0
A
Maximum required DC gate voltage to trigger
VGT
TJ = 25 °C
Anode supply: 12 V resistive load
3V
Maximum required DC gate current to trigger
IGT
200
mA
Maximum holding current
IH
600
Maximum peak positive gate voltage
+VGM
TJ = TJ maximum, tp
≤ 5 ms
20
V
Maximum peak negative gate voltage
-VGM
5.0
DC gate voltage not to trigger
VGD
TJ = TJ maximum
Maximum gate current/voltage not to trigger is
the maximum value which will not trigger any
unit with rated VDRM anode to cathode applied
0.30
V
DC gate current not to trigger
IGD
10
mA
Maximum non-repetitive rate of rise of
turned-on current
dI/dt
Gate drive 20 V, 20
Ω, tr ≤ 1 μs
TJ = TJ maximum, anode voltage
≤ 80 % VDRM
1000
A/μs
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction operating
temperature range
TJ
- 40 to 140
°C
Maximum storage temperature range
TStg
- 40 to 150
Maximum thermal resistance,
junction to case per junction
RthJC
DC operation
0.19
K/W
Maximum thermal resistance,
case to heatsink per module
RthCS
Mounting surface smooth, flat and greased
0.035
Mounting torque ± 10 %
IAP to heatsink
A mounting compound is recommended and
the torque should be rechecked after a
period of 3 hours to allow for the spread of
the compound. Lubricated threads.
4 to 6
Nm
busbar to IAP
Approximate weight
500
g
17.8
oz.
Case style
INT-A-PAK
ΔR CONDUCTION PER JUNCTION
DEVICES
SINUSOIDAL CONDUCTION
AT TJ MAXIMUM
RECTANGULAR CONDUCTION
AT TJ MAXIMUM
UNITS
180°
120°
90°
60°
30°
180°
120°
90°
60°
30°
VSKL300
0.019
0.022
0.028
0.041
0.068
0.013
0.023
0.031
0.043
0.069
K/W


Similar Part No. - VSKL300-08PBF_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKL300-08PBF VISHAY-VSKL300-08PBF Datasheet
279Kb / 7P
   INT-A-PAK Power Module Thyristor/Diode, 300 A
Revision: 29-Sep-08
More results

Similar Description - VSKL300-08PBF_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSKL30008PBF VISHAY-VS-VSKL30008PBF Datasheet
223Kb / 8P
   INT-A-PAK Power Module Thyristor/Diode, 300 A
01-Jan-2023
VS-VSKL300 VISHAY-VS-VSKL300_V01 Datasheet
224Kb / 8P
   INT-A-PAK Power Module Thyristor/Diode, 300 A
01-Jan-2022
VSKL300-08PBF VISHAY-VSKL300-08PBF Datasheet
279Kb / 7P
   INT-A-PAK Power Module Thyristor/Diode, 300 A
Revision: 29-Sep-08
VS-VSKT15204PBF VISHAY-VS-VSKT15204PBF_V01 Datasheet
213Kb / 9P
   Thyristor/Thyristor, 150 A (INT-A-PAK Power Module)
01-Jan-2023
VS-VSKT152 VISHAY-VS-VSKT152_V01 Datasheet
213Kb / 9P
   Thyristor/Thyristor, 150 A (INT-A-PAK Power Module)
01-Jan-2022
VSKT152 VISHAY-VSKT152 Datasheet
199Kb / 8P
   Thyristor/Thyristor, 150 A (New INT-A-PAK Power Module)
Revision: 25-Apr-08
VSKT152 VISHAY-VSKT152_10 Datasheet
215Kb / 9P
   Thyristor/Thyristor, 150 A (New INT-A-PAK Power Module)
Revision: 04-May-10
VS-VSKU162...PBF VISHAY-VS-VSKU162...PBF Datasheet
245Kb / 9P
   Thyristor/Thyristor, 160 A (INT-A-PAK Power Modules)
01-Jan-2022
VS-VSKU162 VISHAY-VS-VSKU162 Datasheet
246Kb / 9P
   Thyristor/Thyristor, 160 A (INT-A-PAK Power Modules)
01-Jan-2023
VS-VSKU162PBF VISHAY-VS-VSKU162PBF_V01 Datasheet
246Kb / 9P
   Thyristor/Thyristor, 160 A (INT-A-PAK Power Modules)
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com