Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ0402A102CBQAC Datasheet(PDF) 8 Page - Vishay Siliconix

Part # VJ0402A102CBQAC
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ0402A102CBQAC Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button VJ0402A102CBQAC Datasheet HTML 4Page - Vishay Siliconix VJ0402A102CBQAC Datasheet HTML 5Page - Vishay Siliconix VJ0402A102CBQAC Datasheet HTML 6Page - Vishay Siliconix VJ0402A102CBQAC Datasheet HTML 7Page - Vishay Siliconix VJ0402A102CBQAC Datasheet HTML 8Page - Vishay Siliconix VJ0402A102CBQAC Datasheet HTML 9Page - Vishay Siliconix VJ0402A102CBQAC Datasheet HTML 10Page - Vishay Siliconix VJ0402A102CBQAC Datasheet HTML 11Page - Vishay Siliconix VJ0402A102CBQAC Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
VJ Commercial Series
www.vishay.com
Vishay Vitramon
Revision: 14-Jul-11
8
Document Number: 45199
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) See soldering recommendations within this data book, or visit www.vishay.com/doc?45034
•• Paper tape • Plastic tape
SELECTION CHART
DIELECTRIC
X7R
STYLE
VJ1206 (1)
VJ1210 (1)
EIA CODE
1206 (1)
1210 (1)
VOLTAGE (VDC)
16
25
50
100
200
250
500
630
16
25
50
100
200
250
500
630
VOLTAGE CODE
J
X
A
B
C
P
E
L
J
X
A
B
C
P
E
L
CAP. CODE
CAP.
121
120 pF
151
150 pF
181
180 pF
221
220 pF
271
270 pF
331
330 pF
••
••
391
390 pF
••
••
471
470 pF
••
••
••
••
••
••
561
560 pF
••
••
••
••
••
••
681
680 pF
••
••
••
••
••
••
821
820 pF
••
••
••
••
••
••
102
1.0 nF
••
••
••
••
••
••
••
122
1.2 nF
••
••
••
••
••
••
••
152
1.5 nF
••
••
••
••
••
••
••
182
1.8 nF
••
••
••
••
••
••
••
222
2.2 nF
••
••
••
••
••
••
••
272
2.7 nF
••
••
••
••
••
••
••
332
3.3 nF
••
••
••
••
••
••
••
392
3.9 nF
••
••
••
••
••
••
••
472
4.7 nF
••
••
••
••
••
••
••
562
5.6 nF
••
••
••
••
••
••
682
6.8 nF
••
••
••
••
••
••
822
8.2 nF
••
••
••
••
••
••
103
10 nF
••
••
••
••
••
••
123
12 nF
••
••
••
••
••
153
15 nF
••
••
••
••
••
183
18 nF
••
••
••
••
••
223
22 nF
••
••
••
••
••
273
27 nF
••
••
••
••
••
333
33 nF
••
••
••
••
••
393
39 nF
••
••
••
••
473
47 nF
••
••
••
••
563
56 nF
••
••
••
••
683
68 nF
••
••
••
••
823
82 nF
••
••
••
104
100 nF
••
••
••
124
120 nF
••
••
••
154
150 nF
••
••
184
180 nF
••
••
224
220 nF
••
••
274
270 nF
••
••
334
330 nF
394
390 nF
474
470 nF
564
560 nF
684
680 nF
824
820 nF
105
1.0 μF
125
1.2 μF
155
1.5 μF
185
1.8 μF
225
2.2 μF
275
2.7 μF
335
3.3 μF
395
3.9 μF
475
4.7 μF
565
5.6 μF
685
6.8 μF


Similar Part No. - VJ0402A102CBQAC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0402A102CEAAO34 VISHAY-VJ0402A102CEAAO34 Datasheet
183Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 05-Aug-11
VJ0402A102CEJAO34 VISHAY-VJ0402A102CEJAO34 Datasheet
183Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 05-Aug-11
VJ0402A102CEQAO34 VISHAY-VJ0402A102CEQAO34 Datasheet
183Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 05-Aug-11
VJ0402A102CEXAO34 VISHAY-VJ0402A102CEXAO34 Datasheet
183Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 05-Aug-11
VJ0402A102CFAAO34 VISHAY-VJ0402A102CFAAO34 Datasheet
183Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 05-Aug-11
More results

Similar Description - VJ0402A102CBQAC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ1206A471KXEAT VISHAY-VJ1206A471KXEAT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y104KXBAT VISHAY-VJ1206Y104KXBAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
VJ1210A103JXAAT VISHAY-VJ1210A103JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 23-Sep-09
VJ0402A1R0BXAAC VISHAY-VJ0402A1R0BXAAC Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJCOMMERCIALSERIES VISHAY-VJCOMMERCIALSERIES Datasheet
161Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
01-Jan-2023
VJ0603Y104KXX VISHAY-VJ0603Y104KXX Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y103JXAMC VISHAY-VJ1206Y103JXAMC Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
VJ0805Y102KXBMT VISHAY-VJ0805Y102KXBMT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206A102GXBAT VISHAY-VJ1206A102GXBAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 23-Sep-09
VJ0805A150JXAMT VISHAY-VJ0805A150JXAMT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com