Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSKE56-12 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VSKE56-12
Description  ADD-A-PAK Generation VII Power Modules Standard Diodes, 60 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKE56-12 Datasheet(HTML) 3 Page - Vishay Siliconix

  VSKE56-12 Datasheet HTML 1Page - Vishay Siliconix VSKE56-12 Datasheet HTML 2Page - Vishay Siliconix VSKE56-12 Datasheet HTML 3Page - Vishay Siliconix VSKE56-12 Datasheet HTML 4Page - Vishay Siliconix VSKE56-12 Datasheet HTML 5Page - Vishay Siliconix VSKE56-12 Datasheet HTML 6Page - Vishay Siliconix VSKE56-12 Datasheet HTML 7Page - Vishay Siliconix VSKE56-12 Datasheet HTML 8Page - Vishay Siliconix VSKE56-12 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 94625
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 09-Mar-11
3
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VSKD56.., VSKE56.., VSKJ56.., VSKC56.. Series
ADD-A-PAK Generation VII
Power Modules Standard Diodes, 60 A
Vishay Semiconductors
Note
• Table shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Junction and storage temperature range
TJ, TStg
- 40 to 150
°C
Maximum internal thermal resistance,
junction to case per leg
RthJC
DC operation
0.33
°C/W
Typical thermal resistance,
case to heatsink per module
RthCS
Mounting surface flat, smooth and greased
0.1
Mounting torque ± 10 %
to heatsink
A mounting compound is recommended and the
torque should be rechecked after a period of
3 hours to allow for the spread of the compound.
4
Nm
busbar
3
Approximate weight
75
g
2.7
oz.
Case style
JEDEC
ADD-A-PAK Gen. VII (TO-240AA)
R CONDUCTION PER JUNCTION
DEVICES
SINE HALF WAVE CONDUCTION
RECTANGULAR WAVE CONDUCTION
UNITS
180°
120°
90°
60°
30°
180°
120°
90°
60°
30°
VSK.56
0.115
0.136
0.173
0.236
0.346
0.09
0.145
0.185
0.243
0.349
°C/W


Similar Part No. - VSKE56-12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKE270-20 VISHAY-VSKE270-20 Datasheet
330Kb / 13P
   Standard Recovery Diodes, 250 A to 320 A (MAGN-A-PAK Power Modules)
Revision: 02-Jul-10
VSKE91-04P VISHAY-VSKE91-04P Datasheet
272Kb / 9P
   AAP Gen 7 (TO-240AA) Power Modules Standard Diodes, 100 A
01-Jan-2022
VSKE91-06P VISHAY-VSKE91-06P Datasheet
272Kb / 9P
   AAP Gen 7 (TO-240AA) Power Modules Standard Diodes, 100 A
01-Jan-2022
VSKE91-08P VISHAY-VSKE91-08P Datasheet
272Kb / 9P
   AAP Gen 7 (TO-240AA) Power Modules Standard Diodes, 100 A
01-Jan-2022
VSKE91-10P VISHAY-VSKE91-10P Datasheet
272Kb / 9P
   AAP Gen 7 (TO-240AA) Power Modules Standard Diodes, 100 A
01-Jan-2022
More results

Similar Description - VSKE56-12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKD9104 VISHAY-VSKD9104 Datasheet
276Kb / 10P
   ADD-A-PAK Generation VII Power Modules Standard Diodes
Revision: 06-Jun-12
VSKD5608P VISHAY-VSKD5608P Datasheet
1Mb / 10P
   ADD-A-PAK Generation VII Power Modules Standard Diodes
Revision: 21-Mar-14
VS-VSKD7108P VISHAY-VS-VSKD7108P Datasheet
1Mb / 10P
   ADD-A-PAK Generation VII Power Modules Standard Diodes
Revision: 21-Mar-14
VSKH42 VISHAY-VSKH42 Datasheet
522Kb / 12P
   ADD-A-PAK Generation VII Power Modules
Revision: 14-Jan-14
VSKT7104 VISHAY-VSKT7104 Datasheet
330Kb / 10P
   ADD-A-PAK Generation VII Power Modules
Revision: 14-Jan-14
VSKU4104 VISHAY-VSKU4104 Datasheet
415Kb / 12P
   ADD-A-PAK Generation VII Power Modules Thyristor
Revision: 14-Jan-14
VSKT56 VISHAY-VSKT56_10 Datasheet
1Mb / 11P
   Standard Diodes, 60 A/80 A (ADD-A-PAK Generation 5 Power Modules)
Revision: 20-May-10
VSKT10504 VISHAY-VSKT10504 Datasheet
324Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode
Revision: 14-Jan-14
VSKU7104 VISHAY-VSKU7104 Datasheet
272Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor
Revision: 14-Jan-14
VSKU9116 VISHAY-VSKU9116 Datasheet
280Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 95 A
Revision: 14-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com