Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSKT26 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VSKT26
Description  ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 27 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKT26 Datasheet(HTML) 6 Page - Vishay Siliconix

  VSKT26_10 Datasheet HTML 1Page - Vishay Siliconix VSKT26_10 Datasheet HTML 2Page - Vishay Siliconix VSKT26_10 Datasheet HTML 3Page - Vishay Siliconix VSKT26_10 Datasheet HTML 4Page - Vishay Siliconix VSKT26_10 Datasheet HTML 5Page - Vishay Siliconix VSKT26_10 Datasheet HTML 6Page - Vishay Siliconix VSKT26_10 Datasheet HTML 7Page - Vishay Siliconix VSKT26_10 Datasheet HTML 8Page - Vishay Siliconix VSKT26_10 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 94629
6
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 17-May-10
VSKT26.., VSKH26.., VSKL26.., VSKN26.. Series
Vishay Semiconductors
ADD-A-PAK Generation VII Power Modules
Thyristor/Diode and Thyristor/Thyristor, 27 A
Fig. 10 - On-State Voltage Drop Characteristics
Fig. 11 - Thermal Impedance ZthJC Characteristics
Fig. 12 - Gate Characteristics
Instantaneous on-state voltage (V)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
1
10
100
1000
Tj = 25°C
Tj = 125°C
Per leg
Square wave pulse duration (s)
0.001
0.01
0.1
1
10
0.01
0.1
1
10
Steady state value
RthJC = 0.76 °C/W
(DC operation)
Per leg
0.1
1
10
100
0.001
0.01
0.1
1
10
100
1000
(b )
(a)
Rect ang ular g ate p ulse
(4) (3)
(2) (1)
(1) PGM = 100 W, tp = 500 µs
(2) PGM = 50 W, tp = 1 ms
(3) PGM = 20 W, tp = 25 ms
(4) PGM = 10 W, tp = 5 ms
a )Recommended load line for
b)Recommended load line for
VGD
IGD
Frequenc y Limited by PG(AV)
rated di/ d t: 20 V, 30 ohms
tr = 0.5 µs, tp >= 6 µs
<= 30% rated di/dt: 20 V, 65 ohms
tr = 1 µs, tp >= 6 µs
IRK.26.. Series
Instantaneous gate current (A)
VSK.


Similar Part No. - VSKT26_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKT2616P VISHAY-VSKT2616P Datasheet
200Kb / 8P
   Thyristor/Diode and Thyristor/Thyristor (ADD-A-PAKTM Generation 5 Power Modules), 27 A
Revision: 22-Apr-08
VSKT2616S90P VISHAY-VSKT2616S90P Datasheet
200Kb / 8P
   Thyristor/Diode and Thyristor/Thyristor (ADD-A-PAKTM Generation 5 Power Modules), 27 A
Revision: 22-Apr-08
More results

Similar Description - VSKT26_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSK2604 VISHAY-VSK2604 Datasheet
319Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor
Revision: 14-Jan-14
VSKU7104 VISHAY-VSKU7104 Datasheet
272Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor
Revision: 14-Jan-14
VSKU9116 VISHAY-VSKU9116 Datasheet
280Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 95 A
Revision: 14-Jan-14
VSKT71 VISHAY-VSKT71_10 Datasheet
438Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 75 A
Revision: 17-May-10
VSKT105 VISHAY-VSKT105_10 Datasheet
436Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 105 A
Revision: 17-May-10
VSKT91 VISHAY-VSKT91_10 Datasheet
451Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 95 A
Revision: 17-May-10
VSKU105 VISHAY-VSKU105_10 Datasheet
351Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 105 A
Revision: 17-May-10
VSKU91 VISHAY-VSKU91 Datasheet
369Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 95 A
Revision: 17-May-10
VS-VSK.41 VISHAY-VS-VSK.41 Datasheet
508Kb / 11P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 45 A/60 A
Revision: 21-Mar-14
VSKT41 VISHAY-VSKT41_10 Datasheet
734Kb / 11P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 45 A/60 A
Revision: 17-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com