Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSKT41 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # VSKT41
Description  ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 45 A/60 A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKT41 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button VSKT41_10 Datasheet HTML 3Page - Vishay Siliconix VSKT41_10 Datasheet HTML 4Page - Vishay Siliconix VSKT41_10 Datasheet HTML 5Page - Vishay Siliconix VSKT41_10 Datasheet HTML 6Page - Vishay Siliconix VSKT41_10 Datasheet HTML 7Page - Vishay Siliconix VSKT41_10 Datasheet HTML 8Page - Vishay Siliconix VSKT41_10 Datasheet HTML 9Page - Vishay Siliconix VSKT41_10 Datasheet HTML 10Page - Vishay Siliconix VSKT41_10 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Document Number: 94630
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 17-May-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
9
VSK.41.., VSK.56.. Series
ADD-A-PAK Generation VII Power Modules
Thyristor/Diode and Thyristor/Thyristor, 45 A/60 A
Vishay Semiconductors
ORDERING INFORMATION TABLE
Note
• To order the optional hardware go to www.vishay.com/doc?95172
CIRCUIT CONFIGURATION
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95368
1
-
Module type
2
-
Circuit configuration (see end of datasheet)
3
-
Current code
4
-
Voltage code (see Voltage Ratings table)
Device code
13
24
VSK
T
56
/
16
41 = 45 A
56 = 60 A
+
-
K1
(5)
K2
(7)
G2
(6)
G1
(4)
~
(1)
(2)
(3)
+
-
K2
(7)
G2
(6)
~
(1)
(2)
(3)
+
-
K1
(5)
G1
(4)
~
(1)
(2)
(3)
+
+
K1
(5)
G1
(4)
-
(1)
(2)
(3)
VSKT
1
2
3
4 5 7 6
VSKL
1
2
3
7 6
VSKH
1
2
3
4 5
VSKN
1
2
3
4 5


Similar Part No. - VSKT41_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKT4116P VISHAY-VSKT4116P Datasheet
320Kb / 11P
   Thyristor/Diode and Thyristor/Thyristor (ADD-A-PAKTM Generation 5 Power Modules), 45/60 A
Revision: 23-Apr-08
VSKT4116S90P VISHAY-VSKT4116S90P Datasheet
320Kb / 11P
   Thyristor/Diode and Thyristor/Thyristor (ADD-A-PAKTM Generation 5 Power Modules), 45/60 A
Revision: 23-Apr-08
More results

Similar Description - VSKT41_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSK.41 VISHAY-VS-VSK.41 Datasheet
508Kb / 11P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 45 A/60 A
Revision: 21-Mar-14
VSK2604 VISHAY-VSK2604 Datasheet
319Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor
Revision: 14-Jan-14
VSKT26 VISHAY-VSKT26_10 Datasheet
418Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 27 A
Revision: 17-May-10
VSKT105 VISHAY-VSKT105_10 Datasheet
436Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 105 A
Revision: 17-May-10
VSKT71 VISHAY-VSKT71_10 Datasheet
438Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 75 A
Revision: 17-May-10
VSKT91 VISHAY-VSKT91_10 Datasheet
451Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 95 A
Revision: 17-May-10
VSKU7104 VISHAY-VSKU7104 Datasheet
272Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor
Revision: 14-Jan-14
VSKU9116 VISHAY-VSKU9116 Datasheet
280Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 95 A
Revision: 14-Jan-14
VSKU105 VISHAY-VSKU105_10 Datasheet
351Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 105 A
Revision: 17-May-10
VSKU91 VISHAY-VSKU91 Datasheet
369Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 95 A
Revision: 17-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com