Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ0402G102BEJAO34 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VJ0402G102BEJAO34
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ0402G102BEJAO34 Datasheet(HTML) 4 Page - Vishay Siliconix

  VJ0402G102BEJAO34 Datasheet HTML 1Page - Vishay Siliconix VJ0402G102BEJAO34 Datasheet HTML 2Page - Vishay Siliconix VJ0402G102BEJAO34 Datasheet HTML 3Page - Vishay Siliconix VJ0402G102BEJAO34 Datasheet HTML 4Page - Vishay Siliconix VJ0402G102BEJAO34 Datasheet HTML 5Page - Vishay Siliconix VJ0402G102BEJAO34 Datasheet HTML 6Page - Vishay Siliconix VJ0402G102BEJAO34 Datasheet HTML 7Page - Vishay Siliconix VJ0402G102BEJAO34 Datasheet HTML 8Page - Vishay Siliconix VJ0402G102BEJAO34 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
VJ....31/VJ....34 Automotive MLCC
www.vishay.com
Vishay Vitramon
Revision: 05-Aug-11
4
Document Number: 45040
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Polymer (B-termination) have increased dimensions:
Length 0.006" (0.15 mm)
DIMENSIONS in inches (millimeters)
EIA CODE
STYLE
LENGTH
(L)
WIDTH
(W)
MAXIMUM
THICKNESS
(T)
TERMINATIONS PAD
(P)
MINIMUM
MAXIMUM
0402
VJ0402
0.040 + 0.004/- 0.002
(1.00 + 0.10/- 0.05)
0.020 + 0.004/- 0.002
(0.50 + 0.10/- 0.05)
0.024
(0.60)
0.004
(0.10)
0.016
(0.41)
0603
VJ0603
0.063 ± 0.005
(1.60 ± 0.12)
0.031 ± 0.005
(0.80 ± 0.12)
0.038
(0.97)
0.012
(0.30)
0.018
(0.46)
0805
VJ0805
0.079 ± 0.008
(2.00 ± 0.20)
0.049 ± 0.008
(1.25 ± 0.20)
0.057
(1.45)
0.010
(0.25)
0.028
(0.71)
1206
VJ1206
0.126 ± 0.008
(3.20 ± 0.25)
0.063 ± 0.010
(1.60 ± 0.25)
0.067
(1.70)
0.010
(0.25)
0.028
(0.71)
1210
VJ1210
0.126 ± 0.010
(3.20 ± 0.25)
0.098 ± 0.010
(2.50 ± 0.25)
0.076
(1.94)
0.010
(0.25)
0.028
(0.71)
1812
VJ1812
0.177 ± 0.010
(4.50 ± 0.25)
0.126 ± 0.010
(3.20 ± 0.25)
0.086
(2.18)
0.010
(0.25)
0.030
(0.76)
L
W
P
T
MAX.


Similar Part No. - VJ0402G102BEJAO34

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0402G102BEQAC VISHAY-VJ0402G102BEQAC Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
More results

Similar Description - VJ0402G102BEJAO34

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GA31G VISHAY-GA31G Datasheet
176Kb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
01-Jan-2023
GA34GMLCC VISHAY-GA34GMLCC Datasheet
160Kb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
01-Jan-2023
VJ0603Y222KXCAC31 VISHAY-VJ0603Y222KXCAC31 Datasheet
200Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 12-Feb-14
VJ0805Y104KXABE31 VISHAY-VJ0805Y104KXABE31 Datasheet
201Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 13-Jun-13
GA31M VISHAY-GA31M Datasheet
205Kb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive High Frequency Applications
01-Jan-2023
VJ0402 VISHAY-VJ0402_11 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ1206A471KXEAT VISHAY-VJ1206A471KXEAT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y104KXBAT VISHAY-VJ1206Y104KXBAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
VJ1210A103JXAAT VISHAY-VJ1210A103JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 23-Sep-09
VJ0402A1R0BXAAC VISHAY-VJ0402A1R0BXAAC Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com