Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ0603H102MEXAC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VJ0603H102MEXAC
Description  Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ0603H102MEXAC Datasheet(HTML) 2 Page - Vishay Siliconix

  VJ0603H102MEXAC Datasheet HTML 1Page - Vishay Siliconix VJ0603H102MEXAC Datasheet HTML 2Page - Vishay Siliconix VJ0603H102MEXAC Datasheet HTML 3Page - Vishay Siliconix VJ0603H102MEXAC Datasheet HTML 4Page - Vishay Siliconix VJ0603H102MEXAC Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VJ X8R
www.vishay.com
Vishay Vitramon
Revision: 08-Aug-11
2
Document Number: 45006
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Detail ratings see selection chart
Notes
(1) DC voltage rating should not be exceeded in application. Other application factors may affect the MLCC performance.
Consult for questions: mlcc@vishay.com
(2) Process code may be added with up to three digits, used to control non-standard products and requirements.
(3) Termination code “E” for conductive epoxy assembly.
(4) Marking in reference to EIA198, see www.vishay.com/doc?45028
QUICK REFERENCE DATA
DIELECTRIC
CASE
MAXIMUM VOLTAGE (V)
CAPACITANCE
MINIMUM
MAXIMUM
X8R
0603
50
470 pF
33 nF
0805
50
470 pF
100 nF
1206
50
1.0 nF
220 nF
1210
50
10 nF
390 nF
ORDERING INFORMATION
VJ0805
H
102
K
X
A
A
C
### (2)
CASE
CODE
DIELECTRIC
CAPCITANCE
NOMINAL
CODE
CAPACITANCE
TOLERANCE
TERMINATION
DC VOLTAGE
RATING (1)
MARKING (4)
PACKAGING
PROCESS
CODE
0603
0805
1206
1210
H = X8R
Expressed in
picofarads (pF).
The first two
digits are
significant, the
third is a
multiplier.
Examples:
102 = 1000 pF
J = ± 5 %
K = ± 10 %
M = ± 20 %
X = Ni barrier
100 % tin plated
F, E = AgPd (3)
X = 25 V
A = 50 V
A = Unmarked
M = Marked
Note: Marking
is only
available for
0805 and 1206
with
termination
code “X”
T = 7" reel/plastic tape
C = 7" reel/paper tape
R = 11 1/4"/13" reel/plastic tape
P = 11 1/4"/13" reel/paper tape
O = 7" reel/flamedpaper tape
I = 11 1/4"/13" reel/flamed paper tape
Note:
“I” and “O” are used for “F” and “E” termination
size 0603/0805
DIMENSIONS in inches (millimeters)
EIA STYLE
PART
ORDERING
NUMBER
LENGTH
(L)
WIDTH
(W)
MAXIMUM
THICKNESS
(T)
TERMINATION
(P)
MINIMUM
MAXIMUM
0603
VJ0603
0.063 ± 0.005
(1.60 ± 0.12)
0.031 ± 0.005
(0.80 ± 0.12)
0.036
(0.92)
0.012
(0.30)
0.018
(0.46)
0805
VJ0805
0.079 ± 0.008
(2.00 ± 0.20)
0.049 ± 0.008
(1.25 ± 0.20)
0.057
(1.45)
0.010
(0.25)
0.028
(0.71)
1206
VJ1206
0.126 ± 0.008
(3.20 ± 0.20)
0.063 ± 0.008
(1.60 ± 0.20)
0.067
(1.70)
0.010
(0.25)
0.028
(0.71)
1210
VJ1210
0.126 ± 0.008
(3.20 ± 0.20)
0.098 ± 0.008
(2.50 ± 0.20)
0.067
(1.70)
0.010
(0.25)
0.028
(0.71)
L
W
T
MAX.
P


Similar Part No. - VJ0603H102MEXAC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0603H102MEXAC VISHAY-VJ0603H102MEXAC Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 26-Aug-14
More results

Similar Description - VJ0603H102MEXAC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJX8R VISHAY-VJX8R Datasheet
84Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 11-Nov-08
VJX8R VISHAY-VJX8R_14 Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 26-Aug-14
logo
HolyStone International
HMC HOLYSTONECAPS-HMC Datasheet
260Kb / 3P
   Multilayer Ceramic Chip Capacitors for High Temperature Applications
logo
Vishay Siliconix
VJ0603 VISHAY-VJ0603 Datasheet
308Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications
Revision 20-Feb-08
VJ0402A VISHAY-VJ0402A Datasheet
342Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 20-Feb-08
VJHI-REL VISHAY-VJHI-REL Datasheet
135Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 15-May-12
VJHI-REL VISHAY-VJHI-REL_V01 Datasheet
173Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
01-Jan-2023
VJ0402 VISHAY-VJ0402_11 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ0402Y102KXAAC31 VISHAY-VJ0402Y102KXAAC31 Datasheet
183Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 05-Aug-11
VJ1206A471KXEAT VISHAY-VJ1206A471KXEAT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com