Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSKT136-04PBF Datasheet(PDF) 10 Page - Vishay Siliconix

Part # VSKT136-04PBF
Description  Thyristor/Diode and Thyristor/Thyristor, 135 A to 160 A (New INT-A-PAK Power Modules)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKT136-04PBF Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button VSKT136-04PBF Datasheet HTML 5Page - Vishay Siliconix VSKT136-04PBF Datasheet HTML 6Page - Vishay Siliconix VSKT136-04PBF Datasheet HTML 7Page - Vishay Siliconix VSKT136-04PBF Datasheet HTML 8Page - Vishay Siliconix VSKT136-04PBF Datasheet HTML 9Page - Vishay Siliconix VSKT136-04PBF Datasheet HTML 10Page - Vishay Siliconix VSKT136-04PBF Datasheet HTML 11Page - Vishay Siliconix VSKT136-04PBF Datasheet HTML 12Page - Vishay Siliconix VSKT136-04PBF Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
www.vishay.com
For technical questions, contact: indmodules@vishay.com
Document Number: 94513
10
Revision: 04-May-10
VSK.136..PbF, VSK.142..PbF, VSK.162..PbF Series
Vishay High Power Products
Thyristor/Diode and
Thyristor/Thyristor, 135 A to 160 A
(New INT-A-PAK Power Modules)
Fig. 28 - On-State Voltage Drop Characteristics
Fig. 29 - On-State Voltage Drop Characteristics
Fig. 30 - On-State Voltage Drop Characteristics
Fig. 31 - Thermal Impedance ZthJC Characteristics
Fig. 32 - Thermal Impedance ZthJC Characteristics
Fig. 33 - Thermal Impedance ZthJC Characteristics
Instantaneous On-state Voltage (V)
1
10
100
1000
10000
0123
4
5
T = 25˚C
J
T = 125˚C
VSK.136.. Series
Per Junction
J
Instantaneous On-state Voltage (V)
1
10
100
1000
10000
0123
4
5
T = 125˚C
T = 25˚C
VSK.142.. Series
Per Junction
J
J
1
10
100
1000
10000
0123
4
5
T = 25˚C
J
T = 125˚C
VSK.162.. Series
Per Junction
J
Instantaneous On-state Voltage (V)
Square Wave Pulse Duration (s)
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
Steady State Value
(DC Operation)
VSK.136.. Series
Square Wave Pulse Duration (s)
0.01
0.1
1
0.01
0.1
1
10
Steady State Value
(DC Operation)
VSK.142.. Series
Square Wave Pulse Duration (s)
0.01
0.1
1
0.01
0.1
1
10
Steady State Value
(DC Operation)
VSK.162.. Series


Similar Part No. - VSKT136-04PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKT136 VISHAY-VSKT136 Datasheet
390Kb / 12P
   Thyristor/Diode and Thyristor/Thyristor, 135 A to 160 A (New INT-A-PAKTM Power Modules)
Revision: 12-Aug-08
VSKT13616PBF VISHAY-VSKT13616PBF Datasheet
390Kb / 12P
   Thyristor/Diode and Thyristor/Thyristor, 135 A to 160 A (New INT-A-PAKTM Power Modules)
Revision: 12-Aug-08
More results

Similar Description - VSKT136-04PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSK.136PBF VISHAY-VS-VSK.136PBF Datasheet
406Kb / 14P
   Thyristor/Diode and Thyristor/Thyristor, 135 A to 160 A (New INT-A-PAK Power Modules)
Revision: 11-Apr-14
VS-VSK136PBF VISHAY-VS-VSK136PBF_V01 Datasheet
403Kb / 14P
   Thyristor/Diode and Thyristor/Thyristor, 135 A to 160 A (INT-A-PAK Power Modules)
01-Jan-2022
VS-VSK..136PBF VISHAY-VS-VSK..136PBF Datasheet
402Kb / 14P
   Thyristor/Diode and Thyristor/Thyristor, 135 A to 160 A (INT-A-PAK Power Modules)
01-Jan-2022
VS-VSK.136..PBF VISHAY-VS-VSK.136..PBF_V01 Datasheet
403Kb / 14P
   Thyristor/Diode and Thyristor/Thyristor, 135 A to 160 A (INT-A-PAK Power Modules)
01-Jan-2023
VSKT136 VISHAY-VSKT136 Datasheet
390Kb / 12P
   Thyristor/Diode and Thyristor/Thyristor, 135 A to 160 A (New INT-A-PAKTM Power Modules)
Revision: 12-Aug-08
VS-VSKU162PBF VISHAY-VS-VSKU162PBF Datasheet
249Kb / 9P
   Thyristor/Thyristor, 160 A (New INT-A-PAK Power Modules)
Revision: 20-Nov-15
VS-VSKU162...PBF VISHAY-VS-VSKU162...PBF Datasheet
245Kb / 9P
   Thyristor/Thyristor, 160 A (INT-A-PAK Power Modules)
01-Jan-2022
VS-VSKU162PBF VISHAY-VS-VSKU162PBF_V01 Datasheet
246Kb / 9P
   Thyristor/Thyristor, 160 A (INT-A-PAK Power Modules)
01-Jan-2022
VS-VSKU162 VISHAY-VS-VSKU162 Datasheet
246Kb / 9P
   Thyristor/Thyristor, 160 A (INT-A-PAK Power Modules)
01-Jan-2023
logo
Nell Semiconductor Co.,...
NKT200-16A NELLSEMI-NKT200-16A Datasheet
1Mb / 4P
   Thyristor/Diode and Thyristor/Thyristor, 200A(New INT-A-PAK Power Modules)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com