Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSKD56-12P Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VSKD56-12P
Description  Standard Diodes, 60 A/80 A (ADD-A-PAK Generation 5 Power Modules)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKD56-12P Datasheet(HTML) 4 Page - Vishay Siliconix

  VSKD56-12P Datasheet HTML 1Page - Vishay Siliconix VSKD56-12P Datasheet HTML 2Page - Vishay Siliconix VSKD56-12P Datasheet HTML 3Page - Vishay Siliconix VSKD56-12P Datasheet HTML 4Page - Vishay Siliconix VSKD56-12P Datasheet HTML 5Page - Vishay Siliconix VSKD56-12P Datasheet HTML 6Page - Vishay Siliconix VSKD56-12P Datasheet HTML 7Page - Vishay Siliconix VSKD56-12P Datasheet HTML 8Page - Vishay Siliconix VSKD56-12P Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 94358
4
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 20-May-10
VSK.56..PbF, VSK.71..PbF Series
Vishay Semiconductors
Standard Diodes, 60 A/80 A
(ADD-A-PAK Generation 5 Power Modules)
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Foward Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
130
140
150
120
110
100
90
Average Forward Current (A)
10
20
30
40
50
60
70
0
VSK.56.. Series
R
thJC (DC) = 0.5 K/W
Conduction angle
Ø
30°
60°
90°
120°
180°
120
130
140
150
110
100
90
Average Forward Current (A)
20
40
60
80
100
0
DC
30°
60°
90°
120°
180°
VSK.56.. Series
R
thJC (DC) = 0.5 K/W
Ø
Conduction period
0
40
50
60
70
80
90
30
20
10
Average Forward Current (A)
10
20
30
40
50
60
70
0
RMS limit
180°
120°
90°
60°
30°
VSK.56.. Series
Per junction
T
J = 150 °C
Conduction angle
Ø
0
100
120
20
40
60
80
Average Forward Current (A)
20
40
60
80
100
0
DC
180°
120°
90°
60°
30°
RMS limit
VSK.56.. Series
Per junction
T
J = 150 °C
Conduction period
Ø
900
800
700
600
500
400
1500
1400
1300
1200
1100
1000
Number of Equal Amplitude Half
Cycle Current Pulses (N)
10
100
1
Initial T
J = 150 °C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
At any rated load condition and with
rated V
RRM applied following surge.
VSK.56.. Series
Per junction
200
400
600
800
1600
1400
1200
1000
Pulse Train Duration (s)
0.1
1.0
10
0.01
Maximum non-repetitive surge current
Initial T
J = 150 °C
No voltage reapplied
Rated V
RRM reapplied
versus pulse train duration.
VSK.56.. Series
Per junction


Similar Part No. - VSKD56-12P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKD56-12 VISHAY-VSKD56-12 Datasheet
275Kb / 9P
   ADD-A-PAK Generation VII Power Modules Standard Diodes, 60 A
Revision: 09-Mar-11
More results

Similar Description - VSKD56-12P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKD56 VISHAY-VSKD56 Datasheet
213Kb / 10P
   Standard Diodes, 60 to 80 A (ADD-A-PAK Generation 5 Power Modules)
Revision: 01-Aug-08
VSKD56 VISHAY-VSKD56_11 Datasheet
275Kb / 9P
   ADD-A-PAK Generation VII Power Modules Standard Diodes, 60 A
Revision: 09-Mar-11
VSKD91 VISHAY-VSKD91 Datasheet
194Kb / 8P
   Standard Diodes, 100 A (ADD-A-PAK Generation 5 Power Modules)
Revision: 04-Jul-08
VSKD9104 VISHAY-VSKD9104 Datasheet
276Kb / 10P
   ADD-A-PAK Generation VII Power Modules Standard Diodes
Revision: 06-Jun-12
VSKD5608P VISHAY-VSKD5608P Datasheet
1Mb / 10P
   ADD-A-PAK Generation VII Power Modules Standard Diodes
Revision: 21-Mar-14
VS-VSKD7108P VISHAY-VS-VSKD7108P Datasheet
1Mb / 10P
   ADD-A-PAK Generation VII Power Modules Standard Diodes
Revision: 21-Mar-14
VS-VSKD71 VISHAY-VS-VSKD71 Datasheet
275Kb / 9P
   ADD-A-PAK Gen 7 Power Modules Standard Diodes, 80 A
Revision: 05-Apr-16
VS-VSKD56 VISHAY-VS-VSKD56 Datasheet
277Kb / 9P
   ADD-A-PAK Gen 7 Power Modules Standard Diodes, 60 A
Revision: 05-Apr-16
VSKH42 VISHAY-VSKH42 Datasheet
522Kb / 12P
   ADD-A-PAK Generation VII Power Modules
Revision: 14-Jan-14
VSKT7104 VISHAY-VSKT7104 Datasheet
330Kb / 10P
   ADD-A-PAK Generation VII Power Modules
Revision: 14-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com