Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSKT500 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VSKT500
Description  Thyristor/Diode and Thyristor/Thyristor (SUPER MAGN-A-PAK Power Modules), 500 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKT500 Datasheet(HTML) 5 Page - Vishay Siliconix

  VSKT500_10 Datasheet HTML 1Page - Vishay Siliconix VSKT500_10 Datasheet HTML 2Page - Vishay Siliconix VSKT500_10 Datasheet HTML 3Page - Vishay Siliconix VSKT500_10 Datasheet HTML 4Page - Vishay Siliconix VSKT500_10 Datasheet HTML 5Page - Vishay Siliconix VSKT500_10 Datasheet HTML 6Page - Vishay Siliconix VSKT500_10 Datasheet HTML 7Page - Vishay Siliconix VSKT500_10 Datasheet HTML 8Page - Vishay Siliconix VSKT500_10 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 94420
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 02-Jul-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
5
VSKT500-..PbF, VSKH500-..PbF, VSKL500-..PbF
Thyristor/Diode and Thyristor/Thyristor
(SUPER MAGN-A-PAK Power Modules), 500 A
Vishay Semiconductors
Fig. 7 - On-State Power Loss Characteristics
Fig. 8 - On-State Power Loss Characteristics
Fig. 9 - On-State Power Loss Characteristics
0
2040
6080
100
120
Maximum Allowable Ambient Temperature (°C)
0.1
6
K
/W
0.2
K/W
0.3
K/W
0.4
K/ W
0.6 K/W
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
750
0
100 200 300 400 500 600 700 800
180°
120°
90°
60°
30°
Total RMSOutput Current (A)
Cond uction Angle
VSK.500.. Series
Per Module
T = 130°C
J
020
40
60
80
100
120
Maximum Allowable Ambient Temperature (°C)
0.0
2
K/
W
0.0
3
K/
W
0.0
5 K
/ W
0.08
K/ W
0.12 K
/ W
0.2 K/W
0
500
1000
1500
2000
2500
3000
0
200
400
600
800
1000
Total Output Current (A)
180°
(Sine)
180°
(Rect)
2 x VSK.500.. Series
Single Phase Bridge
Connec ted
T
= 130°C
J
0
20406080
100
120
Maximum Allowable Ambient Temperature (°C)
R
=
0.0
1
K/
W
-
D
elt
a
R
0.0
2
K/W
0.0
3 K
/ W
0.05
K/ W
0.08K
/ W
0.2 K/ W
0
500
1000
1500
2000
2500
3000
3500
4000
4500
0
250
500
750
1000
1250
1500
Total Output Current (A)
120°
(Rect)
3 x VSK.500.. Series
Three Phase Bridge
Connec ted
T = 130°C
J


Similar Part No. - VSKT500_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKT500 VISHAY-VSKT500 Datasheet
176Kb / 8P
   Thyristor/Diode and Thyristor/Thyristor (SUPER MAGN-A-PAKTM Power Modules), 500 A
Revision: 20-Mar-08
More results

Similar Description - VSKT500_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSKT500-PBF VISHAY-VS-VSKT500-PBF_V01 Datasheet
258Kb / 9P
   Thyristor/Diode and Thyristor/Thyristor (Super MAGN-A-PAK Power Modules), 500 A
01-Jan-2022
VS-VSKT500-PBF VISHAY-VS-VSKT500-PBF Datasheet
259Kb / 9P
   Thyristor / Diode and Thyristor / Thyristor(Super MAGN-A-PAK Power Modules), 500 A
Revision: 28-Apr-17
VS-VSKT500-..PBF VISHAY-VS-VSKT500-..PBF_V02 Datasheet
257Kb / 9P
   Thyristor/Diode and Thyristor/Thyristor (Super MAGN-A-PAK Power Modules), 500 A
01-Jan-2023
VS-VSKT500-..PBF VISHAY-VS-VSKT500-..PBF Datasheet
257Kb / 9P
   Thyristor/Diode and Thyristor/Thyristor (Super MAGN-A-PAK Power Modules), 500 A
01-Jan-2022
VSK430PBF VISHAY-VSK430PBF Datasheet
240Kb / 9P
   Thyristor/Diode and Thyristor/Thyristor (SUPER MAGN-A-PAK Power Modules), 430 A
11-Mar-11
VSK430PBF VISHAY-VSK430PBF_V01 Datasheet
189Kb / 8P
   Thyristor/Diode and Thyristor/Thyristor, 430 A (SUPER MAGN-A-PAK Power Modules)
02-Oct-12
VSKT430 VISHAY-VSKT430_10 Datasheet
240Kb / 9P
   Thyristor/Diode and Thyristor/Thyristor (SUPER MAGN-A-PAK Power Modules), 430 A
Revision: 02-Jul-10
VSK.430PBF VISHAY-VSK.430PBF Datasheet
189Kb / 8P
   Thyristor/Diode and Thyristor/Thyristor, 430 A (SUPER MAGN-A-PAK Power Modules)
Revision: 20-Aug-13
logo
Nell Semiconductor Co.,...
NKT500 NELLSEMI-NKT500 Datasheet
1Mb / 4P
   Thyristor/Diode and Thyristor/Thyristor, 500A(SUPER MAGN-A-PAK Power Modules)
NKT600 NELLSEMI-NKT600 Datasheet
1Mb / 4P
   Thyristor/Diode and Thyristor/Thyristor, 600A(SUPER MAGN-A-PAK Power Modules)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com