Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP69-25 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BCP69-25
Description  PNP Silicon AF Transistor (For general AF application High collector current High current gain)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCP69-25 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BCP69-25 Datasheet HTML 1Page - Siemens Semiconductor Group BCP69-25 Datasheet HTML 2Page - Siemens Semiconductor Group BCP69-25 Datasheet HTML 3Page - Siemens Semiconductor Group BCP69-25 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Semiconductor Group
4
BCP 69
Collector-emitter saturation voltage
IC = f (VCEsat)
hFE = 10
Permissible pulse load Ptot max/Ptot DC = f (
tp)
Base-emitter saturation voltage
IC = f (VBEsat)
hFE = 10


Similar Part No. - BCP69-25

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP69-25 PHILIPS-BCP69-25 Datasheet
45Kb / 8P
   PNP medium power transistor
1999 Apr 08
logo
Zetex Semiconductors
BCP69-25 ZETEX-BCP69-25 Datasheet
43Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Infineon Technologies A...
BCP69-25 INFINEON-BCP69-25 Datasheet
43Kb / 4P
   PNP Silicon AF Transistor
Nov-29-2001
logo
NXP Semiconductors
BCP69-25 NXP-BCP69-25 Datasheet
94Kb / 13P
   20 V, 1 A PNP medium power transistor
Rev. 06-2 December 2008
logo
Infineon Technologies A...
BCP69-25 INFINEON-BCP69-25 Datasheet
517Kb / 6P
   PNP Silicon AF Transistor
2008-10-10
More results

Similar Description - BCP69-25

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCP68 SIEMENS-BCP68 Datasheet
136Kb / 4P
   NPN Silicon AF Transistor (For general AF application High collector current High current gain)
BC807-16W SIEMENS-BC807-16W Datasheet
91Kb / 5P
   PNP Silicon AF Transistor (For general AF applications High collector current High current gain)
BC807 SIEMENS-BC807 Datasheet
131Kb / 5P
   PNP Silicon AF Transistors (For general AF applications High collector current High current gain)
BC817-16W SIEMENS-BC817-16W Datasheet
90Kb / 5P
   NPN Silicon AF Transistor (For general AF applications High collector current High current gain)
BC636 SIEMENS-BC636 Datasheet
126Kb / 5P
   PNP Silicon AF Transistors (High current gain High collector current)
BCX69 SIEMENS-BCX69 Datasheet
145Kb / 4P
   PNP Silicon AF Transistors (For general AF applications High collector current)
BC368 SIEMENS-BC368 Datasheet
125Kb / 4P
   NPN Silicon AF Transistor (High current gain High collector current)
BDP952 SIEMENS-BDP952 Datasheet
40Kb / 4P
   PNP Silicon AF Power Transistor (For AF drivers and output stages High collector current High current gain)
BDP948 SIEMENS-BDP948 Datasheet
39Kb / 4P
   PNP Silicon AF Power Transistor (For AF drivers and output stages High collector current High current gain)
BCP72 SIEMENS-BCP72 Datasheet
29Kb / 3P
   PNP Silicon AF Power Transistor (For AF driver and output stages High collector current High current gain)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com