Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSKT230-18PBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VSKT230-18PBF
Description  SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKT230-18PBF Datasheet(HTML) 6 Page - Vishay Siliconix

  VSKT230-18PBF Datasheet HTML 1Page - Vishay Siliconix VSKT230-18PBF Datasheet HTML 2Page - Vishay Siliconix VSKT230-18PBF Datasheet HTML 3Page - Vishay Siliconix VSKT230-18PBF Datasheet HTML 4Page - Vishay Siliconix VSKT230-18PBF Datasheet HTML 5Page - Vishay Siliconix VSKT230-18PBF Datasheet HTML 6Page - Vishay Siliconix VSKT230-18PBF Datasheet HTML 7Page - Vishay Siliconix VSKT230-18PBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 93053
6
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 02-Jul-10
VSK.230..PbF Series
Vishay Semiconductors
SCR/SCR and SCR/Diode
(MAGN-A-PAK Power Modules), 230 A
Fig. 10 - On-State Voltage Drop Characteristics
Fig. 11 - Reverse Recovery Charge Characteristics
Fig. 12 - Gate Characteristics
Fig. 13 - Thermal Impedance ZthJC Characteristics
200
400
600
800
1000
1200
1400
1600
1800
0
102030405060 708090 100
Rate Of Fall Of On-state Current - di/dt (A/µs)
I
TM = 800 A
500 A
300 A
200 A
100 A
VSK.
230.. Series
T
J = 130 °C
Per Junction
50 A
0.1
1
10
100
0.001
0.01
0.1
1
10
100
VGD
IGD
(b)
(a)
(2)
(3)
Instantaneous Gate Current (A)
a) Recommended load line for
b) Recommended load line for
rated di/dt : 20 V, 10 ohms; tr < =1µs
tr<=1 µs
Rectangular gate pulse
<=30% rated di/dt : 10V, 20ohms
(1) PGM = 10W, tp = 4ms
(2) PGM = 20W, tp = 2ms
(3) PGM = 40W, tp = 1ms
(4) PGM = 60W, tp = 0.66ms
VSK.230 Series
Frequency Limited by PG(AV)
(1)
(4)
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
100
Square Wave Pulse Duration (s)
Steady State Value:
R
= 0.125 K/W
(DC Operation)
thJC
VSK.230.. Series


Similar Part No. - VSKT230-18PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKT250-04 VISHAY-VSKT250-04 Datasheet
311Kb / 12P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A/250 A
Revision: 02-Jul-10
VSKT250-04PBF VISHAY-VSKT250-04PBF Datasheet
311Kb / 12P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A/250 A
Revision: 02-Jul-10
VSKT250-08 VISHAY-VSKT250-08 Datasheet
311Kb / 12P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A/250 A
Revision: 02-Jul-10
VSKT250-08PBF VISHAY-VSKT250-08PBF Datasheet
311Kb / 12P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A/250 A
Revision: 02-Jul-10
VSKT250-10 VISHAY-VSKT250-10 Datasheet
311Kb / 12P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A/250 A
Revision: 02-Jul-10
More results

Similar Description - VSKT230-18PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSK230PBF VISHAY-VS-VSK230PBF_V01 Datasheet
170Kb / 9P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
01-Jan-2022
VS-VSK.230PBF VISHAY-VS-VSK.230PBF Datasheet
186Kb / 9P
   SCR / SCR and SCR / Diode (MAGN-A-PAK Power Modules), 230 A
Revision: 27-Apr-17
VS-VSK.230..PBF VISHAY-VS-VSK.230..PBF Datasheet
168Kb / 9P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
01-Jan-2022
VS-VSK.230..PBF VISHAY-VS-VSK.230..PBF_V01 Datasheet
169Kb / 9P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
01-Jan-2023
logo
International Rectifier
IRK IRF-IRK Datasheet
150Kb / 6P
   SCR / SCR and SCR / DIODE MAGN-A-pak Power Modules
logo
Vishay Siliconix
VS-VSK.170PBF VISHAY-VS-VSK.170PBF_V02 Datasheet
273Kb / 12P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A, 250 A
01-Jan-2023
VSKT170 VISHAY-VSKT170_10 Datasheet
311Kb / 12P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A/250 A
Revision: 02-Jul-10
VS-VSK170PBF VISHAY-VS-VSK170PBF_V01 Datasheet
274Kb / 12P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A, 250 A
01-Jan-2022
IRKT250-14 VISHAY-IRKT250-14 Datasheet
313Kb / 12P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A/250 A
Revision: 02-Jul-10
VS-VSKH320-16PBF VISHAY-VS-VSKH320-16PBF Datasheet
206Kb / 8P
   SCR/Diode (MAGN-A-PAK Power Modules), 320 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com