Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSKT570-18PBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VSKT570-18PBF
Description  Thyristor/Thyristor (SUPER MAGN-A-PAK Power Modules), 570 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKT570-18PBF Datasheet(HTML) 1 Page - Vishay Siliconix

  VSKT570-18PBF Datasheet HTML 1Page - Vishay Siliconix VSKT570-18PBF Datasheet HTML 2Page - Vishay Siliconix VSKT570-18PBF Datasheet HTML 3Page - Vishay Siliconix VSKT570-18PBF Datasheet HTML 4Page - Vishay Siliconix VSKT570-18PBF Datasheet HTML 5Page - Vishay Siliconix VSKT570-18PBF Datasheet HTML 6Page - Vishay Siliconix VSKT570-18PBF Datasheet HTML 7Page - Vishay Siliconix VSKT570-18PBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 93281
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 05-May-11
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thyristor/Thyristor
(SUPER MAGN-A-PAK Power Modules), 570 A
VSKT570-18PbF
Vishay Semiconductors
FEATURES
• High current capability
• High surge capability
• Industrial standard package
• 3000 VRMS isolating voltage with non-toxic substrate
• Compliant to RoHS Directive 2002/95/EC
• Designed and qualified for industrial level
TYPICAL APPLICATIONS
• Motor starters
• DC motor controls - AC motor controls
• Uninterruptable power supplies
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IT(AV)
570 A
SUPER MAGN-A-PAK
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IT(AV)
TC = 74 °C
570
A
IT(RMS)
TC = 74 °C
895
ITSM
50 Hz
17 800
60 Hz
18 700
I2t
50 Hz
1591
kA2s
60 Hz
1452
I2
t
15 910
kA2
s
VRRM
1800
V
TStg
Range
- 40 to 135
°C
TJ
Range
- 40 to 135
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM/VDRM, MAXIMUM REPETITIVE
PEAK REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM/IDRM MAXIMUM
AT TJ = TJ MAXIMUM
mA
VSKT570-18PbF
18
1800
1900
120


Similar Part No. - VSKT570-18PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKT5716P VISHAY-VSKT5716P Datasheet
320Kb / 11P
   Thyristor/Diode and Thyristor/Thyristor (ADD-A-PAKTM Generation 5 Power Modules), 45/60 A
Revision: 23-Apr-08
VSKT5716S90P VISHAY-VSKT5716S90P Datasheet
320Kb / 11P
   Thyristor/Diode and Thyristor/Thyristor (ADD-A-PAKTM Generation 5 Power Modules), 45/60 A
Revision: 23-Apr-08
More results

Similar Description - VSKT570-18PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSKT570-18PBF VISHAY-VS-VSKT570-18PBF_V02 Datasheet
259Kb / 8P
   Thyristor/Thyristor (Super MAGN-A-PAK Power Modules), 570 A
01-Jan-2023
VS-VSKT570-18PBF VISHAY-VS-VSKT570-18PBF_V01 Datasheet
260Kb / 8P
   Thyristor/Thyristor (Super MAGN-A-PAK Power Modules), 570 A
01-Jan-2022
VS-VSKT570-16PBF VISHAY-VS-VSKT570-16PBF_V01 Datasheet
233Kb / 8P
   Thyristor/Thyristor (Super MAGN-A-PAK Power Modules), 570 A
01-Jan-2022
VS-VSKH570-16PBF VISHAY-VS-VSKH570-16PBF_V01 Datasheet
226Kb / 8P
   Thyristor/Diode (Super MAGN-A-PAK Power Modules), 570 A
01-Jan-2023
VS-VSKH570-18PBF VISHAY-VS-VSKH570-18PBF Datasheet
259Kb / 8P
   Thyristor/Diode (Super MAGN-A-PAK Power Modules), 570 A
01-Jan-2022
VS-VSKH570-16PBF VISHAY-VS-VSKH570-16PBF Datasheet
225Kb / 8P
   Thyristor/Diode (Super MAGN-A-PAK Power Modules), 570 AS
01-Jan-2022
VS-VSKT320PBF VISHAY-VS-VSKT320PBF_V02 Datasheet
184Kb / 7P
   Thyristor/Thyristor (MAGN-A-PAK Power Modules), 320 A
01-Jan-2023
VS-VSKT320PBF VISHAY-VS-VSKT320PBF_V01 Datasheet
184Kb / 7P
   Thyristor/Thyristor (MAGN-A-PAK Power Modules), 320 A
01-Jan-2022
VS-VSKT500-PBF VISHAY-VS-VSKT500-PBF_V01 Datasheet
258Kb / 9P
   Thyristor/Diode and Thyristor/Thyristor (Super MAGN-A-PAK Power Modules), 500 A
01-Jan-2022
VSKT500 VISHAY-VSKT500_10 Datasheet
264Kb / 9P
   Thyristor/Diode and Thyristor/Thyristor (SUPER MAGN-A-PAK Power Modules), 500 A
Revision: 02-Jul-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com