Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

600SP1S3M3Q Datasheet(PDF) 2 Page - E-SWITCH

Part # 600SP1S3M3Q
Description  SLIDE SWITCHES - MINIATURE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

600SP1S3M3Q Datasheet(HTML) 2 Page - E-SWITCH

  600SP1S3M3Q Datasheet HTML 1Page - E-SWITCH 600SP1S3M3Q Datasheet HTML 2Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.e-switch.com
info@e-switch.com
185
SPDT
M1
DPDT
M2
SPDT
M3
DPDT
M4
S1
S2
S3
RECESSED ACTUATOR
EXTENDED ACTUATOR
SIDE ACTUATOR
ACTUATOR OPTIONS
CONTACT MATERIAL OPTIONS
Q
R
Fixed Terminal:
Silver plated copper alloy
Moving Contact:
Silver plated copper alloy
Rating:
1 Amp with resistive load @ 30VDC
Fixed Terminal:
Copper alloy with gold plate over nickel plate
Moving Contact:
Copper alloy with gold plate over nickel plate
Rating:
0.4 Volt-Amps (VA) max. @ 20V max. (AC or DC)
PC MOUNTING
SPDT
DPDT
SPDT
DPDT
SPDT
DPDT


Similar Part No. - 600SP1S3M3Q

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
600S-N TRUMPOWER-600S-N Datasheet
58Kb / 1P
   Switching Power Supplies
600S-N003 TRUMPOWER-600S-N003 Datasheet
58Kb / 1P
   Switching Power Supplies
logo
Mean Well Enterprises C...
600S-N005 MEANWELL-600S-N005 Datasheet
345Kb / 3P
   600W Single Output With Parallel Function
logo
Tumbler Technologies + ...
600S-N005 TRUMPOWER-600S-N005 Datasheet
58Kb / 1P
   Switching Power Supplies
logo
Mean Well Enterprises C...
600S-N012 MEANWELL-600S-N012 Datasheet
345Kb / 3P
   600W Single Output With Parallel Function
More results

Similar Description - 600SP1S3M3Q

ManufacturerPart #DatasheetDescription
logo
C&K Components
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
   Miniature Slide Switches
logo
Copal Electronics
SS220K-23 COPAL-SS220K-23 Datasheet
551Kb / 1P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLB12814 ETC2-SLB12814 Datasheet
579Kb / 8P
   Miniature Slide Switches
logo
C&K Components
L CK-COMPONENTS-L Datasheet
783Kb / 6P
   Miniature Slide Switches
19 Mar 2019
OS102011MS2QN1 CK-COMPONENTS-OS102011MS2QN1 Datasheet
669Kb / 7P
   Miniature Slide Switches
logo
Copal Electronics
ES_SERIES COPAL-ES_SERIES Datasheet
825Kb / 2P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLG12004 ETC2-SLG12004 Datasheet
69Kb / 1P
   Miniature Slide Switches
logo
ITT Industries
L202011MS02Q2 ITT-L202011MS02Q2 Datasheet
615Kb / 6P
   Miniature Slide Switches
logo
C&K Components
1000 CK-COMPONENTS-1000 Datasheet
521Kb / 6P
   Miniature Slide Switches
logo
ITT Industries
OS102011MS2QN1 ITT-OS102011MS2QN1 Datasheet
955Kb / 7P
   Miniature Slide Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com