Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSKT500-08PBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VSKT500-08PBF
Description  Thyristor/Diode and Thyristor/Thyristor (SUPER MAGN-A-PAK Power Modules), 500 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKT500-08PBF Datasheet(HTML) 1 Page - Vishay Siliconix

  VSKT500-08PBF Datasheet HTML 1Page - Vishay Siliconix VSKT500-08PBF Datasheet HTML 2Page - Vishay Siliconix VSKT500-08PBF Datasheet HTML 3Page - Vishay Siliconix VSKT500-08PBF Datasheet HTML 4Page - Vishay Siliconix VSKT500-08PBF Datasheet HTML 5Page - Vishay Siliconix VSKT500-08PBF Datasheet HTML 6Page - Vishay Siliconix VSKT500-08PBF Datasheet HTML 7Page - Vishay Siliconix VSKT500-08PBF Datasheet HTML 8Page - Vishay Siliconix VSKT500-08PBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 94420
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 02-Jul-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
Thyristor/Diode and Thyristor/Thyristor
(SUPER MAGN-A-PAK Power Modules), 500 A
VSKT500-..PbF, VSKH500-..PbF, VSKL500-..PbF
Vishay Semiconductors
FEATURES
• High current capability
• High surge capability
• Industrial standard package
• 3000 VRMS isolating voltage with non-toxic
substrate
• UL approved file E78996
• Compliant to RoHS directive 2002/95/EC
• Designed and qualified for industrial level
TYPICAL APPLICATIONS
• Motor starters
• DC motor controls - AC motor controls
• Uninterruptable power supplies
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IT(AV) , IF(AV)
500 A
SUPER MAGN-A-PAK
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IT(AV) , IF(AV)
82 °C
500
A
IT(RMS)
785
A
TC
82
°C
ITSM
50 Hz
17.8
kA
60 Hz
18.7
I2t
50 Hz
1591
kA2s
60 Hz
1452
I2
t
15 910
kA2
s
VRRM
Range
800 to 1600
V
TStg
Range
- 40 to 150
°C
TJ
Range
- 40 to 130
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM/VDRM, MAXIMUM REPETITIVE
PEAK REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM/IDRM MAXIMUM
AT TJ = TJ MAXIMUM
mA
VSK.500
08
800
900
100
12
1200
1300
14
1400
1500
16
1600
1700


Similar Part No. - VSKT500-08PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKT500 VISHAY-VSKT500 Datasheet
176Kb / 8P
   Thyristor/Diode and Thyristor/Thyristor (SUPER MAGN-A-PAKTM Power Modules), 500 A
Revision: 20-Mar-08
More results

Similar Description - VSKT500-08PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSKT500-PBF VISHAY-VS-VSKT500-PBF_V01 Datasheet
258Kb / 9P
   Thyristor/Diode and Thyristor/Thyristor (Super MAGN-A-PAK Power Modules), 500 A
01-Jan-2022
VS-VSKT500-PBF VISHAY-VS-VSKT500-PBF Datasheet
259Kb / 9P
   Thyristor / Diode and Thyristor / Thyristor(Super MAGN-A-PAK Power Modules), 500 A
Revision: 28-Apr-17
VS-VSKT500-..PBF VISHAY-VS-VSKT500-..PBF_V02 Datasheet
257Kb / 9P
   Thyristor/Diode and Thyristor/Thyristor (Super MAGN-A-PAK Power Modules), 500 A
01-Jan-2023
VS-VSKT500-..PBF VISHAY-VS-VSKT500-..PBF Datasheet
257Kb / 9P
   Thyristor/Diode and Thyristor/Thyristor (Super MAGN-A-PAK Power Modules), 500 A
01-Jan-2022
VSK430PBF VISHAY-VSK430PBF Datasheet
240Kb / 9P
   Thyristor/Diode and Thyristor/Thyristor (SUPER MAGN-A-PAK Power Modules), 430 A
11-Mar-11
VSK430PBF VISHAY-VSK430PBF_V01 Datasheet
189Kb / 8P
   Thyristor/Diode and Thyristor/Thyristor, 430 A (SUPER MAGN-A-PAK Power Modules)
02-Oct-12
VSKT430 VISHAY-VSKT430_10 Datasheet
240Kb / 9P
   Thyristor/Diode and Thyristor/Thyristor (SUPER MAGN-A-PAK Power Modules), 430 A
Revision: 02-Jul-10
VSK.430PBF VISHAY-VSK.430PBF Datasheet
189Kb / 8P
   Thyristor/Diode and Thyristor/Thyristor, 430 A (SUPER MAGN-A-PAK Power Modules)
Revision: 20-Aug-13
logo
Nell Semiconductor Co.,...
NKT500 NELLSEMI-NKT500 Datasheet
1Mb / 4P
   Thyristor/Diode and Thyristor/Thyristor, 500A(SUPER MAGN-A-PAK Power Modules)
NKT600 NELLSEMI-NKT600 Datasheet
1Mb / 4P
   Thyristor/Diode and Thyristor/Thyristor, 600A(SUPER MAGN-A-PAK Power Modules)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com