Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSKTF200-08HKP Datasheet(PDF) 8 Page - Vishay Siliconix

Part # VSKTF200-08HKP
Description  Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 200 A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKTF200-08HKP Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button VSKTF200-08HKP Datasheet HTML 3Page - Vishay Siliconix VSKTF200-08HKP Datasheet HTML 4Page - Vishay Siliconix VSKTF200-08HKP Datasheet HTML 5Page - Vishay Siliconix VSKTF200-08HKP Datasheet HTML 6Page - Vishay Siliconix VSKTF200-08HKP Datasheet HTML 7Page - Vishay Siliconix VSKTF200-08HKP Datasheet HTML 8Page - Vishay Siliconix VSKTF200-08HKP Datasheet HTML 9Page - Vishay Siliconix VSKTF200-08HKP Datasheet HTML 10Page - Vishay Siliconix VSKTF200-08HKP Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 94422
8
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 19-Jul-10
VSK.F200..P Series
Vishay Semiconductors Fast Thyristor/Diode and Thyristor/Thyristor
(MAGN-A-PAK Power Modules), 200 A
ORDERING INFORMATION TABLE
Note
• To order the optional hardware go to www.vishay.com/doc?95172
CIRCUIT CONFIGURATION
CIRCUIT DESCRIPTION
CIRCUIT
CONFIGURATION CODE
CIRCUIT DRAWING
Two SCRs common cathodes
U
SCR/diode common cathodes
K
Two SCRs common anodes
V
1
-
Module type
2
-
Circuit configuration (see circuit configuration table)
3
-
Fast SCR
5
-
Voltage code x 100 = VRRM (see Voltage Ratings table)
8
-
Lead (Pb)-free
4
-
Current rating: IT(AV) x 10 rounded
6
-
dV/dt code: H
≤ 400 V/µs
7
-tq code: K ≤ 20 µs
J
≤ 25 µs
Device code
5
1
3
24
67
8
VSK
T
F
200
-
12
H
K
P
VSKUF..
+
--
K1
G1
G2
K2
-
-
+
VSKKF..
+
--
G2
K2
--
+
VSKVF..
-
++
K1
G1
G2
K2
++
-


Similar Part No. - VSKTF200-08HKP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKTF200 VISHAY-VSKTF200 Datasheet
204Kb / 9P
   Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAKTM Power Modules), 200 A
Revision: 03-Jun-08
VSKTF20012HJP VISHAY-VSKTF20012HJP Datasheet
204Kb / 9P
   Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAKTM Power Modules), 200 A
Revision: 03-Jun-08
VSKTF20012HKP VISHAY-VSKTF20012HKP Datasheet
204Kb / 9P
   Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAKTM Power Modules), 200 A
Revision: 03-Jun-08
More results

Similar Description - VSKTF200-08HKP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSK.F200P VISHAY-VSK.F200P Datasheet
1Mb / 11P
   Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 200 A
Revision: 19-Jul-10
VSKF200P VISHAY-VSKF200P Datasheet
1Mb / 11P
   Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 200 A
11-Mar-11
logo
International Rectifier
IRKTF180 IRF-IRKTF180 Datasheet
230Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR (MAGN-A-pak Power Modules)
IRKF180 IRF-IRKF180 Datasheet
241Kb / 8P
   FAST THYRISTOR/ DIODE and MAGN-A-pak Power Modules THYRISTOR/ THYRISTOR
logo
Vishay Siliconix
VSK.F180P VISHAY-VSK.F180P Datasheet
1Mb / 11P
   Fast Thyristor/Diode and Thyristor/Thyristor(MAGN-A-PAK Power Modules), 180 A
Revision: 19-Jul-10
VSKF180P VISHAY-VSKF180P Datasheet
1Mb / 11P
   Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 180 A
11-Mar-11
logo
Nell Semiconductor Co.,...
NKT250 NELLSEMI-NKT250 Datasheet
1Mb / 4P
   Thyristor/Diode and Thyristor/Thyristor, 250A( MAGN-A-PAK Power Modules)
logo
Vishay Siliconix
VSKTF200 VISHAY-VSKTF200 Datasheet
204Kb / 9P
   Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAKTM Power Modules), 200 A
Revision: 03-Jun-08
logo
Nell Semiconductor Co.,...
NKT330 NELLSEMI-NKT330 Datasheet
2Mb / 4P
   Thyristor/Diode and Thyristor/Thyristor, 330A( MAGN-A-PAK Power Modules)
NKT350 NELLSEMI-NKT350 Datasheet
2Mb / 4P
   Thyristor/Diode and Thyristor/Thyristor, 350A( MAGN-A-PAK Power Modules)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com