Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSKT170-10 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VSKT170-10
Description  SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A/250 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKT170-10 Datasheet(HTML) 2 Page - Vishay Siliconix

  VSKT170-10 Datasheet HTML 1Page - Vishay Siliconix VSKT170-10 Datasheet HTML 2Page - Vishay Siliconix VSKT170-10 Datasheet HTML 3Page - Vishay Siliconix VSKT170-10 Datasheet HTML 4Page - Vishay Siliconix VSKT170-10 Datasheet HTML 5Page - Vishay Siliconix VSKT170-10 Datasheet HTML 6Page - Vishay Siliconix VSKT170-10 Datasheet HTML 7Page - Vishay Siliconix VSKT170-10 Datasheet HTML 8Page - Vishay Siliconix VSKT170-10 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 94417
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 02-Jul-10
VSK.170PbF, VSK.250PbF Series
Vishay Semiconductors
SCR/SCR and SCR/Diode
(MAGN-A-PAK Power Modules), 170 A/250 A
ELECTRICAL SPECIFICATIONS
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM/VDRM, MAXIMUM REPETITIVE
PEAK REVERSE AND OFF-STATE
BLOCKING VOLTAGE
V
VRSM, MAXIMUM
NON-REPETITIVE PEAK
REVERSE VOLTAGE
V
IRRM/IDRM
AT 130 °C
MAXIMUM
mA
VSK.170-
04
400
500
50
08
800
900
10
1000
1100
12
1200
1300
14
1400
1500
16
1600
1700
VSK.250-
04
400
500
50
08
800
900
10
1000
1100
12
1200
1300
14
1400
1500
16
1600
1700
18
1800
1900
60
20
2000
2100
ON-STATE CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VSK.170
VSK.250
UNITS
Maximum average on-state current
at case temperature
IT(AV)
180° conduction, half sine wave
170
250
A
85
85
°C
Maximum RMS on-state current
IT(RMS)
As AC switch
377
555
A
Maximum peak, one-cycle on-state
non-repetitive, surge current
ITSM
t = 10 ms
No voltage
reapplied
Sinusoidal
half wave,
initial TJ =
TJ maximum
5100
8500
t = 8.3 ms
5350
8900
t = 10 ms
100 % VRRM
reapplied
4300
7150
t = 8.3 ms
4500
7500
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
131
361
kA2s
t = 8.3 ms
119
330
t = 10 ms
100 % VRRM
reapplied
92.5
255
t = 8.3 ms
84.4
233
Maximum I2
t for fusing
I2
t
t = 0.1 ms to 10 ms, no voltage reapplied
1310
3610
kA2
s
Low level value or threshold voltage
VT(TO)1
(16.7 % x
 x I
T(AV) < I <  x IT(AV)),
TJ = TJ maximum
0.89
0.97
V
High level value of threshold voltage
VT(TO)2
(I >
 x I
T(AV) < I <  x IT(AV)), TJ = TJ maximum
1.12
1.00
Low level value on-state slope resistance
rt1
(16.7 % x
 x I
T(AV) < I <  x IT(AV)),
TJ = TJ maximum
1.34
0.60
m
High level value on-state slope resistance
rt2
(I >
 x I
T(AV) < I <  x IT(AV)), TJ = TJ maximum
0.96
0.57
Maximum on-state voltage drop
VTM
ITM =  x IT(AV), TJ = TJ maximum, 180° conduction,
average power = VT(TO) x IT(AV) + rf x (IT(RMS))2
1.60
1.44
V
Maximum holding current
IH
Anode supply = 12 V, initial IT = 30 A, TJ = 25 °C
500
500
mA
Maximum latching current
IL
Anode supply = 12 V, resistive load = 1
,
gate pulse: 10 V, 100 μs, TJ = 25 °C
1000
1000


Similar Part No. - VSKT170-10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKT17016PBF VISHAY-VSKT17016PBF Datasheet
245Kb / 11P
   SCR/SCR and SCR/Diode (MAGN-A-PAKTM Power Modules), 170/250 A
Revision: 22-Apr-08
More results

Similar Description - VSKT170-10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSK.170PBF VISHAY-VS-VSK.170PBF_V02 Datasheet
273Kb / 12P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A, 250 A
01-Jan-2023
VS-VSK170PBF VISHAY-VS-VSK170PBF_V01 Datasheet
274Kb / 12P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A, 250 A
01-Jan-2022
IRKT250-14 VISHAY-IRKT250-14 Datasheet
313Kb / 12P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A/250 A
Revision: 02-Jul-10
VSK170PBF VISHAY-VSK170PBF Datasheet
245Kb / 11P
   SCR/SCR and SCR/Diode (MAGN-A-PAKTM Power Modules), 170/250 A
Revision: 22-Apr-08
logo
International Rectifier
IRK IRF-IRK Datasheet
150Kb / 6P
   SCR / SCR and SCR / DIODE MAGN-A-pak Power Modules
logo
Vishay Siliconix
VS-VSK230PBF VISHAY-VS-VSK230PBF_V01 Datasheet
170Kb / 9P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
01-Jan-2022
VSKT230 VISHAY-VSKT230 Datasheet
345Kb / 8P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
Revision: 02-Jul-10
VS-VSK.230PBF VISHAY-VS-VSK.230PBF Datasheet
186Kb / 9P
   SCR / SCR and SCR / Diode (MAGN-A-PAK Power Modules), 230 A
Revision: 27-Apr-17
VS-VSK.230..PBF VISHAY-VS-VSK.230..PBF Datasheet
168Kb / 9P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
01-Jan-2022
VS-VSK.230..PBF VISHAY-VS-VSK.230..PBF_V01 Datasheet
169Kb / 9P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com