Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP72M Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BCP72M
Description  PNP Silicon AF Power Transistor (Drain switch for RF power amplifier stages For AF driver and output stages High collector current)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCP72M Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BCP72M Datasheet HTML 1Page - Siemens Semiconductor Group BCP72M Datasheet HTML 2Page - Siemens Semiconductor Group BCP72M Datasheet HTML 3Page - Siemens Semiconductor Group BCP72M Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BCP 72M
Semiconductor Group
Jun-05-1998
2
Electrical Characteristics at TA = 25°C, unless otherwise specified.
Parameter
Symbol
Unit
Values
typ.
min.
max.
DC Characteristics
V
V(BR)CEO
-
-
10
Collector-emitter breakdown voltage
IC = 10 mA, IB = 0
V(BR)CBO
Collector-base breakdown voltage
IC = 100 µA, IB = 0
-
-
10
5
-
-
V(BR)EBO
Emitter-base breakdown voltage
IE = 10 µA, IC = 0
Collector cutoff current
VCB = 8 V, IE = 0
ICBO
-
-
100
nA
Collector cutoff current
VCB = 8 V, IE = 0 , TA = 150 °C
ICBO
-
-
20
µA
Emitter cutoff current
VEB = 4 V, IC = 0
IEBO
-
-
100
nA
DC current gain 1)
IC = 10 mA, VCE = 5 V
IC = 500 mA, VCE = 1 V
IC = 2 A, VCE = 2 V
-
475
-
-
-
-
-
hFE
25
85
50
Collector-emitter saturation voltage1)
IC = 2 A, IB = 0.2 A
V
-
VCEsat
-
0.15
Base-emitter saturation voltage 1)
IC = 2 A, IB = 0.2 A
-
1.2
VBEsat
-
AC Characteristics
Transition frequency
IC = 50 mA, VCE = 10 V, f = 100 MHz
fT
-
100
-
MHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
-
100
-
pF
1) Pulse test: t < 300
µs; D < 2%
Semiconductor Group
2
1998-11-01


Similar Part No. - BCP72M

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCP72 SIEMENS-BCP72 Datasheet
29Kb / 3P
   PNP Silicon AF Power Transistor (For AF driver and output stages High collector current High current gain)
More results

Similar Description - BCP72M

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCP71M SIEMENS-BCP71M Datasheet
30Kb / 4P
   NPN Silicon AF Power Transistor (Drain switch for RF power amplifier stages For AF driver and output stages High collector current)
BCP70M SIEMENS-BCP70M Datasheet
29Kb / 4P
   PNP Silicon AF Power Transistor (For AF driver and output stages High collector current)
BCP51MBCP53M SIEMENS-BCP51MBCP53M Datasheet
31Kb / 4P
   PNP Silicon AF Transistor (For AF driver and output stages High collector current)
BCP51-BCP53 SIEMENS-BCP51-BCP53 Datasheet
140Kb / 5P
   PNP Silicon AF Transistors (For AF driver and output stages High collector current)
BCP72 SIEMENS-BCP72 Datasheet
29Kb / 3P
   PNP Silicon AF Power Transistor (For AF driver and output stages High collector current High current gain)
BDP952 SIEMENS-BDP952 Datasheet
40Kb / 4P
   PNP Silicon AF Power Transistor (For AF drivers and output stages High collector current High current gain)
BDP948 SIEMENS-BDP948 Datasheet
39Kb / 4P
   PNP Silicon AF Power Transistor (For AF drivers and output stages High collector current High current gain)
BCP54BCP56 SIEMENS-BCP54BCP56 Datasheet
131Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP54MBCP56M SIEMENS-BCP54MBCP56M Datasheet
31Kb / 4P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCX54BCX56 SIEMENS-BCX54BCX56 Datasheet
146Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com