Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSKL26-14 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # VSKL26-14
Description  ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 27 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKL26-14 Datasheet(HTML) 8 Page - Vishay Siliconix

  VSKL26-14 Datasheet HTML 1Page - Vishay Siliconix VSKL26-14 Datasheet HTML 2Page - Vishay Siliconix VSKL26-14 Datasheet HTML 3Page - Vishay Siliconix VSKL26-14 Datasheet HTML 4Page - Vishay Siliconix VSKL26-14 Datasheet HTML 5Page - Vishay Siliconix VSKL26-14 Datasheet HTML 6Page - Vishay Siliconix VSKL26-14 Datasheet HTML 7Page - Vishay Siliconix VSKL26-14 Datasheet HTML 8Page - Vishay Siliconix VSKL26-14 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Document Number: 95368
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 11-Nov-08
1
ADD-A-PAK Generation VII - Thyristor
Outline Dimensions
Vishay Semiconductors
DIMENSIONS in millimeters (inches)
Viti M5 x 0.8
Screws M5 x 0.8
18 (0.7) REF.
15.5 ± 0.5
(0.6 ± 0.020)
Fast-on tab 2.8 x 0.8 (0.110 x 0.03)
80 ± 0.3 (3.15 ± 0.012)
92 ± 0.75 (3.6 ± 0.030)
20 ± 0.5 (0.79 ± 0.020)
20 ± 0.5 (0.79 ± 0.020)
15 ± 0.5 (0.59 ± 0.020)


Similar Part No. - VSKL26-14

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKL105-04 VISHAY-VSKL105-04 Datasheet
436Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 105 A
Revision: 17-May-10
VSKL105-06 VISHAY-VSKL105-06 Datasheet
436Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 105 A
Revision: 17-May-10
VSKL105-08 VISHAY-VSKL105-08 Datasheet
436Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 105 A
Revision: 17-May-10
VSKL105-10 VISHAY-VSKL105-10 Datasheet
436Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 105 A
Revision: 17-May-10
VSKL105-12 VISHAY-VSKL105-12 Datasheet
436Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 105 A
Revision: 17-May-10
More results

Similar Description - VSKL26-14

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSK2604 VISHAY-VSK2604 Datasheet
319Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor
Revision: 14-Jan-14
VSKU7104 VISHAY-VSKU7104 Datasheet
272Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor
Revision: 14-Jan-14
VSKU9116 VISHAY-VSKU9116 Datasheet
280Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 95 A
Revision: 14-Jan-14
VSKT71 VISHAY-VSKT71_10 Datasheet
438Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 75 A
Revision: 17-May-10
VSKT105 VISHAY-VSKT105_10 Datasheet
436Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 105 A
Revision: 17-May-10
VSKT91 VISHAY-VSKT91_10 Datasheet
451Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 95 A
Revision: 17-May-10
VSKU105 VISHAY-VSKU105_10 Datasheet
351Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 105 A
Revision: 17-May-10
VSKU91 VISHAY-VSKU91 Datasheet
369Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 95 A
Revision: 17-May-10
VS-VSK.41 VISHAY-VS-VSK.41 Datasheet
508Kb / 11P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 45 A/60 A
Revision: 21-Mar-14
VSKT41 VISHAY-VSKT41_10 Datasheet
734Kb / 11P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 45 A/60 A
Revision: 17-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com