Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSKU91 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VSKU91
Description  ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 95 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKU91 Datasheet(HTML) 6 Page - Vishay Siliconix

  VSKU91 Datasheet HTML 1Page - Vishay Siliconix VSKU91 Datasheet HTML 2Page - Vishay Siliconix VSKU91 Datasheet HTML 3Page - Vishay Siliconix VSKU91 Datasheet HTML 4Page - Vishay Siliconix VSKU91 Datasheet HTML 5Page - Vishay Siliconix VSKU91 Datasheet HTML 6Page - Vishay Siliconix VSKU91 Datasheet HTML 7Page - Vishay Siliconix VSKU91 Datasheet HTML 8Page - Vishay Siliconix VSKU91 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 94655
6
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 17-May-10
VSKU91.., VSKV91.. Series
Vishay Semiconductors
ADD-A-PAK Generation VII
Power Modules Thyristor/Thyristor, 95 A
Fig. 10 - Thermal Impedance ZthJC Characteristics
Fig. 11 - Gate Characteristics
ORDERING INFORMATION TABLE
Note
• To order the optional hardware go to www.vishay.com/doc?95172
Square wave pulse duration (s)
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
Steady state value
RthJC = 0.22 °C/W
(DC operation)
Per leg
0.1
1
10
100
0.001
0.01
0.1
1
10
100
1000
(b)
(a)
Rec tangular ga te pulse
(4)
(3) (2)
(1)
a)Recommended load line for
b)Recommended load line for
VGD
IGD
Frequenc y Limited by PG(AV)
(1) PGM = 200 W, tp = 300 µs
(2) PGM = 60 W, tp = 1 ms
(3) PGM = 30 W, tp = 2 ms
(4) PGM = 12 W, tp = 5 ms
<= 30%rated di/ dt: 15 V, 40 ohms
tr = 1 µs, tp >= 6 µs
ra ted di/ d t: 20 V, 20 ohms
tr = 0.5 µs, tp >= 6 µs
IRK.71../ .91.. Series
Instantaneous gate current (A)
VSK.
1
-
Module type
2
-
Circuit configuration (see end of datasheet)
3
-
Current code (95 A)
4
-
Voltage code (see Voltage Ratings table)
Device code
13
24
VSK
U
91
/
16


Similar Part No. - VSKU91

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKU9116 VISHAY-VSKU9116 Datasheet
280Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 95 A
Revision: 14-Jan-14
More results

Similar Description - VSKU91

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKT91 VISHAY-VSKT91_10 Datasheet
451Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 95 A
Revision: 17-May-10
VSKU7104 VISHAY-VSKU7104 Datasheet
272Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor
Revision: 14-Jan-14
VSKU9116 VISHAY-VSKU9116 Datasheet
280Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 95 A
Revision: 14-Jan-14
VSKU4104 VISHAY-VSKU4104 Datasheet
415Kb / 12P
   ADD-A-PAK Generation VII Power Modules Thyristor
Revision: 14-Jan-14
VSKU105 VISHAY-VSKU105_10 Datasheet
351Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 105 A
Revision: 17-May-10
VSKU71 VISHAY-VSKU71 Datasheet
352Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 75 A
Revision: 17-May-10
VSK2604 VISHAY-VSK2604 Datasheet
319Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor
Revision: 14-Jan-14
VSKT10504 VISHAY-VSKT10504 Datasheet
324Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode
Revision: 14-Jan-14
VSKT71 VISHAY-VSKT71_10 Datasheet
438Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 75 A
Revision: 17-May-10
VSKT26 VISHAY-VSKT26_10 Datasheet
418Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 27 A
Revision: 17-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com