Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSKT250-10PBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VSKT250-10PBF
Description  SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A/250 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKT250-10PBF Datasheet(HTML) 3 Page - Vishay Siliconix

  VSKT250-10PBF Datasheet HTML 1Page - Vishay Siliconix VSKT250-10PBF Datasheet HTML 2Page - Vishay Siliconix VSKT250-10PBF Datasheet HTML 3Page - Vishay Siliconix VSKT250-10PBF Datasheet HTML 4Page - Vishay Siliconix VSKT250-10PBF Datasheet HTML 5Page - Vishay Siliconix VSKT250-10PBF Datasheet HTML 6Page - Vishay Siliconix VSKT250-10PBF Datasheet HTML 7Page - Vishay Siliconix VSKT250-10PBF Datasheet HTML 8Page - Vishay Siliconix VSKT250-10PBF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Document Number: 94417
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 02-Jul-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
VSK.170PbF, VSK.250PbF Series
SCR/SCR and SCR/Diode
(MAGN-A-PAK Power Modules), 170 A/250 A
Vishay Semiconductors
SWITCHING
PARAMETER
SYMBOL
TEST CONDITIONS
VSK.170
VSK.250
UNITS
Typical delay time
td
TJ = 25 °C, gate current = 1 A dIg/dt = 1 A/μs
Vd = 0.67 % VDRM
1.0
μs
Typical rise time
tr
2.0
Typical turn-off time
tq
ITM = 300 A; dI/dt = 15 A/μs; TJ = TJ maximum;
VR = 50 V; dV/dt = 20 V/μs; gate 0 V, 100 
50 to 150
BLOCKING
PARAMETER
SYMBOL
TEST CONDITIONS
VSK.170
VSK.250
UNITS
Maximum peak reverse and
off-state leakage current
IRRM,
IDRM
TJ = TJ maximum
50
60
mA
RMS insulation voltage
VINS
50 Hz, circuit to base, all terminals shorted, 25 °C, 1 s
3000
V
Critical rate of rise of off-state voltage
dV/dt
TJ = TJ maximum, exponential to 67 % rated VDRM
1000
V/μs
TRIGGERING
PARAMETER
SYMBOL
TEST CONDITIONS
VSK.170
VSK.250
UNITS
Maximum peak gate power
PGM
tp  5 ms, TJ = TJ maximum
10.0
W
Maximum average gate power
PG(AV)
f = 50 Hz, TJ = TJ maximum
2.0
Maximum peak gate current
+ IGM
tp  5 ms, TJ = TJ maximum
3.0
A
Maximum peak negative gate voltage
- VGT
tp  5 ms, TJ = TJ maximum
5.0
V
Maximum required DC gate voltage to trigger
VGT
TJ = - 40 °C
Anode supply = 12 V,
resistive load; Ra = 1
4.0
TJ = 25 °C
3.0
TJ = TJ maximum
2.0
Maximum required DC gate current to trigger
IGT
TJ = - 40 °C
Anode supply = 12 V,
resistive load; Ra = 1
350
mA
TJ = 25 °C
200
TJ = TJ maximum
100
Maximum gate voltage that will not trigger
VGD
TJ = TJ maximum, rated VDRM applied
0.25
V
Maximum gate current that willnot trigger
IGD
TJ = TJ maximum, rated VDRM applied
10.0
mA
Maximum rate of rise of turned-on current
dI/dt
TJ = TJ maximum, ITM = 400 A,
rated VDRM applied
500
A/μs
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VSK.170
VSK.250
UNITS
Junction operating and storage
temperature range
TJ, TStg
- 40 to 130
°C
Maximum thermal resistance,
junction to case per junction
RthJC
DC operation
0.17
0.125
K/W
Typical thermal resistance,
case to heatsink per module
RthCS
Mounting surface flat, smooth and greased
0.02
0.02
Mounting torque ± 10 %
MAP to heatsink
A mounting compound is recommended
and the torque should be rechecked after
a period of about 3 hours to allow for the
spread of the compound.
4 to 6
Nm
busbar to MAP
Approximate weight
500
g
17.8
oz.
Case style
MAGN-A-PAK


Similar Part No. - VSKT250-10PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKT25016PBF VISHAY-VSKT25016PBF Datasheet
245Kb / 11P
   SCR/SCR and SCR/Diode (MAGN-A-PAKTM Power Modules), 170/250 A
Revision: 22-Apr-08
More results

Similar Description - VSKT250-10PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSK.170PBF VISHAY-VS-VSK.170PBF_V02 Datasheet
273Kb / 12P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A, 250 A
01-Jan-2023
VS-VSK170PBF VISHAY-VS-VSK170PBF_V01 Datasheet
274Kb / 12P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A, 250 A
01-Jan-2022
IRKT250-14 VISHAY-IRKT250-14 Datasheet
313Kb / 12P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A/250 A
Revision: 02-Jul-10
VSK170PBF VISHAY-VSK170PBF Datasheet
245Kb / 11P
   SCR/SCR and SCR/Diode (MAGN-A-PAKTM Power Modules), 170/250 A
Revision: 22-Apr-08
logo
International Rectifier
IRK IRF-IRK Datasheet
150Kb / 6P
   SCR / SCR and SCR / DIODE MAGN-A-pak Power Modules
logo
Vishay Siliconix
VS-VSK230PBF VISHAY-VS-VSK230PBF_V01 Datasheet
170Kb / 9P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
01-Jan-2022
VSKT230 VISHAY-VSKT230 Datasheet
345Kb / 8P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
Revision: 02-Jul-10
VS-VSK.230PBF VISHAY-VS-VSK.230PBF Datasheet
186Kb / 9P
   SCR / SCR and SCR / Diode (MAGN-A-PAK Power Modules), 230 A
Revision: 27-Apr-17
VS-VSK.230..PBF VISHAY-VS-VSK.230..PBF Datasheet
168Kb / 9P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
01-Jan-2022
VS-VSK.230..PBF VISHAY-VS-VSK.230..PBF_V01 Datasheet
169Kb / 9P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com