Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSKN105-12 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VSKN105-12
Description  ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 105 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKN105-12 Datasheet(HTML) 2 Page - Vishay Siliconix

  VSKN105-12 Datasheet HTML 1Page - Vishay Siliconix VSKN105-12 Datasheet HTML 2Page - Vishay Siliconix VSKN105-12 Datasheet HTML 3Page - Vishay Siliconix VSKN105-12 Datasheet HTML 4Page - Vishay Siliconix VSKN105-12 Datasheet HTML 5Page - Vishay Siliconix VSKN105-12 Datasheet HTML 6Page - Vishay Siliconix VSKN105-12 Datasheet HTML 7Page - Vishay Siliconix VSKN105-12 Datasheet HTML 8Page - Vishay Siliconix VSKN105-12 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 94628
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 17-May-10
VSKT105.., VSKH105.., VSKL105.., VSKN105.. Series
Vishay Semiconductors
ADD-A-PAK Generation VII Power Modules
Thyristor/Diode and Thyristor/Thyristor, 105 A
ELECTRICAL SPECIFICATIONS
Notes
(1) I2t for time tx = I2
√t x √tx
(2) Average power = VT(TO) x IT(AV) + rt x (IT(RMS))2
(3) 16.7 % x
π x IAV < I < π x IAV
(4) I >
π x IAV
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM
REPETITIVE PEAK
REVERSE VOLTAGE
V
VRSM, MAXIMUM
NON-REPETITIVE PEAK
REVERSE VOLTAGE
V
VDRM, MAXIMUM REPETITIVE
PEAK OFF-STATE VOLTAGE,
GATE OPEN CIRCUIT
V
IRRM, IDRM
AT 130 °C
mA
VSK.105
04
400
500
400
20
06
600
700
600
08
800
900
800
10
1000
1100
1000
12
1200
1300
1200
14
1400
1500
1400
16
1600
1700
1600
ON-STATE CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average on-state current (thyristors)
IT(AV)
180° conduction, half sine wave,
TC = 85 °C
105
A
Maximum average forward current (diodes)
IF(AV)
Maximum continuous RMS on-state current,
as AC switch
IO(RMS)
235
Maximum peak, one-cycle non-repetitive
on-state or forward current
ITSM
or
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal
half wave,
initial TJ = TJ maximum
2000
t = 8.3 ms
2094
t = 10 ms
100 % VRRM
reapplied
1682
t = 8.3 ms
1760
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
Initial TJ = TJ maximum
20
kA2s
t = 8.3 ms
18.26
t = 10 ms
100 % VRRM
reapplied
14.14
t = 8.3 ms
12.91
Maximum I2
√t for fusing
I2
√t (1)
t = 0.1 ms to 10 ms, no voltage reapplied
TJ = TJ maximum
200
kA2
√s
Maximum value or threshold voltage
VT(TO) (2)
Low level (3)
TJ = TJ maximum
0.98
V
High level (4)
1.12
Maximum value of on-state
slope resistance
rt (2)
Low level (3)
TJ = TJ maximum
2.7
m
Ω
High level (4)
2.34
Maximum peak on-state or forward voltage
VTM
ITM =
π x IT(AV)
TJ = 25 °C
1.8
V
VFM
IFM =
π x IF(AV)
Maximum non-repetitive rate of rise of
turned on current
dI/dt
TJ = 25 °C, from 0.67 VDRM,
ITM =
π x IT(AV), Ig = 500 mA, tr < 0.5 μs, tp > 6 μs
150
A/μs
Maximum holding current
IH
TJ = 25 °C, anode supply = 6 V,
resistive load, gate open circuit
250
mA
Maximum latching current
IL
TJ = 25 °C, anode supply = 6 V, resistive load
400
or
I
(RMS)
I
(RMS)


Similar Part No. - VSKN105-12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKN26-04 VISHAY-VSKN26-04 Datasheet
418Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 27 A
Revision: 17-May-10
VSKN26-06 VISHAY-VSKN26-06 Datasheet
418Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 27 A
Revision: 17-May-10
VSKN26-08 VISHAY-VSKN26-08 Datasheet
418Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 27 A
Revision: 17-May-10
VSKN26-10 VISHAY-VSKN26-10 Datasheet
418Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 27 A
Revision: 17-May-10
VSKN26-12 VISHAY-VSKN26-12 Datasheet
418Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 27 A
Revision: 17-May-10
More results

Similar Description - VSKN105-12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKU105 VISHAY-VSKU105_10 Datasheet
351Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 105 A
Revision: 17-May-10
VSK2604 VISHAY-VSK2604 Datasheet
319Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor
Revision: 14-Jan-14
VSKU7104 VISHAY-VSKU7104 Datasheet
272Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor
Revision: 14-Jan-14
VSKU9116 VISHAY-VSKU9116 Datasheet
280Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 95 A
Revision: 14-Jan-14
VSKT71 VISHAY-VSKT71_10 Datasheet
438Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 75 A
Revision: 17-May-10
VSKT26 VISHAY-VSKT26_10 Datasheet
418Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 27 A
Revision: 17-May-10
VSKT91 VISHAY-VSKT91_10 Datasheet
451Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 95 A
Revision: 17-May-10
VSKU91 VISHAY-VSKU91 Datasheet
369Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 95 A
Revision: 17-May-10
VS-VSK.41 VISHAY-VS-VSK.41 Datasheet
508Kb / 11P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 45 A/60 A
Revision: 21-Mar-14
VSKT41 VISHAY-VSKT41_10 Datasheet
734Kb / 11P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 45 A/60 A
Revision: 17-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com