Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSKU71-12 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VSKU71-12
Description  ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 75 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKU71-12 Datasheet(HTML) 1 Page - Vishay Siliconix

  VSKU71-12 Datasheet HTML 1Page - Vishay Siliconix VSKU71-12 Datasheet HTML 2Page - Vishay Siliconix VSKU71-12 Datasheet HTML 3Page - Vishay Siliconix VSKU71-12 Datasheet HTML 4Page - Vishay Siliconix VSKU71-12 Datasheet HTML 5Page - Vishay Siliconix VSKU71-12 Datasheet HTML 6Page - Vishay Siliconix VSKU71-12 Datasheet HTML 7Page - Vishay Siliconix VSKU71-12 Datasheet HTML 8Page - Vishay Siliconix VSKU71-12 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 94654
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 17-May-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
ADD-A-PAK Generation VII
Power Modules Thyristor/Thyristor, 75 A
VSKU71.., VSKV71.. Series
Vishay Semiconductors
MECHANICAL DESCRIPTION
The
ADD-A-PAK
generation
VII,
new
generation
of
ADD-A-PAK module, combines the excellent thermal
performances obtained by the usage of exposed direct
bonded copper substrate, with advanced compact simple
package solution and simplified internal structure with
minimized number of interfaces.
FEATURES
• High voltage
• Industrial standard package
• Low thermal resistance
• UL approved file E78996
• Compliant to RoHS directive 2002/95/EC
• Designed and qualified for industrial level
BENEFITS
• Excellent thermal performances obtained by the usage of
exposed direct bonded copper substrate
• Up to 1600 V
• High surge capability
• Easy mounting on heatsink
ELECTRICAL DESCRIPTION
These modules are intended for general purpose high
voltage applications such as high voltage regulated power
supplies, lighting circuits, temperature and motor speed
control circuits, UPS and battery charger.
PRODUCT SUMMARY
IT(AV)
75 A
ADD-A-PAK
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IT(AV)
85 °C
75
A
IT(RMS)
115
ITSM
50 Hz
1300
60 Hz
1360
I2t
50 Hz
8.45
kA2s
60 Hz
7.68
I2
√t
84.5
kA2
√s
VRRM
Range
400 to 1600
V
TStg
- 40 to 125
°C
TJ


Similar Part No. - VSKU71-12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKU7104 VISHAY-VSKU7104 Datasheet
272Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor
Revision: 14-Jan-14
More results

Similar Description - VSKU71-12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKU7104 VISHAY-VSKU7104 Datasheet
272Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor
Revision: 14-Jan-14
VSKU9116 VISHAY-VSKU9116 Datasheet
280Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 95 A
Revision: 14-Jan-14
VSKT71 VISHAY-VSKT71_10 Datasheet
438Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 75 A
Revision: 17-May-10
VSKU4104 VISHAY-VSKU4104 Datasheet
415Kb / 12P
   ADD-A-PAK Generation VII Power Modules Thyristor
Revision: 14-Jan-14
VSKU105 VISHAY-VSKU105_10 Datasheet
351Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 105 A
Revision: 17-May-10
VSKU91 VISHAY-VSKU91 Datasheet
369Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 95 A
Revision: 17-May-10
VSK2604 VISHAY-VSK2604 Datasheet
319Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor
Revision: 14-Jan-14
VSKT10504 VISHAY-VSKT10504 Datasheet
324Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode
Revision: 14-Jan-14
VSKT26 VISHAY-VSKT26_10 Datasheet
418Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 27 A
Revision: 17-May-10
VSKT105 VISHAY-VSKT105_10 Datasheet
436Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 105 A
Revision: 17-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com