Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSKV71-12 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VSKV71-12
Description  ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 75 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKV71-12 Datasheet(HTML) 3 Page - Vishay Siliconix

  VSKV71-12 Datasheet HTML 1Page - Vishay Siliconix VSKV71-12 Datasheet HTML 2Page - Vishay Siliconix VSKV71-12 Datasheet HTML 3Page - Vishay Siliconix VSKV71-12 Datasheet HTML 4Page - Vishay Siliconix VSKV71-12 Datasheet HTML 5Page - Vishay Siliconix VSKV71-12 Datasheet HTML 6Page - Vishay Siliconix VSKV71-12 Datasheet HTML 7Page - Vishay Siliconix VSKV71-12 Datasheet HTML 8Page - Vishay Siliconix VSKV71-12 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 94654
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 17-May-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
VSKU71.., VSKV71.. Series
ADD-A-PAK Generation VII
Power Modules Thyristor/Thyristor, 75 A
Vishay Semiconductors
Note
• Table shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
TRIGGERING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum peak gate power
PGM
12
W
Maximum average gate power
PG(AV)
3.0
Maximum peak gate current
IGM
3.0
A
Maximum peak negative gate voltage
- VGM
10
V
Maximum gate voltage required to trigger
VGT
TJ = - 40 °C
Anode supply = 6 V
resistive load
4.0
TJ = 25 °C
2.5
TJ = 125 °C
1.7
Maximum gate current required to trigger
IGT
TJ = - 40 °C
Anode supply = 6 V
resistive load
270
mA
TJ = 25 °C
150
TJ = 125 °C
80
Maximum gate voltage that will not trigger
VGD
TJ = 125 °C, rated VDRM applied
0.25
V
Maximum gate current that will not trigger
IGD
TJ = 125 °C, rated VDRM applied
6
mA
BLOCKING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum peak reverse and off-state
leakage current at VRRM, VDRM
IRRM,
IDRM
TJ = 125 °C, gate open circuit
15
mA
Maximum RMS insulation voltage
VINS
50 Hz
3000 (1 min)
3600 (1 s)
V
Maximum critical rate of rise of off-state voltage
dV/dt
TJ = 125 °C, linear to 0.67 VDRM
1000
V/μs
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Junction operating and storage
temperature range
TJ, TStg
- 40 to 125
°C
Maximum internal thermal resistance,
junction to case per leg
RthJC
DC operation
0.29
°C/W
Typical thermal resistance,
case to heatsink per module
RthCS
Mounting surface flat, smooth and greased
0.1
Mounting torque ± 10 %
to heatsink
A mounting compound is recommended and the
torque should be rechecked after a period of
3 hours to allow for the spread of the compound.
4
Nm
busbar
3
Approximate weight
75
g
2.7
oz.
Case style
JEDEC
TO-240AA compatible
ΔR CONDUCTION PER JUNCTION
DEVICES
SINE HALF WAVE CONDUCTION
RECTANGULAR WAVE CONDUCTION
UNITS
180°
120°
90°
60°
30°
180°
120°
90°
60°
30°
VSK.71..
0.052
0.062
0.079
0.116
0.197
0.037
0.064
0.085
0.121
0.200
°C/W


Similar Part No. - VSKV71-12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKV105-04 VISHAY-VSKV105-04 Datasheet
351Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 105 A
Revision: 17-May-10
VSKV105-04 VISHAY-VSKV105-04 Datasheet
351Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 105 A
Revision: 17-May-10
VSKV105-08 VISHAY-VSKV105-08 Datasheet
351Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 105 A
Revision: 17-May-10
VSKV105-08 VISHAY-VSKV105-08 Datasheet
351Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 105 A
Revision: 17-May-10
VSKV105-12 VISHAY-VSKV105-12 Datasheet
351Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 105 A
Revision: 17-May-10
More results

Similar Description - VSKV71-12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKU7104 VISHAY-VSKU7104 Datasheet
272Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor
Revision: 14-Jan-14
VSKU9116 VISHAY-VSKU9116 Datasheet
280Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 95 A
Revision: 14-Jan-14
VSKT71 VISHAY-VSKT71_10 Datasheet
438Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 75 A
Revision: 17-May-10
VSKU4104 VISHAY-VSKU4104 Datasheet
415Kb / 12P
   ADD-A-PAK Generation VII Power Modules Thyristor
Revision: 14-Jan-14
VSKU105 VISHAY-VSKU105_10 Datasheet
351Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 105 A
Revision: 17-May-10
VSKU91 VISHAY-VSKU91 Datasheet
369Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 95 A
Revision: 17-May-10
VSK2604 VISHAY-VSK2604 Datasheet
319Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor
Revision: 14-Jan-14
VSKT10504 VISHAY-VSKT10504 Datasheet
324Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode
Revision: 14-Jan-14
VSKT26 VISHAY-VSKT26_10 Datasheet
418Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 27 A
Revision: 17-May-10
VSKT105 VISHAY-VSKT105_10 Datasheet
436Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 105 A
Revision: 17-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com